Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6723UTD-T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6723UTD-T
Description  Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6723UTD-T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6723UTD-T Datasheet HTML 6Page - Maxim Integrated Products MAX6723UTD-T Datasheet HTML 7Page - Maxim Integrated Products MAX6723UTD-T Datasheet HTML 8Page - Maxim Integrated Products MAX6723UTD-T Datasheet HTML 9Page - Maxim Integrated Products MAX6723UTD-T Datasheet HTML 10Page - Maxim Integrated Products MAX6723UTD-T Datasheet HTML 11Page - Maxim Integrated Products MAX6723UTD-T Datasheet HTML 12Page - Maxim Integrated Products MAX6723UTD-T Datasheet HTML 13Page - Maxim Integrated Products MAX6723UTD-T Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
restarts. The MAX6715/MAX6717/MAX6719/MAX6721/
MAX6723/MAX6725/MAX6727/MAX6728 contain open-
drain reset outputs, while the MAX6716/MAX6718/
MAX6720/MAX6722/MAX6724/MAX6726/MAX6729
contain push-pull reset outputs. The MAX6727 provides
two separate open-drain RST outputs driven by the
same internal logic.
Manual Reset Input
Many microprocessor-based products require manual
reset capability, allowing the operator, a test techni-
cian, or external logic circuitry to initiate a reset. A logic
low on MR asserts the reset output. Reset remains
asserted while MR is low and for the reset timeout peri-
od (tRP) after MR returns high. This input has an internal
50k
Ω pullup resistor to VCC1 and can be left uncon-
nected if not used. MR can be driven with TTL or
CMOS logic levels, or with open-drain/collector outputs.
Connect a normally open momentary switch from MR to
GND to create a manual reset function; external
debounce circuitry is not required. If MR is driven from
long cables or if the device is used in a noisy environ-
ment, connect a 0.1µF capacitor from MR to GND to
provide additional noise immunity.
Adjustable Input Voltage
The MAX6719/MAX6720 and MAX6723–MAX6727 provide
an additional input to monitor a third system voltage. The
threshold voltage at RSTIN is typically 626mV. Connect a
resistor-divider network to the circuit as shown in Figure 1
to establish an externally controlled threshold voltage,
VEXT_TH.
VEXT_TH = 626mV((R1 + R2)/R2)
Low leakage current at RSTIN allows the use of large-
valued resistors resulting in reduced power consump-
tion of the system.
Watchdog Input
The watchdog monitors µP activity through the watch-
dog input (WDI). To use the watchdog function, con-
nect WDI to a bus line or µP I/O line. When WDI
remains high or low for longer than the watchdog time-
out period, the reset output asserts.
The MAX6721–MAX6729 include a dual-mode watch-
dog timer to monitor µP activity. The flexible timeout
architecture provides a long period initial watchdog
mode, allowing complicated systems to complete
lengthy boots, and a short period normal watchdog
mode, allowing the supervisor to provide quick alerts
when processor activity fails. After each reset event
(VCC power-up/brownout, manual reset, or watchdog
reset), there is a long initial watchdog period of 35s
minimum. The long watchdog period mode provides an
extended time for the system to power-up and fully ini-
tialize all µP and system components before assuming
responsibility for routine watchdog updates.
The normal watchdog timeout period (1.12s min)
begins after the first transition on WDI before the con-
clusion of the long initial watchdog period (Figure 2).
During the normal operating mode, the supervisor will
issue a reset pulse for the reset timeout period if the µP
does not update the WDI with a valid transition (high-to-
low or low-to-high) within the standard timeout period
(1.12s min).
Power-Fail Comparator
PFI is the noninverting input to a comparator. If PFI is
less than VPFI (626.5mV), PFO goes low. Common uses
for the power-fail comparator include monitoring prereg-
ulated input of the power supply (such as a battery) or
Dual/Triple Ultra-Low-Voltage SOT23 µP
Supervisory Circuits
10
______________________________________________________________________________________
MAX6719/
MAX6720/
MAX6723–
MAX6727
VEXT_TH
R1
R2
RSTIN
GND
Figure 1. Monitoring a Third Voltage
1.12s MAX
tWDI-NORMAL
1.12s MAX
tWDI-STARTUP
35s MAX
VTH
VCC
WDI
RESET
tRP
Figure 2. Normal Watchdog Startup Sequence


Similar Part No. - MAX6723UTD-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6723 MAXIM-MAX6723 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6723 MAXIM-MAX6723 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23
Rev 5; 12/05
MAX6723A MAXIM-MAX6723A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
More results

Similar Description - MAX6723UTD-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6717UKSVD3-T MAXIM-MAX6717UKSVD3-T Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23
Rev 5; 12/05
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6736 MAXIM-MAX6736 Datasheet
236Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com