Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6420UK29-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6420UK29-T
Description  Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6420UK29-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6420UK29-T Datasheet HTML 4Page - Maxim Integrated Products MAX6420UK29-T Datasheet HTML 5Page - Maxim Integrated Products MAX6420UK29-T Datasheet HTML 6Page - Maxim Integrated Products MAX6420UK29-T Datasheet HTML 7Page - Maxim Integrated Products MAX6420UK29-T Datasheet HTML 8Page - Maxim Integrated Products MAX6420UK29-T Datasheet HTML 9Page - Maxim Integrated Products MAX6420UK29-T Datasheet HTML 10Page - Maxim Integrated Products MAX6420UK29-T Datasheet HTML 11Page - Maxim Integrated Products MAX6420UK29-T Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Layout Consideration
SRT is a precise current source. When developing the
layout for the application, be careful to minimize board
capacitance and leakage currents around this pin.
Traces connected to SRT should be kept as short as
possible. Traces carrying high-speed digital signals
and traces with large voltage potentials should be rout-
ed as far from SRT as possible. Leakage current and
stray capacitance (e.g., a scope probe) at this pin
could cause errors in the reset timeout period. When
evaluating these parts, use clean prototype boards to
ensure accurate reset periods.
RESET IN is a high-impedance input, which is typically
driven by a high-impedance resistor-divider network
(e.g., 1M
Ω to 10MΩ). Minimize coupling to transient sig-
nals by keeping the connections to this input short. Any
DC leakage current at RESET IN (e.g., a scope probe)
causes errors in the programmed reset threshold.
Chip Information
TRANSISTOR COUNT: 325
PROCESS: BiCMOS
Low-Power, Single/Dual-Voltage µP Reset Circuits
with Capacitor-Adjustable Reset Timeout Delay
MAX6412–MAX6420
Maxim Integrated
9
Table 1. Reset Voltages Suffix Table
SUFFIX
MIN
TYP
MAX
16
1.536
1.575
1.614
17
1.623
1.665
1.707
18
1.755
1.800
1.845
19
1.853
1.900
1.948
20
1.950
2.000
2.050
21
2.048
2.100
2.153
22
2.133
2.188
2.243
23
2.313
2.313
2.371
24
2.340
2.400
2.460
25
2.438
2.500
2.563
26
2.559
2.625
2.691
27
2.633
2.700
2.768
28
2.730
2.800
2.870
29
2.852
2.925
2.998
30
2.925
3.000
3.075
31
2.998
3.075
3.152
32
3.120
3.200
3.280
33
3.218
3.300
3.383
34
3.315
3.400
3.485
35
3.413
3.500
3.558
36
3.510
3.600
3.690
37
3.608
3.700
3.793
38
3.705
3.800
3.895
39
3.803
3.900
3.998
40
3.900
4.000
4.100
41
3.998
4.100
4.203
42
4.095
4.200
4.305
43
4.193
4.300
4.408
44
4.266
4.375
4.484
45
4.388
4.500
4.613
46
4.509
4.625
4.741
47
4.583
4.700
4.818
48
4.680
4.800
4.920
49
4.778
4.900
5.023
50
4.875
5.000
5.125


Similar Part No. - MAX6420UK29-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6420UK29-T MAXIM-MAX6420UK29-T Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
More results

Similar Description - MAX6420UK29-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6412 MAXIM-MAX6412 Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6412 MAXIM-MAX6412_12 Datasheet
211Kb / 12P
   Low-Power, Single/Dual-Voltage μP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
MAX6746 MAXIM-MAX6746_10 Datasheet
159Kb / 14P
   uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 4; 9/10
MAX6746 MAXIM-MAX6746 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6412 MAXIM-MAX6412_10 Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
logo
SG Micro Corp
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com