Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6319MHUK46C-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6319MHUK46C-T
Description  5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6319MHUK46C-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6319MHUK46C-T Datasheet HTML 1Page - Maxim Integrated Products MAX6319MHUK46C-T Datasheet HTML 2Page - Maxim Integrated Products MAX6319MHUK46C-T Datasheet HTML 3Page - Maxim Integrated Products MAX6319MHUK46C-T Datasheet HTML 4Page - Maxim Integrated Products MAX6319MHUK46C-T Datasheet HTML 5Page - Maxim Integrated Products MAX6319MHUK46C-T Datasheet HTML 6Page - Maxim Integrated Products MAX6319MHUK46C-T Datasheet HTML 7Page - Maxim Integrated Products MAX6319MHUK46C-T Datasheet HTML 8Page - Maxim Integrated Products MAX6319MHUK46C-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
0
2
1
4
3
8
7
6
5
10
9
-40
0
20
-20
40
60
80
100
MAX6316/MAX6317/MAX6318/MAX6320/MAX6321
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 5V
VCC = 3V
VCC = 1V
0
30
20
10
50
40
90
80
70
60
100
-40
-20
0
20
40
60
80
100
VCC FALLING TO RESET PROPAGATION
DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
VCC FALLING AT 1mV/
µs
VRST - VCC = 100mV
140
180
160
240
220
200
300
280
260
320
-40
0
20
-20
40
60
80
100
MAX6316/MAX6317/MAX6319/MAX6320/MAX6322
MANUAL RESET TO RESET
PROPAGATION DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 5V
0.95
0.98
0.97
0.96
1.00
0.99
1.04
1.03
1.02
1.01
1.05
-40
-20
0
20
40
60
80
100
NORMALIZED RESET TIMEOUT
PERIOD vs. TEMPERATURE
TEMPERATURE (
°C)
0.95
0.98
0.97
0.96
1.00
0.99
1.04
1.03
1.02
1.01
1.05
-40
-20
0
20
40
60
80
100
MAX6316/MAX6317/MAX6318/MAX6320/MAX6321
NORMALIZED WATCHDOG TIMEOUT
PERIOD vs. TEMPERATURE
TEMPERATURE (
°C)
80
0
10
100
1000
MAXIMUM VCC TRANSIENT DURATION
vs. RESET THRESHOLD OVERDRIVE
20
10
RESET THRESHOLD OVERDRIVE (mV) VRST - VCC
30
50
60
40
70
VRST = 3.3V
VRST = 4.63V
VRST = 2.63V
RESET OCCURS ABOVE LINES
PASSIVE
4.7k
PULLUP
2V/div
RESET, ACTIVE
PULLUP
2V/div
RESET
INPUT
5V/div
200ns/div
MAX6316M/6318MH/6319MH
BIDIRECTIONAL
PULLUP CHARACTERISTICS
MAX6316toc07
100pF
4.7k
+5V
74HC05
74HC05
VCC
GND
MR
100pF
INPUT
INPUT
+5V
RESET
MAX6316–MAX6322
5-Pin µP Supervisory Circuits with
Watchdog and Manual Reset
4
Maxim Integrated


Similar Part No. - MAX6319MHUK46C-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6319MHUK-T MAXIM-MAX6319MHUK-T Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
MAX6319MHUK___-T MAXIM-MAX6319MHUK___-T Datasheet
1Mb / 15P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
2018
More results

Similar Description - MAX6319MHUK46C-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX6316 MAXIM-MAX6316 Datasheet
176Kb / 16P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
Rev 3; 1/99
MAX6316 MAXIM-MAX6316_V01 Datasheet
1Mb / 15P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
2018
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com