Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUS1DJC0GWZ Datasheet(PDF) 1 Page - Rohm

Part # BUS1DJC0GWZ
Description  1ch Ultra Small High Side Load Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BUS1DJC0GWZ Datasheet(HTML) 1 Page - Rohm

  BUS1DJC0GWZ Datasheet HTML 1Page - Rohm BUS1DJC0GWZ Datasheet HTML 2Page - Rohm BUS1DJC0GWZ Datasheet HTML 3Page - Rohm BUS1DJC0GWZ Datasheet HTML 4Page - Rohm BUS1DJC0GWZ Datasheet HTML 5Page - Rohm BUS1DJC0GWZ Datasheet HTML 6Page - Rohm BUS1DJC0GWZ Datasheet HTML 7Page - Rohm BUS1DJC0GWZ Datasheet HTML 8Page - Rohm BUS1DJC0GWZ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
1/20
TSZ02201-0R5R0GZ00010-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
11.Mar.2014 Rev.001
www.rohm.co.jp
TSZ22111・14・001
1ch Ultra Small High Side Load Switch
BUS1DJC0GWZ
General Description
BUS1DJC0GWZ
and
BUS1DJC3GWZ
are
low
ON-Resistance
high-side
power
switch
P-channel
MOSFETs. It comes in ultra-small package for portable
digital applications. This switch IC operates on low input
voltages ranging from 1.1V to 5.0V and exhibits a typical
ON-resistance of 63 m
Ω at 3.3V. The turn ON time of the
device can be controlled to avoid inrush current.
Features
P-MOSFET high-side load switch
Low input voltage
Ultra low bias current
Ultra low standby current
Built-in discharge circuit
Built-in soft start circuit
Built-in short circuit protection
Input logic : Active-High
Ultra small package
ESD protection
Applications
Digital cameras
Mobile phones
Smart phones
Portable devices
Digital video cameras
Key Specifications
Input Voltage Range:
1.1V to 5.0V
RON (at VIN=1.2V):
140m
Ω (Typ)
RON (at VIN=3.3V):
63m
Ω (Typ)
Bias Current:
0.35µA(Typ)
Standby Current:
0.01
μA (Typ)
Operating Temperature Range:
-30°C to +85°C
Package
W(Typ) x D(Typ) x H(Max)
UCSP30L1
0.8mm x 0.8mm x 0.35mm
Typical Application Circuits
Figure 1. Typical Application Circuits
VOUT
VIN
GND
CL
CIN
EN
ON/OFF
Datasheet


Similar Part No. - BUS1DJC0GWZ

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUS11 SEME-LAB-BUS11 Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
logo
Inchange Semiconductor ...
BUS11 ISC-BUS11 Datasheet
84Kb / 2P
   isc Silicon NPN Power Transistors
logo
Seme LAB
BUS11A SEME-LAB-BUS11A Datasheet
12Kb / 1P
   Bipolar NPN Device
logo
Savantic, Inc.
BUS12 SAVANTIC-BUS12 Datasheet
107Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUS12 ISC-BUS12 Datasheet
129Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - BUS1DJC0GWZ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2220G-LB ROHM-BD2220G-LB Datasheet
549Kb / 24P
   1ch Small Package High Side Switch ICs
BD1HC500EFJ-C ROHM-BD1HC500EFJ-C Datasheet
829Kb / 22P
   1ch High-side switch
BD1HX500 ROHM-BD1HX500 Datasheet
826Kb / 21P
   1ch High-side switch
BV1HV050FJ-C ROHM-BV1HV050FJ-C Datasheet
1Mb / 33P
   1ch High Side Switch
20.Jan.2023 Rev.001
BD1HX500 ROHM-BD1HX500_V01 Datasheet
1Mb / 21P
   1ch High-side switch
2022.05.10 Rev.004
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
BV1HD090FJ-C ROHM-BV1HD090FJ-C Datasheet
1Mb / 23P
   1ch High-side Switch IC
27.Dec2016 Rev.001
logo
ON Semiconductor
NCP338 ONSEMI-NCP338_16 Datasheet
145Kb / 8P
   2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 3
logo
Texas Instruments
TPS22930 TI-TPS22930 Datasheet
895Kb / 19P
[Old version datasheet]   ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
logo
ON Semiconductor
NCP338 ONSEMI-NCP338 Datasheet
181Kb / 8P
   2A Ultra-Small Controlled Load Switch
August, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com