Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6319LHUK46C-T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6319LHUK46C-T
Description  5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6319LHUK46C-T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6319LHUK46C-T Datasheet HTML 6Page - Maxim Integrated Products MAX6319LHUK46C-T Datasheet HTML 7Page - Maxim Integrated Products MAX6319LHUK46C-T Datasheet HTML 8Page - Maxim Integrated Products MAX6319LHUK46C-T Datasheet HTML 9Page - Maxim Integrated Products MAX6319LHUK46C-T Datasheet HTML 10Page - Maxim Integrated Products MAX6319LHUK46C-T Datasheet HTML 11Page - Maxim Integrated Products MAX6319LHUK46C-T Datasheet HTML 12Page - Maxim Integrated Products MAX6319LHUK46C-T Datasheet HTML 13Page - Maxim Integrated Products MAX6319LHUK46C-T Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MAX6316–MAX6322
5-Pin µP Supervisory Circuits with
Watchdog and Manual Reset
10
Maxim Integrated
Applications Information
Watchdog Input Current
The WDI input is internally driven through a buffer and
series resistor from the watchdog counter. For minimum
watchdog input current (minimum overall power con-
sumption), leave WDI low for the majority of the watch-
dog timeout period. When high, WDI can draw as much
as 160µA. Pulsing WDI high at a low duty cycle will
reduce the effect of the large input current. When WDI
is left unconnected, the watchdog timer is serviced
within the watchdog timeout period by a low-high-low
pulse from the counter chain.
Negative-Going VCC Transients
These supervisors are immune to short-duration, nega-
tive-going VCC transients (glitches), which usually do
not require the entire system to shut down. Typically,
200ns large-amplitude pulses (from ground to VCC) on
the supply will not cause a reset. Lower amplitude puls-
es result in greater immunity. Typically, a VCC transient
that goes 100mV under the reset threshold and lasts
less than 4µs will not trigger a reset. An optional 0.1µF
bypass capacitor mounted close to VCC provides addi-
tional transient immunity.
Ensuring Valid Reset Outputs
Down to VCC = 0V
The MAX6316_/MAX6317H/MAX6318_H/MAX6319_H/
MAX6321HP/MAX6322HP are guaranteed to operate
properly down to VCC = 1V. In applications that require
valid reset levels down to VCC = 0V, a pulldown resistor
to active-low outputs (push/pull and bidirectional only,
Figure 8) and a pullup resistor to active-high outputs
(push/pull only, Figure 9) will ensure that the reset line
is valid while the reset output can no longer sink or
source current. This scheme does not work with the
open-drain outputs of the MAX6320/MAX6321/MAX6322.
The resistor value used is not critical, but it must be
large enough not to load the reset output when VCC is
above the reset threshold. For most applications,
100k
Ω is adequate.
Watchdog Software Considerations
(MAX6316/MAX6317/MAX6318/
MAX6320/MAX6321)
One way to help the watchdog timer monitor software
execution more closely is to set and reset the watchdog
input at different points in the program, rather than
pulsing the watchdog input high-low-high or low-high-
low. This technique avoids a stuck loop, in which the
watchdog timer would continue to be reset inside the
loop, keeping the watchdog from timing out.
VCC
tWD
tRP
tRP
tRST
WDI
RESET
MAX6316/MAX6317
MAX6318/MAX6320
MAX6321
Figure 7. Watchdog Timing Relationship
GND
*THIS SCHEMATIC DOES NOT WORK ON THE OPEN-DRAIN
OUTPUTS OF THE MAX6321/MAX6322.
100k
VCC
VCC
RESET
MAX6317
MAX6318
MAX6319
MAX6321*
MAX6322*
Figure 9. Ensuring RESET Valid to VCC = 0V on Active-High
Push/Pull Outputs
GND
100k
VCC
VCC
RESET
MAX6316
MAX6318
MAX6319
Figure 8. Ensuring RESET Valid to VCC = 0V on Active-Low
Push/Pull and Bidirectional Outputs


Similar Part No. - MAX6319LHUK46C-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6319LHUK46C-T MAXIM-MAX6319LHUK46C-T Datasheet
176Kb / 16P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
Rev 3; 1/99
More results

Similar Description - MAX6319LHUK46C-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX6316 MAXIM-MAX6316 Datasheet
176Kb / 16P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
Rev 3; 1/99
MAX6316 MAXIM-MAX6316_V01 Datasheet
1Mb / 15P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
2018
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com