Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU97941FV-LBE2 Datasheet(PDF) 11 Page - Rohm

Part # BU97941FV-LBE2
Description  Multifunction LCD Segment Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU97941FV-LBE2 Datasheet(HTML) 11 Page - Rohm

Back Button BU97941FV-LBE2 Datasheet HTML 7Page - Rohm BU97941FV-LBE2 Datasheet HTML 8Page - Rohm BU97941FV-LBE2 Datasheet HTML 9Page - Rohm BU97941FV-LBE2 Datasheet HTML 10Page - Rohm BU97941FV-LBE2 Datasheet HTML 11Page - Rohm BU97941FV-LBE2 Datasheet HTML 12Page - Rohm BU97941FV-LBE2 Datasheet HTML 13Page - Rohm BU97941FV-LBE2 Datasheet HTML 14Page - Rohm BU97941FV-LBE2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Datasheet
Datasheet
11/23
TSZ02201-0P4P0D300500-1-2
26.Feb.2014 Rev.002
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
BU97941FV-LB
MAX 104 segments (SEG26×COM4)
3.
Address set command (ADSET)
MSB
LSB
MSB
D/C
D6
D5
D4
D3
D2
D1
D0
Hex
Reset
1st byte Command
1
0
0
0
0
0
1
1
83h
-
2nd byte Command
0
0
0
P4
P3
P2
P1
P0
-
00h
Sets the starting RAM address for normal display.
Address can be set from 00h to 1Bh.
Setting is prohibited for addresses not written above.
Address during Reset is 00h.
When writing to RAM, a separate RAM WRITE setting is needed.
4.
LED control command (LEDCTL)
MSB
LSB
MSB
D/C
D6
D5
D4
D3
D2
D1
D0
Hex
Reset
1st byte Command
1
0
0
0
0
1
0
1
85h
-
2nd byte Command
0
0
0
0
P3
P2
P1
P0
-
00h
Sets the driver of the LED port. Setting during Reset is 00h.
The relationship between each parameter and the Drive board is as follows:
LED1
P0
LED2
P1
LED3
P2
LED4
P3
LED ON
1
1
1
1
LED OFF
0
0
0
0
(Note) Please input CSB="H" after LEDCTL command is issued.
To avoid noise and reset interface.
5.
RAM WRITE command (RAMWR)
MSB
LSB
D/C
D6
D5
D4
D3
D2
D1
D0
Hex
Reset
1st byte Command
1
0
1
0
0
0
0
0
A0h
-
2nd byte Command
Display data
Random
・・・・
n
th byte Command
Display data
Random
The input data after command setting is the data input for display.
Be sure to send this command after setting the ADSET command.
The display data is transferred per 4bit. (For details, see “Write and Transfer Method of Display Data.”)
6. All Pixel ON command (APON)
MSB
LSB
D/C
D6
D5
D4
D3
D2
D1
D0
Hex
Reset
1st byte Command
1
0
0
1
0
0
0
1
91h
-
Regardless of the contents of DDRAM, the SEG output will enter all light up mode. (Pin that selects SEG output)


Similar Part No. - BU97941FV-LBE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU97941FV-E2 ROHM-BU97941FV-E2 Datasheet
579Kb / 5P
   Schottky Barrier Diode
BU97941FV-E2 ROHM-BU97941FV-E2 Datasheet
567Kb / 25P
   Multifunction LCD Segment Driver
BU97941FV-E2 ROHM-BU97941FV-E2 Datasheet
1Mb / 27P
   Multifunction LCD Segment Driver
More results

Similar Description - BU97941FV-LBE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU97941FV ROHM-BU97941FV Datasheet
567Kb / 25P
   Multifunction LCD Segment Driver
BU97931FV-LB ROHM-BU97931FV-LB Datasheet
921Kb / 32P
   Multifunction LCD Segment Driver
BU97930MUV ROHM-BU97930MUV_15 Datasheet
1Mb / 32P
   Multifunction LCD Segment Driver
BU97931FV ROHM-BU97931FV Datasheet
1Mb / 32P
   Multifunction LCD Segment Driver
BU97941FV ROHM-BU97941FV_15 Datasheet
1Mb / 27P
   Multifunction LCD Segment Driver
logo
Motorola, Inc
MC141511A MOTOROLA-MC141511A Datasheet
285Kb / 17P
   LCD Segment Driver
logo
Princeton Technology Co...
PT16597 PTC-PT16597 Datasheet
144Kb / 3P
   LCD Segment Driver
logo
SHANGHAI BELLING CO., L...
BL55072A BELLING-BL55072A Datasheet
694Kb / 12P
   LCD Segment Driver
logo
Rohm
BU9706KS ROHM-BU9706KS Datasheet
59Kb / 6P
   LCD segment driver
BU9794KV ROHM-BU9794KV Datasheet
702Kb / 23P
   For 200 Segment type LCD LCD Segment Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com