Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU97931FV-LB Datasheet(PDF) 2 Page - Rohm

Part # BU97931FV-LB
Description  Multifunction LCD Segment Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU97931FV-LB Datasheet(HTML) 2 Page - Rohm

  BU97931FV-LB Datasheet HTML 1Page - Rohm BU97931FV-LB Datasheet HTML 2Page - Rohm BU97931FV-LB Datasheet HTML 3Page - Rohm BU97931FV-LB Datasheet HTML 4Page - Rohm BU97931FV-LB Datasheet HTML 5Page - Rohm BU97931FV-LB Datasheet HTML 6Page - Rohm BU97931FV-LB Datasheet HTML 7Page - Rohm BU97931FV-LB Datasheet HTML 8Page - Rohm BU97931FV-LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Datasheet
Datasheet
2/29
TSZ02201-0P4P0D300490-1-2
26.Feb.2014 Rev.002
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
BU97931FV-LB
MAX 112 segments (SEG28×COM4)
Block Diagram / Pin Configuration / Pin Description
Figure 2.
Block Diagram
Figure 3.
Pin Configuration (TOP VIEW)
Table 1 Pin Description
Terminal
Terminal
Number
I/O
Unused
Case
Function
CSB
26
I
-
Chip select: "L" active
SCL
27
I
-
Serial data transfer clock
SD
28
I
-
Input serial data
VDD
29
-
-
Power supply for LOGIC
CLKIN
30
I
OPEN / VSS
External clock input terminal (for display/PWM using selectable);
Support Hi-Z input mode at internal clock mode
VSS
25
-
-
GND
VLCD
31
-
-
Power supply for LCD
COM0 to 3
32 to 35
O
OPEN
COMMON output for LCD
SEG0 to 22
36 to 40
1 to 18
O
OPEN
SEGMENT output for LCD
SEG23 to 27
19 to 23
O
OPEN
SEGMENT output for LCD/GPO
LED
24
O
OPEN
LED driver output
Blink
Timing
Generator
Common
Counter
CLKIN
PWM
Generator
OSCILLATOR
LCD
BIAS
SELECTOR
Common
Driver
Power On
Reset
SD
SCL
VSS
VSS
SEG0…22
IF FILTER
Serial Interface
DDRAM
GPO Data Latch
LCD Voltage
Generator
Command Resister
Data Decoder
VLCD
CSB
VDD
Segment
Driver
LED
Driver
GPO
Controller
Segment
Driver/GPO
LED
COM0……COM3
SEG23...27
SEG19
SEG18
SEG14
SEG17
SEG13
SEG20
SEG16
SEG7
SEG5
SEG6
SEG8
SEG9
SEG10
SEG11
SEG12
SEG15
SEG23
SEG22
SEG21
SEG24
COM1
COM2
SEG2
COM3
SEG3
COM0
SEG0
SEG27
SEG25
SEG26
LED
CSB
SCL
SEG4
SEG1
VDD
CLKIN
VLCD
SD
VSS


Similar Part No. - BU97931FV-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BU97931FV-E2 ROHM-BU97931FV-E2 Datasheet
546Kb / 24P
   Multifunction Segment Drivers
BU97931FV-E2 ROHM-BU97931FV-E2 Datasheet
1Mb / 32P
   Multifunction LCD Segment Driver
More results

Similar Description - BU97931FV-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BU97941FV ROHM-BU97941FV Datasheet
567Kb / 25P
   Multifunction LCD Segment Driver
BU97941FV-LB ROHM-BU97941FV-LB Datasheet
847Kb / 26P
   Multifunction LCD Segment Driver
BU97930MUV ROHM-BU97930MUV_15 Datasheet
1Mb / 32P
   Multifunction LCD Segment Driver
BU97931FV ROHM-BU97931FV Datasheet
1Mb / 32P
   Multifunction LCD Segment Driver
BU97941FV ROHM-BU97941FV_15 Datasheet
1Mb / 27P
   Multifunction LCD Segment Driver
logo
Motorola, Inc
MC141511A MOTOROLA-MC141511A Datasheet
285Kb / 17P
   LCD Segment Driver
logo
Princeton Technology Co...
PT16597 PTC-PT16597 Datasheet
144Kb / 3P
   LCD Segment Driver
logo
SHANGHAI BELLING CO., L...
BL55072A BELLING-BL55072A Datasheet
694Kb / 12P
   LCD Segment Driver
logo
Rohm
BU9706KS ROHM-BU9706KS Datasheet
59Kb / 6P
   LCD segment driver
BU9794KV ROHM-BU9794KV Datasheet
702Kb / 23P
   For 200 Segment type LCD LCD Segment Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com