Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU21079F-E2 Datasheet(PDF) 11 Page - Rohm

Part # BU21079F-E2
Description  Capacitive Switch Controller ICs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21079F-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BU21079F-E2 Datasheet HTML 7Page - Rohm BU21079F-E2 Datasheet HTML 8Page - Rohm BU21079F-E2 Datasheet HTML 9Page - Rohm BU21079F-E2 Datasheet HTML 10Page - Rohm BU21079F-E2 Datasheet HTML 11Page - Rohm BU21079F-E2 Datasheet HTML 12Page - Rohm BU21079F-E2 Datasheet HTML 13Page - Rohm BU21079F-E2 Datasheet HTML 14Page - Rohm BU21079F-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
11/34
Datasheet
Datasheet
BU21079F
TSZ02201-0Y1Y0FZ00150-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
2013.09.25 Rev.001
www.rohm.com
TSZ22111・15・001
【0x85, 0x8A : Software Reset】
Name:
SRST
Address:
0x85, 0x8A
Description:
These registers are used for hardware reset. If register 0x85=55h and register 0x8A=AAh, then a hardware
reset will be done.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x85
SRST[7]
SRST[6]
SRST[5]
SRST[4]
SRST[3]
SRST[2]
SRST[1]
SRST[0]
0x8A
SRST[15]
SRST[14]
SRST[13]
SRST[12]
SRST[11]
SRST[10]
SRST[9]
SRST[8]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial val.
0
0
0
0
0
0
0
0
【0xC0 – 0xC4 : Select a setting for Gain and Threshold for “Off
→On”】
Name:
CFG_SIN
Address:
0xC0 – 0xC4
Description:
You can set 3 values for gain and set 3 values for threshold to the “Off
→ On” registers of this IC.
These registers are used to select a setting for gain and threshold for every sensor. There are three
available settings.
Gain:GA_SIN*[1:0] =
0x0 : Select GA0.
0x1 : Select GA1.
0x2 : Select GA2.
0x3 : Select GA0.
Threshold:ON_SIN*[1:0] =
0x0 : Select ON0.
0x1 : Select ON1.
0x2 : Select ON2.
0x3 : Select ON0.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0xC0
GA_SIN1[1]
GA_SIN1[0]
ON_SIN1[1]
ON_SIN1[0]
GA_SIN0[1]
GA_SIN0[0]
ON_SIN0[1]
ON_SIN0[0]
0xC1
GA_SIN3[1]
GA_SIN3[0]
ON_SIN3[1]
ON_SIN3[0]
GA_SIN2[1]
GA_SIN2[0]
ON_SIN2[1]
ON_SIN2[0]
0xC2
GA_SIN5[1]
GA_SIN5[0]
ON_SIN5[1]
ON_SIN5[0]
GA_SIN4[1]
GA_SIN4[0]
ON_SIN4[1]
ON_SIN4[0]
0xC3
GA_SIN7[1]
GA_SIN7[0]
ON_SIN7[1]
ON_SIN7[0]
GA_SIN6[1]
GA_SIN6[0]
ON_SIN6[1]
ON_SIN6[0]
0xC4
-
-
-
-
GA_SIN8[1]
GA_SIN8[0]
ON_SIN8[1]
ON_SIN8[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial val.
0
0
0
0
0
0
0
0
【0xC8 – 0xC9 : Value of GAIN】
Name:
GA0、GA1、GA2
Address:
0xC8 – 0xC9
Description:
This register is used for setting the gain of AFE. The smaller the value of GA, the higher the gain will be.
You can set 3 values for gain. These values are assigned to each sensor by register GA_SIN including
CFG_SIN.
The settable range: 0x1 ≦ GA ≦ 0xF
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0xC8
GA1[3]
GA1[2]
GA1[1]
GA1[0]
GA0[3]
GA0[2]
GA0[1]
GA0[0]
0xC9
-
-
-
-
GA2[3]
GA2[2]
GA2[1]
GA2[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial val.
0
0
0
0
0
0
0
0
【0xCA – 0xCC : Value of the threshold for "Off
→ On"】
Name:
ON0、ON1、ON2
Address:
0xCA – 0xCC
Description:
These registers are used for setting the threshold of the “Off
→ On” operation. You can set 3 values for
threshold. If the 8bit ADC value of each sensor (register SENS_DATA) is larger than this value, then the
“Off
→ On” operation of the sensor is valid. These values are assigned to each sensor by register GA_SIN
including ON_SIN.
The settable range : 0x00 < OFF < ON < 0xFF
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0xCA
ON0[7]
ON0[6]
ON0[5]
ON0[4]
ON0[3]
ON0[2]
ON0[1]
ON0[0]
0xCB
ON1[7]
ON1[6]
ON1[5]
ON1[4]
ON1[3]
ON1[2]
ON1[1]
ON1[0]
0xCC
ON2[7]
ON2[6]
ON2[5]
ON2[4]
ON2[3]
ON2[2]
ON2[1]
ON2[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial val.
0
0
0
0
0
0
0
0


Similar Part No. - BU21079F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21072MUV-E2 ROHM-BU21072MUV-E2 Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV-E2 ROHM-BU21072MUV-E2 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
More results

Similar Description - BU21079F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
logo
Omron Electronics LLC
B6TS-04LT OMRON-B6TS-04LT Datasheet
210Kb / 6P
   Capacitive Touch Sensing ICs
logo
Sciosense B.V.
PCAP02 SCIOSENSE-PCAP02 Datasheet
316Kb / 3P
   ICs for Capacitive Sensing Applications
logo
Schurter Inc.
CPS SCHURTER-CPS Datasheet
809Kb / 8P
   Capacitive switch
CPS SCHURTER-CPS_V02 Datasheet
747Kb / 7P
   Capacitive switch
05.01.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com