Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L6445E Datasheet(PDF) 8 Page - Macronix International

Part # MX25L6445E
Description  64M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L6445E Datasheet(HTML) 8 Page - Macronix International

Back Button MX25L6445E Datasheet HTML 4Page - Macronix International MX25L6445E Datasheet HTML 5Page - Macronix International MX25L6445E Datasheet HTML 6Page - Macronix International MX25L6445E Datasheet HTML 7Page - Macronix International MX25L6445E Datasheet HTML 8Page - Macronix International MX25L6445E Datasheet HTML 9Page - Macronix International MX25L6445E Datasheet HTML 10Page - Macronix International MX25L6445E Datasheet HTML 11Page - Macronix International MX25L6445E Datasheet HTML 12Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
8
MX25L6445E
P/N: PM1736
REV. 1.8, DEC. 26, 2011
PIN CONFIGURATION
16-PIN SOP (300mil)
1
2
3
4
5
6
7
8
NC/SIO3
VCC
NC
NC
NC
NC
CS#
SO/SIO1
16
15
14
13
12
11
10
9
SCLK
SI/SIO0
NC
NC
NC
NC
GND
WP#/SIO2
8-PIN SOP (200mil)
8-WSON (8x6mm)
1
2
3
4
CS#
SO/SIO1
WP#/SIO2
GND
8
7
6
5
VCC
NC/SIO3
SCLK
SI/SIO0
1
2
3
4
CS#
SO/SIO1
WP#/SIO2
GND
VCC
NC/SIO3
SCLK
SI/SIO0
8
7
6
5
PIN DESCRIPTION
SYMBOL
DESCRIPTION
CS#
Chip Select
SI/SIO0 Serial Data Input (for 1xI/O)/ Serial Data
Input & Output (for 2xI/O or 4xI/O mode)
SO/SIO1
Serial Data Output (for 1xI/O)/Serial
Data Input & Output (for 2xI/O or 4xI/O
mode)
SCLK
Clock Input
WP#/SIO2
Write protection: connect to GND or
Serial Data Input & Output (for 4xI/O
mode)
NC/SIO3 NC pin (Not connect) or Serial Data
Input & Output (for 4xI/O mode)
VCC
+ 3.3V Power Supply
GND
Ground
NC
No Connection


Similar Part No. - MX25L6445E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L6445EM MCNIX-MX25L6445EM Datasheet
2Mb / 72P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6445EM2 MCNIX-MX25L6445EM2 Datasheet
2Mb / 72P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
More results

Similar Description - MX25L6445E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L6436E MCNIX-MX25L6436E Datasheet
1Mb / 68P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L12836E MCNIX-MX25L12836E Datasheet
1Mb / 69P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L25735E MCNIX-MX25L25735E Datasheet
1Mb / 71P
   256M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L12855E MCNIX-MX25L12855E Datasheet
3Mb / 70P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L25635E MCNIX-MX25L25635E Datasheet
1Mb / 74P
   256M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L25835E MCNIX-MX25L25835E Datasheet
2Mb / 85P
   256M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L12835E MCNIX-MX25L12835E Datasheet
1Mb / 87P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L1636D MCNIX-MX25L1636D Datasheet
2Mb / 48P
   16M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L3236D MCNIX-MX25L3236D Datasheet
2Mb / 51P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L6433F MCNIX-MX25L6433F Datasheet
1Mb / 83P
   64M-BIT [x 1 / x 2 / x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com