Electronic Components Datasheet Search |
|
MAX6715UTD-T Datasheet(PDF) 11 Page - Maxim Integrated Products |
|
MAX6715UTD-T Datasheet(HTML) 11 Page - Maxim Integrated Products |
11 / 19 page providing an early power-fail warning so software can conduct an orderly system shutdown. It can also be used to monitor supplies other than VCC1 or VCC2 by setting the power-fail threshold with a resistor-divider, as shown in Figure 3. PFI is the input to the power-fail com- parator. The typical comparator delay is 2µs from PFI to PFO. Connect PFI to ground of VCC1 if unused. Ensuring a Valid Reset Output Down to VCC = 0 The MAX6715–MAX6729 are guaranteed to operate properly down to VCC = 0.8V. In applications that require valid reset levels down to VCC = 0 use a pull- down resistor at RST to ground. The resistor value used is not critical, but it must be large enough not to load the reset output when VCC is above the reset threshold. For most applications, 100k Ω is adequate. This config- uration does not work for the open-drain outputs of the MAX6715/MAX6717/MAX6719/MAX6721/MAX6723/ MAX6725/MAX6727/MAX6728. For push-pull, active- high RST output connect the external resistor as a pullup from RST to VCC1. Applications Information Interfacing to µPs with Bidirectional Reset Pins Most microprocessors with bidirectional reset pins can interface directly to open-drain RST output options. Systems simultaneously requiring a push-pull RST out- put and a bidirectional reset interface can be in logic contention. To prevent contention, connect a 4.7k Ω resistor between RST and the µP’s reset I/O port as shown in Figure 4. Adding Hysteresis to the Power-Fail Comparator The power-fail comparator has a typical input hysteresis of 3mV. This is sufficient for most applications where a power-supply line is being monitored through an external voltage-divider (see the Power-Fail Comparator section). If additional noise margin is desired, connect a resistor between PFO and PFI as shown in Figure 5. Select the values of R1, R2, and R3 so PFI sees VPFI (626mV) when VEXT falls to its power-fail trip point (VFAIL) and when VIN rises to its power-good trip point (VGOOD). The hysteresis window extends between the specified VFAIL and VGOOD thresholds. R3 adds the additional hysteresis by sinking current from the R1/R2 divider network when PFO is logic low and sourcing current into the network when PFO is logic high. R3 is typically an order of magnitude greater than R1 or R2. The current through R2 should be at least 2.5µA to ensure that the 25nA (max) PFI input current does not significantly shift the trip points. Therefore, R2 < VPFI/2.5µA < 248k Ω for most applications. R3 will provide additional hysteresis for PFO push-pull (VOH = VCC1) or open-drain (VOH = VPULLUP) applications. Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits ______________________________________________________________________________________ 11 MAX6728/ MAX6729 R1 R2 PFI GND VIN PFO VTRIP = VPFI R1 + R2 R2 () MAX6728/ MAX6729 R1 R2 PFI GND VCC VIN PFO VTRIP = R2 (VPFI) 1 R1 1 R2 +- VCC R1 [] () VPFI = 626.5mV A B Figure 3. Using Power-Fail Input to Monitor an Additional Power-Supply a) VIN is Positive b) VIN is Negative MAX6715– MAX6729 GND GND VCC1VCC2 VCC2 VCC1 RST RESET TO OTHER SYSTEM COMPONENTS RESET µP 4.7k Ω Figure 4. Interfacing to µPs with Bidirectional Reset I/O |
Similar Part No. - MAX6715UTD-T |
|
Similar Description - MAX6715UTD-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |