Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6412UK46-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6412UK46-T
Description  Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6412UK46-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6412UK46-T Datasheet HTML 1Page - Maxim Integrated Products MAX6412UK46-T Datasheet HTML 2Page - Maxim Integrated Products MAX6412UK46-T Datasheet HTML 3Page - Maxim Integrated Products MAX6412UK46-T Datasheet HTML 4Page - Maxim Integrated Products MAX6412UK46-T Datasheet HTML 5Page - Maxim Integrated Products MAX6412UK46-T Datasheet HTML 6Page - Maxim Integrated Products MAX6412UK46-T Datasheet HTML 7Page - Maxim Integrated Products MAX6412UK46-T Datasheet HTML 8Page - Maxim Integrated Products MAX6412UK46-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Detailed Description
The MAX6412–MAX6420 low-power microprocessor
(µP) supervisory circuits provide maximum adjustability
for supply-voltage monitoring and reset functionality. In
addition, the MAX6412–MAX6420 reset timeout period
is adjustable using an external capacitor.
The MAX6412/MAX6413/MAX6414 have factory-
trimmed reset threshold voltages in approximately
100mV increments from 1.575V to 5.0V with a manual
reset input. The MAX6415/MAX6416/MAX6417 contain
a reset threshold that can be adjusted to any voltage
above 1.26V using external resistors. The MAX6418/
MAX6419/MAX6420 offer both a factory-trimmed reset
threshold and an adjustable reset threshold input for
dual-voltage monitoring.
A reset signal is asserted when VCC and/or RESET IN
falls below the preset values or when MR is asserted.
The reset remains asserted for an externally pro-
grammed interval after VCC and/or RESET IN has risen
above the reset threshold or MR is deasserted.
Reset Output
The reset output is typically connected to the reset
input of a µP. A µP’s reset input starts or restarts the µP
in a known state. The MAX6412–MAX6420 µP supervi-
sory circuits provide the reset logic to prevent code-
execution errors during power-up, power-down, and
brownout conditions (see
Typical Operating Circuit).
For the MAX6413, MAX6416, and MAX6419, RESET
changes from low to high whenever VCC or RESET IN
drops below the reset threshold voltages. Once RESET
IN and VCC exceed their respective reset threshold volt-
age(s), RESET remains high for the reset timeout period,
then goes low.
On power-up, once VCC reaches 1V, RESET is guaran-
teed to be a logic high. For applications requiring valid
reset logic when VCC is less than 1V, see the section
Ensuring a Valid RESET/RESET Output Down to VCC = 0V.
The active-low RESET output of the remaining supervi-
sors is the inverse of the MAX6413, MAX6416, and
MAX6419 active-high RESET output and is guaranteed
valid for VCC ≥ 1V.
Reset Threshold
The MAX6415–MAX6420 monitor the voltage on RESET
IN with an external resistor voltage-divider (Figure 1).
Low-Power, Single/Dual-Voltage µP Reset Circuits
with Capacitor-Adjustable Reset Timeout Delay
MAX6412–MAX6420
Maxim Integrated
5
Pin Description
PIN
MAX6412/
MAX6413/
MAX6414
MAX6415/
MAX6416/
MAX6417
MAX6418/
MAX6419/
MAX6420
NAME
FUNCTION
RESET
RESET changes from high to low whenever VCC or RESET IN drops below
the selected reset threshold voltage (VTH or VRESET IN, respectively) or
manual reset is pulled low. RESET remains low for the reset timeout period
after all reset conditions are deasserted and then goes high.
11
1
RESET
RESET changes from low to high whenever the VCC or RESET IN drops
below the selected reset threshold voltage (VTH or VRESET IN) or manual
reset is pulled low. RESET remains high for the reset timeout period after all
reset conditions are deasserted and then goes low.
2
2
2
GND
Ground
—3
3
RESET
IN
Reset Input. High-impedance input to the adjustable reset comparator.
Connect RESET IN to the center point of an external resistor-divider
network to set the threshold of the externally monitored voltage. See Reset
Threshold section.
3—
MR
Manual Reset Input. Pull this pin low to manually reset the device. Reset
remains asserted for the reset timeout period after MR is released.
444
SRT
Set Reset Timeout Input. Connect a capacitor between SRT and ground to
set the timeout period. Determine the period as follows:
tRP = (2.71 x 10
6) CSRT + 275µs with tRP in seconds and CSRT in Farads.
555
VCC
Supply Voltage and Input for Fixed-Threshold VCC Monitor


Similar Part No. - MAX6412UK46-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6412UK46-T MAXIM-MAX6412UK46-T Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
More results

Similar Description - MAX6412UK46-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6412 MAXIM-MAX6412 Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6412 MAXIM-MAX6412_12 Datasheet
211Kb / 12P
   Low-Power, Single/Dual-Voltage μP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
MAX6746 MAXIM-MAX6746_10 Datasheet
159Kb / 14P
   uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 4; 9/10
MAX6746 MAXIM-MAX6746 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6412 MAXIM-MAX6412_10 Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
logo
SG Micro Corp
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com