Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU9873FVM-GTTR Datasheet(PDF) 5 Page - Rohm

Part # BU9873FVM-GTTR
Description  I2C BUS Serial Interface RTC with High-precision Oscillation Adjustment
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9873FVM-GTTR Datasheet(HTML) 5 Page - Rohm

  BU9873FVM-GTTR Datasheet HTML 1Page - Rohm BU9873FVM-GTTR Datasheet HTML 2Page - Rohm BU9873FVM-GTTR Datasheet HTML 3Page - Rohm BU9873FVM-GTTR Datasheet HTML 4Page - Rohm BU9873FVM-GTTR Datasheet HTML 5Page - Rohm BU9873FVM-GTTR Datasheet HTML 6Page - Rohm BU9873FVM-GTTR Datasheet HTML 7Page - Rohm BU9873FVM-GTTR Datasheet HTML 8Page - Rohm BU9873FVM-GTTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Datasheet
Datasheet
5/37
BU9873
TSZ02201-0919AGZ00010-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
13.Sep.2013 REV.001
www.rohm.com
TSZ22111・15・001
DC Characteristics
Item
Symbol
Pin Name
Spec
Unit
Conditions
Min
Typ
Max
“H” Input Voltage
VIH
SCL, SDA
0.7VDD
VDD+0.3
V
“L” Input Voltage
VIL
SCL, SDA
-0.3
0.3VDD
V
“H” Output Current
IOH
32KOUT
-0.5
mA
VOH=VDD-0.5V
“L” Output Current
IOL1
INTRB, 32KOUT
1
mA
VOL1=0.4V
IOL2
SDA
6
mA
VOL2=0.4V
Input Leakage Current
IILK
SCL
-1
1
μAVIN=5.5V or VSS, VDD=5.5V
Output Off State Leakage
Current
IOZ
SDA, INTRB,
32KOUT
-1
1
μA
VOUT=5.5V or VSS,
VDD=5.5V
Standby Current
(time keeping current)
IDD1
VDD
0.4
0.6
μA
VDD=3V,
Topt=25°C,
SCL, SDA=3V,
CGOUT=CDOUT=0pF,
Output=Open
(Note1)
IDD2
VDD
1.0
μA
VDD=3V,
Topt=-40°C to +85°C,
SCL, SDA=3V,
CGOUT=CDOUT=0pF,
Output=Open
(Note1)
IDD3
VDD
1.35
μA
VDD=5.5V,
Topt=-40°C to +85°C,
SCL, SDA=5.5V,
CGOUT=CDOUT=0pF,
Output=Open
(Note1)
Internal Oscillation
Capacitance 1
CG
OSCIN
10
pF
Internal Oscillation
Capacitance 2
CD
OSCOUT
10
pF
Unless otherwise specified: Vss=0V, VDD=3V, Topt=−40°C to +85°C, Oscillation frequency=32.768 kHz
(load capacitance CL=6pF, equivalent series resistance R1=20kΩ)
(Note 1) In this mode, 32KOUT is disabled and no clock is output from this pin.
For time keeping current when outputting 32-kHz pulse from 32KOUT pin (this pin without loading), please refer to “P.7 Typical Performance Curves”.


Similar Part No. - BU9873FVM-GTTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9877FV ROHM-BU9877FV Datasheet
95Kb / 9P
   Serial interface IC for DIMMs supporting plug & play
More results

Similar Description - BU9873FVM-GTTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T82 STMICROELECTRONICS-M41T82_08 Datasheet
465Kb / 58P
   Serial I2C bus RTC with battery switchover
M41T82 STMICROELECTRONICS-M41T82_10 Datasheet
989Kb / 61P
   Serial I2C bus RTC with battery switchover
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
   Serial I2C bus real-time clock (RTC) with battery switchover
logo
List of Unclassifed Man...
BR24L64 ETC1-BR24L64 Datasheet
99Kb / 2P
   Serial 2 Wire Interface (I2C BUS Type)
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93_07 Datasheet
382Kb / 51P
   Serial SPI bus RTC with battery switchover
M41T93 STMICROELECTRONICS-M41T93_08 Datasheet
446Kb / 51P
   Serial SPI bus RTC with battery switchover
M41ST84W STMICROELECTRONICS-M41ST84W Datasheet
481Kb / 29P
   3.0/3.3V I2C Serial RTC with Supervisory Functions
M41T93 STMICROELECTRONICS-M41T93 Datasheet
416Kb / 49P
   Serial SPI bus RTC with battery switchover
logo
RICOH electronics devic...
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com