Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L6406E Datasheet(PDF) 7 Page - Macronix International

Part # MX25L6406E
Description  64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L6406E Datasheet(HTML) 7 Page - Macronix International

Back Button MX25L6406E Datasheet HTML 3Page - Macronix International MX25L6406E Datasheet HTML 4Page - Macronix International MX25L6406E Datasheet HTML 5Page - Macronix International MX25L6406E Datasheet HTML 6Page - Macronix International MX25L6406E Datasheet HTML 7Page - Macronix International MX25L6406E Datasheet HTML 8Page - Macronix International MX25L6406E Datasheet HTML 9Page - Macronix International MX25L6406E Datasheet HTML 10Page - Macronix International MX25L6406E Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
7
MX25L6406E
P/N: PM1577
REV. 1.8, NOV. 12, 2013
3. PIN CONFIGURATIONS
16-PIN SOP (300mil)
8-LAND WSON (8x6mm, 6x5mm)
8-PIN SOP (200mil) / 8-PIN VSOP (200mil)
1
2
3
4
5
6
7
8
HOLD#
VCC
NC
NC
NC
NC
CS#
SO/SIO1
16
15
14
13
12
11
10
9
SCLK
SI/SIO0
NC
NC
NC
NC
GND
WP#
1
2
3
4
CS#
SO/SIO1
WP#
GND
VCC
HOLD#
SCLK
SI/SIO0
8
7
6
5
1
2
3
4
CS#
SO/SIO1
WP#
GND
8
7
6
5
VCC
HOLD#
SCLK
SI/SIO0
24-Ball TFBGA (6x8 mm, 4x6 ball array)
4
3
2
1
A
B
C
D
E
F
VCC
WP#
HOLD#
NC
GND
SI/SIO0
NC
SCLK
CS#
SO/SIO1
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
5
4
3
2
1
A
B
C
D
E
VCC
WP#
HOLD#
GND
SI/SIO0
SCLK
CS#
SO/SIO1
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
24-Ball TFBGA (6x8mm, 5x5 ball array)
SYMBOL DESCRIPTION
CS#
Chip Select
SI/SIO0 Serial Data Input (for 1 x I/O)/ Serial Data
Input & Output (for Dual Output mode)
SO/SIO1 Serial Data Output (for 1 x I/O)/ Serial Data
Output (for Dual Output mode)
SCLK Clock Input
WP#
Write protection
HOLD# Hold, to pause the device without
deselecting the device
VCC
+ 3.3V Power Supply
GND
Ground
4. PIN DESCRIPTION


Similar Part No. - MX25L6406E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L6406EM2I-12G MCNIX-MX25L6406EM2I-12G Datasheet
2Mb / 50P
   DATASHEET
MX25L6406EMI-12G MCNIX-MX25L6406EMI-12G Datasheet
2Mb / 50P
   DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
   DATASHEET
MX25L6406EZNI-12G MCNIX-MX25L6406EZNI-12G Datasheet
2Mb / 50P
   DATASHEET
More results

Similar Description - MX25L6406E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L6408E MCNIX-MX25L6408E Datasheet
925Kb / 49P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L642B GENERALPLUS-GPR25L642B Datasheet
614Kb / 38P
   64M-Bit [x 1 / x 2] COMS Serial Flash
logo
Macronix International
MX25L3206EM2 MCNIX-MX25L3206EM2 Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L005E GENERALPLUS-GPR25L005E Datasheet
855Kb / 38P
   512K-Bit [x 1/x 2] CMOS Serial Flash
logo
Macronix International
MX25L3206EZUI-12G MCNIX-MX25L3206EZUI-12G Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3208E MCNIX-MX25L3208E Datasheet
760Kb / 47P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L2006E MCNIX-MX25L2006E Datasheet
1Mb / 50P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L8006E MCNIX-MX25L8006E Datasheet
1Mb / 57P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25V2006E MCNIX-MX25V2006E Datasheet
906Kb / 49P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L6433F MCNIX-MX25L6433F Datasheet
1Mb / 83P
   64M-BIT [x 1 / x 2 / x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com