Electronic Components Datasheet Search |
|
MAX6307UKD-T Datasheet(PDF) 7 Page - Maxim Integrated Products |
|
MAX6307UKD-T Datasheet(HTML) 7 Page - Maxim Integrated Products |
7 / 11 page 5-Pin, Multiple-Input, Programmable Reset ICs 7 The ±25nA max input leakage current allows resistors on the order of megohms. Choose the pull-up resistor in the divider to minimize the error due to the input leakage cur- rent. The error term in the calculated threshold is simply: ±25nA x R1 If you choose R1 to be 1M Ω, the resulting error is ±25 x 10-9 x 1 x 106 = ±25mV. Like the VCC voltage monitors on the MAX6306/MAX6307/ MAX6309/MAX6310/MAX6312/MAX6313, the RST IN_ inputs (when used with a voltage divider) are designed to ignore fast voltage transients. Increase the noise immunity by connecting a capacitor on the order of 0.1µF between RST IN and GND (Figure 2). This creates a single-pole lowpass filter with a corner frequency given by: f = (1/2 π) / (R1 + R2)(R1 x R2 x C) For example, if R1 = 1M Ω and R2 = 1.6MΩ, adding a 0.1µF capacitor from RST IN_ to ground results in a lowpass corner frequency of f = 2.59Hz. Note that adding capacitance to RST IN slows the circuit’s overall response time. __________Applications Information Interfacing to µPs with Bidirectional Reset Pins Since the RESET output on the MAX6305/MAX6306/ MAX6307 is open drain, these devices interface easily with µPs that have bidirectional reset pins, such as the Motorola 68HC11. Connecting the µP supervisor’s RESET output directly to the microcontroller’s RESET pin with a single pull-up resistor allows either device to assert reset (Figure 3). Negative-Going VCC Transients In addition to issuing a reset to the µP during power-up, power-down, and brownout conditions, these devices are relatively immune to short-duration, negative-going VCC transients (glitches). The Typical Operating Characteristics show the Maximum Transient Duration vs. VCC Reset Threshold Overdrive, for which reset pulses are not generated. The graph was produced using negative-going pulses, starting at VTH max, and ending below the pro- grammed reset threshold by the magnitude indicated (reset threshold overdrive). The graph shows the maxi- mum pulse width that a negative-going VCC transient may typically have without causing a reset pulse to be issued. As the amplitude of the transient increases (i.e., goes farther below the reset threshold), the maximum allowable pulse width decreases. RST IN_/OVRST IN are also immune to negative/positive- going transients (see Typical Operating Characteristics). A 0.1µF bypass capacitor mounted close to the RST IN_, OVRST IN, and/or the VCC pin provides additional tran- sient immunity. Ensuring a Valid RESET/RESET Output Down to VCC = 0V When VCC falls below 1V, push/pull structured RESET/ RESET current sinking (or sourcing) capabilities decrease drastically. High-impedance CMOS-logic inputs connected to RESET can drift to undetermined voltages. This presents no problem in most applica- tions, since most µPs and other circuitry do not operate with VCC below 1V. In those applications where RESET must be valid down to 0V, adding a pull-down resistor between RESET and ground sinks any stray leakage Figure 2. Increasing Noise Immunity MAX6305– MAX6313 C* VIN R1 R2 RST IN_ GND *FOR ADDITIONAL NOISE IMMUNITY VCC VTH = ( )VRSTH R1 + R2 R2 *ƒC = ( ) R1 + R2 R1 x R2 x C 1 2 π Figure 3. Interfacing to µPs with Bidirectional Reset I/O MAX6305 MAX6306 MAX6307 RESET GENERATOR GND GND VCC VCC RESET RESET µP |
Similar Part No. - MAX6307UKD-T |
|
Similar Description - MAX6307UKD-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |