Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L3275E Datasheet(PDF) 5 Page - Macronix International

Part # MX25L3275E
Description  32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L3275E Datasheet(HTML) 5 Page - Macronix International

  MX25L3275E Datasheet HTML 1Page - Macronix International MX25L3275E Datasheet HTML 2Page - Macronix International MX25L3275E Datasheet HTML 3Page - Macronix International MX25L3275E Datasheet HTML 4Page - Macronix International MX25L3275E Datasheet HTML 5Page - Macronix International MX25L3275E Datasheet HTML 6Page - Macronix International MX25L3275E Datasheet HTML 7Page - Macronix International MX25L3275E Datasheet HTML 8Page - Macronix International MX25L3275E Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
5
MX25L3275E
P/N: PM1830
REV. 1.2, NOV. 07, 2013
SOFTWARE FEATURES
• Input Data Format
- 1-byte Command code
• Advanced Security Features
- BP0-BP3 block group protect
- Flexible individual block protect when OTP WPSEL=1
- Additional 4K bits secured OTP for unique identifier
• Auto Erase and Auto Program Algorithms
- Automatically erases and verifies data at selected sector
- Automatically programs and verifies data at selected page by an internal algorithm that automatically times
the program pulse width (Any page to be programmed should have page in the erased state first.)
• Status Register Feature
• Electronic Identification
- JEDEC 1-byte Manufacturer ID and 2-byte Device ID
- RES command for 1-byte Device ID
- The REMS,REMS2, REMS4 commands for 1-byte Manufacturer ID and 1-byte Device ID
• Support Serial Flash Discoverable Parameters (SFDP) mode
HARDWARE FEATURES
• SCLK Input
- Serial clock input
• SI/SIO0
- Serial Data Input or Serial Data Input/Output for 2 x I/O mode and 4 x I/O mode
• SO/SIO1
- Serial Data Output or Serial Data Input/Output for 2 x I/O mode and 4 x I/O mode
• WP#/SIO2
- Hardware write protection or serial data Input/Output for 4 x I/O mode
• HOLD#/SIO3
- To pause the device without deselecting the device or serial data Input/Output for 4 x I/O mode
• PACKAGE
- 16-pin SOP (300mil)
- 8-pin SOP (200mil)
- 8-WSON (6x5mm)
- All devices are RoHS Compliant and Halogen-free


Similar Part No. - MX25L3275E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3273E MCNIX-MX25L3273E Datasheet
1Mb / 86P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L3273EM2I10G MCNIX-MX25L3273EM2I10G Datasheet
1Mb / 86P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L3273EMBI10G MCNIX-MX25L3273EMBI10G Datasheet
1Mb / 86P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L3273EMI10G MCNIX-MX25L3273EMI10G Datasheet
1Mb / 86P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L3273EZNI10G MCNIX-MX25L3273EZNI10G Datasheet
1Mb / 86P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
More results

Similar Description - MX25L3275E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3273E MCNIX-MX25L3273E Datasheet
1Mb / 86P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U3235F MCNIX-MX25U3235F Datasheet
1Mb / 90P
   1.8V 32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L3233F MCNIX-MX25L3233F Datasheet
1Mb / 84P
   3V, 32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U3235E MCNIX-MX25U3235E Datasheet
1Mb / 86P
   32M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6433F MCNIX-MX25L6433F Datasheet
1Mb / 83P
   64M-BIT [x 1 / x 2 / x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L1673E MCNIX-MX25L1673E Datasheet
992Kb / 65P
   16M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6473E MCNIX-MX25L6473E Datasheet
1Mb / 86P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX66L51235F MCNIX-MX66L51235F Datasheet
1Mb / 107P
   3V 512M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U12835F MCNIX-MX25U12835F Datasheet
1Mb / 96P
   1.8V 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L12835FZ2I-10G MCNIX-MX25L12835FZ2I-10G Datasheet
1Mb / 84P
   3V, 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com