Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L3235EM2I10G Datasheet(PDF) 11 Page - Macronix International

Part # MX25L3235EM2I10G
Description  32M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L3235EM2I10G Datasheet(HTML) 11 Page - Macronix International

Back Button MX25L3235EM2I10G Datasheet HTML 7Page - Macronix International MX25L3235EM2I10G Datasheet HTML 8Page - Macronix International MX25L3235EM2I10G Datasheet HTML 9Page - Macronix International MX25L3235EM2I10G Datasheet HTML 10Page - Macronix International MX25L3235EM2I10G Datasheet HTML 11Page - Macronix International MX25L3235EM2I10G Datasheet HTML 12Page - Macronix International MX25L3235EM2I10G Datasheet HTML 13Page - Macronix International MX25L3235EM2I10G Datasheet HTML 14Page - Macronix International MX25L3235EM2I10G Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
11
MX25L3235E
P/N: PM1773
REV. 1.5, NOV. 06, 2013
II. Additional 4K-bit secured OTP for unique identifier: to provide 4K-bit One-Time Program area for setting
device unique serial number - Which may be set by factory or system maker.
- Security register bit 0 indicates whether the chip is locked by factory or not.
- To program the 4K-bit secured OTP by entering 4K-bit secured OTP mode (with ENSO command), and
going through normal program procedure, and then exiting 4K-bit secured OTP mode by writing EXSO com-
mand.
- Customer may lock-down the customer lockable secured OTP by writing WRSCUR(write security register)
command to set customer lock-down bit1 as "1". Please refer to table of "Table 8. Security Register Defini-
tion" for security register bit definition and table of "Table 3. 4K-bit Secured OTP Definition" for address range
definition.
Note: Once lock-down whatever by factory or customer, it cannot be changed any more. While in 4K-bit Secured
OTP mode, array access is not allowed.
Table 3. 4K-bit Secured OTP Definition
Address range
Size
Standard Factory Lock
Customer Lock
xxx000~xxx00F
128-bit
ESN (electrical serial number)
Determined by customer
xxx010~xxx1FF
3968-bit
N/A


Similar Part No. - MX25L3235EM2I10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3235D MCNIX-MX25L3235D Datasheet
690Kb / 50P
   32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L3235DM2I-10G MCNIX-MX25L3235DM2I-10G Datasheet
690Kb / 50P
   32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L3235DM2I-12G MCNIX-MX25L3235DM2I-12G Datasheet
690Kb / 50P
   32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L3235DMI-10G MCNIX-MX25L3235DMI-10G Datasheet
690Kb / 50P
   32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L3235DMI-12G MCNIX-MX25L3235DMI-12G Datasheet
690Kb / 50P
   32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
More results

Similar Description - MX25L3235EM2I10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3239E MCNIX-MX25L3239E Datasheet
1Mb / 92P
   32M-BIT [x 1 / x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
logo
Generalplus Technology ...
GPR25L3203F GENERALPLUS-GPR25L3203F Datasheet
3Mb / 47P
   3V, 32M-BIT [x 1/x 2/x 4] CMOS MXSMIO(SERIAL MULTI I/O) FLASH MEMORY
logo
Macronix International
MX25L12845E MCNIX-MX25L12845E_14 Datasheet
1Mb / 74P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIO??(SERIAL MULTI I/O) FLASH MEMORY
logo
Generalplus Technology ...
GPR25L1603E GENERALPLUS-GPR25L1603E Datasheet
1Mb / 38P
   16M-bit [x 1/x 2/x 4] CMOS MXSMIO (Serial Multi I/O) Flash Memory
logo
Macronix International
MX25L1675E MCNIX-MX25L1675E Datasheet
767Kb / 65P
   16M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L8073E MCNIX-MX25L8073E Datasheet
2Mb / 64P
   8M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L6435E MCNIX-MX25L6435E Datasheet
1Mb / 89P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L6475E MCNIX-MX25L6475E Datasheet
1Mb / 87P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L1633E MCNIX-MX25L1633E Datasheet
1Mb / 49P
   16M-BIT [x 1/x 2/x 4] CMOS MXSMIO??(SERIAL MULTI I/O) FLASH MEMORY
MX25L12845E MCNIX-MX25L12845E Datasheet
3Mb / 69P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com