Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4501MJA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4501MJA
Description  Low-Voltage, SPST, CMOS Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4501MJA Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX4501MJA Datasheet HTML 1Page - Maxim Integrated Products MAX4501MJA Datasheet HTML 2Page - Maxim Integrated Products MAX4501MJA Datasheet HTML 3Page - Maxim Integrated Products MAX4501MJA Datasheet HTML 4Page - Maxim Integrated Products MAX4501MJA Datasheet HTML 5Page - Maxim Integrated Products MAX4501MJA Datasheet HTML 6Page - Maxim Integrated Products MAX4501MJA Datasheet HTML 7Page - Maxim Integrated Products MAX4501MJA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Low-Voltage, SPST, CMOS Analog Switches
_______________________________________________________________________________________
7
Figure 1. Switching Times
Figure 2. Charge Injection
50%
tOFF
tON
VOUT
VIN
+3V
0
V+
VOUT
GND
V+
IN
NO
COM
VNO
50
MAX4501
1k
35pF
90%
90%
0
VIN
50%
tON
tOFF
VOUT
VIN
+3V
0
V+
VOUT
GND
V+
IN
NC
COM
VNC
50
MAX4502
1k
35pF
90%
90%
0
VIN
∆VOUT
V+
0
VIN
VOUT
MAX4501
MAX4502
∆VOUT IS THE MEASURED VOLTAGE DUE TO CHARGE TRANSFER
ERROR Q WHEN THE CHANNEL TURNS OFF.
Q =
∆VOUT CL
V+
VOUT
GND
V+
IN
NO OR
NC
COM
VNO OR VNC = 0
50
MAX4501
MAX4502
CL
1000pF
VIN
______________________________________________Test Circuits/Timing Diagrams


Similar Part No. - MAX4501MJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4501MJA MAXIM-MAX4501MJA Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
More results

Similar Description - MAX4501MJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4706 MAXIM-MAX4706 Datasheet
375Kb / 11P
   Low-Voltage, 2ohm, SPST, CMOS Analog Switches
Rev 0; 1/04
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4645 MAXIM-MAX4645_V01 Datasheet
346Kb / 11P
   Fast, Low-Voltage, 2.5?? SPST, CMOS Analog Switches
19-1653; Rev 2; 2/04
MAX4503 MAXIM-MAX4503 Datasheet
114Kb / 12P
   Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
Rev 0; 6/96
MAX4514EUK-T MAXIM-MAX4514EUK-T Datasheet
396Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 1; 5/05
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
   Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com