Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L3208EM2I12G Datasheet(PDF) 13 Page - Macronix International

Part # MX25L3208EM2I12G
Description  32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L3208EM2I12G Datasheet(HTML) 13 Page - Macronix International

Back Button MX25L3208EM2I12G Datasheet HTML 9Page - Macronix International MX25L3208EM2I12G Datasheet HTML 10Page - Macronix International MX25L3208EM2I12G Datasheet HTML 11Page - Macronix International MX25L3208EM2I12G Datasheet HTML 12Page - Macronix International MX25L3208EM2I12G Datasheet HTML 13Page - Macronix International MX25L3208EM2I12G Datasheet HTML 14Page - Macronix International MX25L3208EM2I12G Datasheet HTML 15Page - Macronix International MX25L3208EM2I12G Datasheet HTML 16Page - Macronix International MX25L3208EM2I12G Datasheet HTML 17Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
13
P/N: PM1614
REV. 1.2, NOV. 28, 2013
MX25L3208E
HOLD FEATURES
HOLD# pin signal goes low to hold any serial communications with the device. The HOLD feature will not stop the
operation of write status register, programming, or erasing in progress.
The operation of HOLD requires Chip Select(CS#) keeping low and starts on falling edge of HOLD# pin signal
while Serial Clock (SCLK) signal is being low (if Serial Clock signal is not being low, HOLD operation will not start
until Serial Clock signal being low). The HOLD condition ends on the rising edge of HOLD# pin signal while Se-
rial Clock(SCLK) signal is being low (if Serial Clock signal is not being low, HOLD operation will not end until Serial
Clock being low), see Figure 2.
Figure 2. Hold Condition Operation
HOLD#
CS#
SCLK
Hold
Condition
(standard)
Hold
Condition
(non-standard)
The Serial Data Output (SO) is high impedance, both Serial Data Input (SI) and Serial Clock (SCLK) are don't care
during the HOLD operation. If Chip Select (CS#) drives high during HOLD operation, it will reset the internal logic of
the device. To re-start communication with chip, the HOLD# must be at high and CS# must be at low.


Similar Part No. - MX25L3208EM2I12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3205 MCNIX-MX25L3205 Datasheet
481Kb / 45P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205A MCNIX-MX25L3205A Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205AMC-20 MCNIX-MX25L3205AMC-20 Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205AMC-20G MCNIX-MX25L3205AMC-20G Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205AMI-20 MCNIX-MX25L3205AMI-20 Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
More results

Similar Description - MX25L3208EM2I12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3206E MCNIX-MX25L3206E Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EM2 MCNIX-MX25L3206EM2 Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EZUI-12G MCNIX-MX25L3206EZUI-12G Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3235D MCNIX-MX25L3235D Datasheet
690Kb / 50P
   32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L3225D MCNIX-MX25L3225D Datasheet
507Kb / 47P
   32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L6406E MCNIX-MX25L6406E Datasheet
1Mb / 60P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L005E GENERALPLUS-GPR25L005E Datasheet
855Kb / 38P
   512K-Bit [x 1/x 2] CMOS Serial Flash
logo
Macronix International
MX25L2006E MCNIX-MX25L2006E Datasheet
1Mb / 50P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L8006E MCNIX-MX25L8006E Datasheet
1Mb / 57P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25V2006E MCNIX-MX25V2006E Datasheet
906Kb / 49P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com