Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L3208E Datasheet(PDF) 5 Page - Macronix International

Part # MX25L3208E
Description  32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L3208E Datasheet(HTML) 5 Page - Macronix International

  MX25L3208E Datasheet HTML 1Page - Macronix International MX25L3208E Datasheet HTML 2Page - Macronix International MX25L3208E Datasheet HTML 3Page - Macronix International MX25L3208E Datasheet HTML 4Page - Macronix International MX25L3208E Datasheet HTML 5Page - Macronix International MX25L3208E Datasheet HTML 6Page - Macronix International MX25L3208E Datasheet HTML 7Page - Macronix International MX25L3208E Datasheet HTML 8Page - Macronix International MX25L3208E Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
5
P/N: PM1614
REV. 1.2, NOV. 28, 2013
MX25L3208E
32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
FEATURES
GENERAL
• Single Power Supply Operation
- 2.7 to 3.6 volt for read, erase, and program operations
• Serial Peripheral Interface compatible -- Mode 0 and Mode 3
• 33,554,432 x 1 bit structure or 16,777,216 x 2 bits (Dual Output mode) structure
• 1024 Equal Sectors with 4K byte each
- Any Sector can be erased individually
• 64 Equal Blocks with 64K byte each
- Any Block can be erased individually
• Program Capability
- Byte base
- Page base (256 bytes)
• Latch-up protected to 100mA from -1V to Vcc +1V
PERFORMANCE
• High Performance
- Fast access time: 86MHz serial clock
- Serial clock of Dual Output mode : 80MHz
- Fast program time: 0.6ms(typ.) and 3ms(max.)/page
- Byte program time: 9us (typical)
- Fast erase time: 40ms(typ.) /sector ; 0.4s(typ.) /block
• Low Power Consumption
- Low active read current: 25mA(max.) at 86MHz
- Low active programming current: 15mA (typ.)
- Low active sector erase current: 9mA (typ.)
- Standby current: 15uA (typ.)
- Deep power-down mode 2uA (typical)
• Typical 100,000 erase/program cycles
• 20 years of data retention
SOFTWARE FEATURES
• Input Data Format
- 1-byte Command code
• Advanced Security Features
- Block lock protection
The BP3~BP0 status bit defines the size of the area to be software protection against program and erase instruc-
tions
- Additional 512 bits secured area for unique ID
• Auto Erase and Auto Program Algorithm
- Automatically erases and verifies data at selected sector
- Automatically programs and verifies data at selected page by an internal algorithm that automatically times the
program pulse widths (Any page to be programed should have page in the erased state first)


Similar Part No. - MX25L3208E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3205 MCNIX-MX25L3205 Datasheet
481Kb / 45P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205A MCNIX-MX25L3205A Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205AMC-20 MCNIX-MX25L3205AMC-20 Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205AMC-20G MCNIX-MX25L3205AMC-20G Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205AMI-20 MCNIX-MX25L3205AMI-20 Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
More results

Similar Description - MX25L3208E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3206E MCNIX-MX25L3206E Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EM2 MCNIX-MX25L3206EM2 Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EZUI-12G MCNIX-MX25L3206EZUI-12G Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3235D MCNIX-MX25L3235D Datasheet
690Kb / 50P
   32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L3225D MCNIX-MX25L3225D Datasheet
507Kb / 47P
   32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L6406E MCNIX-MX25L6406E Datasheet
1Mb / 60P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L005E GENERALPLUS-GPR25L005E Datasheet
855Kb / 38P
   512K-Bit [x 1/x 2] CMOS Serial Flash
logo
Macronix International
MX25L2006E MCNIX-MX25L2006E Datasheet
1Mb / 50P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L8006E MCNIX-MX25L8006E Datasheet
1Mb / 57P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25V2006E MCNIX-MX25V2006E Datasheet
906Kb / 49P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com