Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L3208E Datasheet(PDF) 10 Page - Macronix International

Part # MX25L3208E
Description  32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L3208E Datasheet(HTML) 10 Page - Macronix International

Back Button MX25L3208E Datasheet HTML 6Page - Macronix International MX25L3208E Datasheet HTML 7Page - Macronix International MX25L3208E Datasheet HTML 8Page - Macronix International MX25L3208E Datasheet HTML 9Page - Macronix International MX25L3208E Datasheet HTML 10Page - Macronix International MX25L3208E Datasheet HTML 11Page - Macronix International MX25L3208E Datasheet HTML 12Page - Macronix International MX25L3208E Datasheet HTML 13Page - Macronix International MX25L3208E Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
10
P/N: PM1614
REV. 1.2, NOV. 28, 2013
MX25L3208E
DEVICE OPERATION
1. Before a command is issued, status register should be checked to ensure device is ready for the intended op-
eration.
2. When incorrect command is inputted to this device, it enters standby mode and remains in standby mode until
next CS# falling edge. In standby mode, SO pin of the device is High-Z.
3. When correct command is inputted to this device, it enters active mode and remains in active mode until next
CS# rising edge.
4. Input data is latched on the rising edge of Serial Clock(SCLK) and data is shifted out on the falling edge of
SCLK. The difference of Serial mode 0 and mode 3 is shown in "Figure 1. Serial Modes Supported".
5. For the following instructions: RDID, RDSR, RDSCUR, READ, FAST_READ, DREAD, RES, and REMS the shift-
ed-in instruction sequence is followed by a data-out sequence. After any bit of data being shifted out, the CS#
can be high. For the following instructions: WREN, WRDI, WRSR, SE, BE, CE, PP, RDP, DP, ENSA, EXSA,and
WRSCUR, the CS# must go high exactly at the byte boundary; otherwise, the instruction will be rejected and not
executed.
6. While a Write Status Register, Program, or Erase operation is in progress, access to the memory array is ne-
glected and will not affect the current operation of Write Status Register, Program, Erase.
Figure 1.
Serial Modes Supported
Note:
CPOL indicates clock polarity of Serial master, CPOL=1 for SCLK high while idle, CPOL=0 for SCLK low while not
transmitting. CPHA indicates clock phase. The combination of CPOL bit and CPHA bit decides which Serial mode is
supported.
SCLK
MSB
CPHA
shift in
shift out
SI
0
1
CPOL
0
(Serial mode 0)
(Serial mode 3) 1
SO
SCLK
MSB


Similar Part No. - MX25L3208E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3205 MCNIX-MX25L3205 Datasheet
481Kb / 45P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205A MCNIX-MX25L3205A Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205AMC-20 MCNIX-MX25L3205AMC-20 Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205AMC-20G MCNIX-MX25L3205AMC-20G Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205AMI-20 MCNIX-MX25L3205AMI-20 Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
More results

Similar Description - MX25L3208E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3206E MCNIX-MX25L3206E Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EM2 MCNIX-MX25L3206EM2 Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EZUI-12G MCNIX-MX25L3206EZUI-12G Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3235D MCNIX-MX25L3235D Datasheet
690Kb / 50P
   32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L3225D MCNIX-MX25L3225D Datasheet
507Kb / 47P
   32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L6406E MCNIX-MX25L6406E Datasheet
1Mb / 60P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L005E GENERALPLUS-GPR25L005E Datasheet
855Kb / 38P
   512K-Bit [x 1/x 2] CMOS Serial Flash
logo
Macronix International
MX25L2006E MCNIX-MX25L2006E Datasheet
1Mb / 50P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L8006E MCNIX-MX25L8006E Datasheet
1Mb / 57P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25V2006E MCNIX-MX25V2006E Datasheet
906Kb / 49P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com