Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4501CPA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4501CPA
Description  Low-Voltage, SPST, CMOS Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4501CPA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4501CPA Datasheet HTML 1Page - Maxim Integrated Products MAX4501CPA Datasheet HTML 2Page - Maxim Integrated Products MAX4501CPA Datasheet HTML 3Page - Maxim Integrated Products MAX4501CPA Datasheet HTML 4Page - Maxim Integrated Products MAX4501CPA Datasheet HTML 5Page - Maxim Integrated Products MAX4501CPA Datasheet HTML 6Page - Maxim Integrated Products MAX4501CPA Datasheet HTML 7Page - Maxim Integrated Products MAX4501CPA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Low-Voltage, SPST, CMOS Analog Switches
4
_______________________________________________________________________________________
Note 2: Algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3: Leakage parameters are 100% tested at maximum-rated hot operating temperature, and are guaranteed by correlation
at +25°C.
Note 4: SOT and SC70 packaged parts are 100% tested at +25°C. Limits at maximum and minimum rated temperature are guaran-
teed by design and correlation limits at +25°C.
Note 5: Guaranteed, not production tested.
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCOM = 1.5V,
ICOM = 0.1mA
VIN = 0 or V+
800
RON
COM to NO or NC
On-Resistance
TA = +25°C
TA = TMIN to TMAX
175
600
V
0V+
VCOM,
VNO, VNC
Analog Signal Range
µA
-1.00
0.03
1.00
IINH, IINL
Input Current Logic High or Low
V
0
0.8
VINL
Input Logic Low
V
2.4
V+
VINH
Input Logic High
ELECTRICAL CHARACTERISTICS—+3V Supply
(V+ = +3.0V to +3.6V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
ns
500
-1
1
µA
TA = TMIN to TMAX
-10
10
TA = +25°C
IN = 0 or V+
I+
V+ Supply Current
VNO = VNC = 1.5V,
VIN = 3V, RL = 1k
Ω,
Figure 1
tON
Turn-On Time
(Note 5)
CL = 1nF, TA = +25°C, Figure 2
pC
Q
Charge Injection (Note 5)
0.5
10
TA = +25°C
TA = TMIN to TMAX
45
300
TA = TMIN to TMAX
10
125
ns
175
VNO = VNC = 1.5V,
VIN = 3V, RL = 1k
Ω,
Figure 1
tOFF
Turn-Off Time
(Note 5)
TA = +25°C
ANALOG SWITCH
DIGITAL I/O
SWITCH DYNAMIC CHARACTERISTICS
POWER SUPPLY


Similar Part No. - MAX4501CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4501CPA MAXIM-MAX4501CPA Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
More results

Similar Description - MAX4501CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4706 MAXIM-MAX4706 Datasheet
375Kb / 11P
   Low-Voltage, 2ohm, SPST, CMOS Analog Switches
Rev 0; 1/04
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4645 MAXIM-MAX4645_V01 Datasheet
346Kb / 11P
   Fast, Low-Voltage, 2.5?? SPST, CMOS Analog Switches
19-1653; Rev 2; 2/04
MAX4503 MAXIM-MAX4503 Datasheet
114Kb / 12P
   Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
Rev 0; 6/96
MAX4514EUK-T MAXIM-MAX4514EUK-T Datasheet
396Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 1; 5/05
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
   Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com