Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4376 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4376
Description  Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4376 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4376 Datasheet HTML 1Page - Maxim Integrated Products MAX4376 Datasheet HTML 2Page - Maxim Integrated Products MAX4376 Datasheet HTML 3Page - Maxim Integrated Products MAX4376 Datasheet HTML 4Page - Maxim Integrated Products MAX4376 Datasheet HTML 5Page - Maxim Integrated Products MAX4376 Datasheet HTML 6Page - Maxim Integrated Products MAX4376 Datasheet HTML 7Page - Maxim Integrated Products MAX4376 Datasheet HTML 8Page - Maxim Integrated Products MAX4376 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MAX4376/MAX4377/MAX4378
Single/Dual/Quad, High-Side Current-Sense
Amplifiers with Internal Gain
3
Maxim Integrated
ELECTRICAL CHARACTERISTICS (continued)
(VRS+ = 0 to 28V, VSENSE = (VRS+ - VRS- ) = 0V, VCC = +3.0V to +28V, RL =
∞, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = 25
°C.) (Note 1)
Note 1: All devices are 100% production tested at TA = +25
°C. All temperature limits are guaranteed by design.
Note 2: Total OUT Voltage Error is the sum of gain and offset errors.
Note 3: 6.25mV = 1/16 of 100mV full-scale sense voltage.
Note 4: VSENSE such that VOUT is in saturation.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VSENSE = 100mV
(gain = +20V/V)
2
VSENSE = 100mV
(gain = +50V/V)
1.7
VSENSE = 100mV
(gain = +100V/V)
1.2
Bandwidth
BW
VCC = 12V
VRS+ = 12V
CLOAD = 15pF
VSENSE = 6.25mV (Note 3)
0.5
MHz
Slew Rate
SR
VSENSE = 20mV to 100mV, CLOAD = 15pF
10
V/µs
MAX437_T
+20
MAX437_F
+50
Gain
AV
MAX437_H
+100
V/V
TA = TMIN to TMAX
±5.5
VSENSE = 10mV to
150mV, VCC = 12V,
IOUT = 2mA, gain = 20
and 50, VRS+ = 12V
TA = +25
°C
±0.5
±2.5
TA = TMIN to TMAX
5.5
Gain Accuracy
∆AV
VSENSE = 10mV to
150mV, VCC = 20V,
IOUT = 2mA, gain = 100,
VRS+ = 12V
TA = +25
°C
±0.5
±2.5
%
VSENSE = 6.25mV
to 100mV
400
OUT Setting Time to 1% of Final
Value
VCC = 12V, VRS+ = 12V,
CLOAD = 15pF
VSENSE = 100mV
to 6.25mV
800
ns
Maximum Capacitive Load
CLOAD
No sustained oscillation
1000
pF
Output Resistance
ROUT
VSENSE = 100mV
5
Power-Supply Rejection
PSR
VRS+ > 2V, VOUT = 1.6V, VCC = 3V to 28V
66
90
dB
Power-Up Time to 1% of Final
Value
VSENSE = 100mV, CLOAD = 15pF
2
µs
Saturation Recovery Time to
1% of Final Value
VCC = 12V, VRS+ = 12V, CLOAD = 15pF,
VSENSE = 100mV
1µs
Reverse Recovery Time to 1%
of Final Value
VCC = 12V, VRS_ = 12V, CLOAD = 15pF,
VSENSE = -100mV to +100mV
1µs


Similar Part No. - MAX4376

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4376 MAXIM-MAX4376 Datasheet
192Kb / 9P
   Single/Dual/Quad High-Side Current-Sense Amplifiers with Internal Gain
Rev 3; 5/04
MAX4376 MAXIM-MAX4376 Datasheet
384Kb / 10P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 4; 4/09
MAX4376FASA MAXIM-MAX4376FASA Datasheet
192Kb / 9P
   Single/Dual/Quad High-Side Current-Sense Amplifiers with Internal Gain
Rev 3; 5/04
MAX4376FASA++ MAXIM-MAX4376FASA+ Datasheet
384Kb / 10P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 4; 4/09
MAX4376FASA++ MAXIM-MAX4376FASA+ Datasheet
1Mb / 13P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
2019
More results

Similar Description - MAX4376

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4376 MAXIM-MAX4376_09 Datasheet
384Kb / 10P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 4; 4/09
MAX4376 MAXIM-MAX4376 Datasheet
192Kb / 9P
   Single/Dual/Quad High-Side Current-Sense Amplifiers with Internal Gain
Rev 3; 5/04
MAX4376 MAXIM-MAX4376_12 Datasheet
1Mb / 11P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 7; 10/12
MAX4376 MAXIM-MAX4376_V01 Datasheet
1Mb / 13P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
2019
MAX4069 MAXIM-MAX4069 Datasheet
472Kb / 16P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
19-2423; Rev 2; 1/03
MAX4069 MAXIM-MAX4069_08 Datasheet
381Kb / 18P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Rev 3; 11/08
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
   Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
logo
Maxim Integrated Produc...
MAX4069 MAXIM-MAX4069_V01 Datasheet
2Mb / 14P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com