Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3377EETDT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3377EETDT
Description  ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3377EETDT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3377EETDT Datasheet HTML 1Page - Maxim Integrated Products MAX3377EETDT Datasheet HTML 2Page - Maxim Integrated Products MAX3377EETDT Datasheet HTML 3Page - Maxim Integrated Products MAX3377EETDT Datasheet HTML 4Page - Maxim Integrated Products MAX3377EETDT Datasheet HTML 5Page - Maxim Integrated Products MAX3377EETDT Datasheet HTML 6Page - Maxim Integrated Products MAX3377EETDT Datasheet HTML 7Page - Maxim Integrated Products MAX3377EETDT Datasheet HTML 8Page - Maxim Integrated Products MAX3377EETDT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MAX3372E–MAX3379E/MAX3390E–MAX3393E
±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad
Low-Voltage Level Translators in UCSP
2
Maxim Integrated
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +1.65V to +5.5V, VL = +1.2V to (VCC + 0.3V), GND = 0, I/O VL_ and I/O VCC_ unconnected, TA = TMIN to TMAX, unless other-
wise noted. Typical values are at VCC = +3.3V, VL = +1.8V, TA = +25°C.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
VCC ...........................................................................-0.3V to +6V
I/O VCC_......................................................-0.3V to (VCC + 0.3V)
I/O VL_ ...........................................................-0.3V to (VL + 0.3V)
THREE-STATE...............................................-0.3V to (VL + 0.3V)
Short-Circuit Duration I/O VL, I/O VCC to GND...........Continuous
Short-Circuit Duration I/O VL or I/O VCC to GND
Driven from 40mA Source
(except MAX3372E and MAX3377E) .....................Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin SOT23 (derate 5.6mW/°C above +70°C)........444.4mW
8-Pin TDFN (derate 18.5mW/°C above +70°C) ........1482mW
3 x 3 UCSP (derate 4.7mW/°C above +70°C) ............379mW
3 x 4 UCSP (derate 6.5mW/°C above +70°C) ............520mW
14-Pin TSSOP (derate 9.1mW/°C above +70°C) ........727mW
14-Pin TDFN (derate 18.5mW/°C above +70°C) ......1482mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
VL Supply Range
VL
1.2
5.5
V
VCC Supply Range
VCC
1.65
5.50
V
Supply Current from VCC
IQVCC
130
300
µA
Supply Current from VL
IQVL
16
100
µA
VCC Three-State Output Mode
Supply Current
ITHREE-STATE-VCC
TA = +25
°C, THREE-STATE = GND
0.03
1
µA
VL Three-State Output Mode
Supply Current
ITHREE-STATE-VL
TA = +25
°C, THREE-STATE = GND
0.03
1
µA
Three-State Output Mode
Leakage Current
I/O VL_ and I/O VCC_
ITHREE-STATE-LKG
TA = +25
°C, THREE-STATE = GND
0.02
1
µA
THREE-STATE Pin Input LeakageTA = +25
°C
0.02
1
µA
ESD PROTECTION
IEC 1000-4-2 Air-Gap Discharge
±8
IEC 1000-4-2 Contact Discharge
±8
I/O VCC (Note 3)
Human Body Model
±15
kV
LOGIC-LEVEL THRESHOLDS (MAX3372E/MAX3377E)
I/O VL_ Input-Voltage High
VIHL
VL - 0.2
V
I/O VL_ Input-Voltage Low
VILL
0.15
V


Similar Part No. - MAX3377EETDT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3377EETDT MAXIM-MAX3377EETDT Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
More results

Similar Description - MAX3377EETDT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_07 Datasheet
490Kb / 31P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3372E MAXIM-MAX3372E_14 Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_V01 Datasheet
2Mb / 26P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
2020
MAX3372E MAXIM-MAX3372E Datasheet
533Kb / 25P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
19-2328; Rev 3; 9/03
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
MAX3370 MAXIM-MAX3370 Datasheet
174Kb / 10P
   1uA, 2Mbps, Low-Voltage Level Translators in SC70
Rev 1; 2/01
MAX3341E MAXIM-MAX3341E Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3394E MAXIM-MAX3394E Datasheet
556Kb / 20P
   ±15kV ESD-Protected, High-Drive Current, Dual-/Quad-/ Octal-Level Translators with Speed-Up Circuitry
Rev 2; 2/07
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
   Best-in-Class ESD Protected Level Translators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com