Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L1633EZNI10G Datasheet(PDF) 5 Page - Macronix International

Part # MX25L1633EZNI10G
Description  16M-BIT [x 1/x 2/x 4] CMOS MXSMIO??(SERIAL MULTI I/O) FLASH MEMORY
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L1633EZNI10G Datasheet(HTML) 5 Page - Macronix International

  MX25L1633EZNI10G Datasheet HTML 1Page - Macronix International MX25L1633EZNI10G Datasheet HTML 2Page - Macronix International MX25L1633EZNI10G Datasheet HTML 3Page - Macronix International MX25L1633EZNI10G Datasheet HTML 4Page - Macronix International MX25L1633EZNI10G Datasheet HTML 5Page - Macronix International MX25L1633EZNI10G Datasheet HTML 6Page - Macronix International MX25L1633EZNI10G Datasheet HTML 7Page - Macronix International MX25L1633EZNI10G Datasheet HTML 8Page - Macronix International MX25L1633EZNI10G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
5
MX25L1633E
P/N: PM1581
REV. 1.8, NOV. 08, 2013
16M-BIT [x 1/x 2/x 4] CMOS MXSMIO
(SERIAL MULTI I/O) FLASH MEMORY
FEATURES
General
• Serial Peripheral Interface compatible -- Mode 0 and Mode 3
• 16,777,216 x 1 bit structure or 8,388,608 x 2 bits (two I/O read mode) structure or 4,194,304 x 4 bits (four I/O
read mode) structure
• 512 Equal Sectors with 4K byte each
- Any Sector can be erased individually
• 32 Equal Blocks with 64K byte each
- Any Block can be erased individually
• Single Power Supply Operation
- 2.7 to 3.6 volt for read, erase, and program operations
• Latch-up protected to 100mA from -1V to Vcc +1V
Performance
• High Performance
- Fast read
- 1 I/O: 104MHz with 8 dummy cycles
- 2 I/O: 85MHz with 4 dummy cycles
- 4 I/O: 85MHz with 6 dummy cycles
- Fast access time: 104MHz serial clock
- Serial clock of four I/O read mode : 85MHz, which is equivalent to 340MHz
- Fast program time: 0.6ms(typ.) and 3ms(max.)/page (256-byte per page)
- Byte program time: 9us (typical)
- Fast erase time: 40ms (typ.)/sector (4K-byte per sector) ; 0.4s(typ.) /block (64K-byte per block); 5s(typ.) /chip
• Low Power Consumption
- Low active read current: 25mA(max.) at 104MHz and 10mA(max.) at 33MHz
- Low active programming current: 15mA (typ.)
- Low active sector erase current: 9mA (typ.)
- Low standby current: 15uA (typ.)
• Typical 100,000 erase/program cycles
• 20 years data retention
Software Features
• Input Data Format
- 1-byte Command code
• Advanced Security Features
- Block lock protection
The BP0-BP3 status bit defines the size of the area to be software protection against program and erase
instructions
- Additional 512-bit secured OTP for unique identifier
• Auto Erase and Auto Program Algorithm
- Automatically erases and verifies data at selected sector
- Automatically programs and verifies data at selected page by an internal algorithm that automatically times the
program pulse widths (Any page to be programed should have page in the erased state first)
• Status Register Feature
• Electronic Identification
- JEDEC 1-byte manufacturer ID and 2-byte device ID
- RES command for 1-byte Device ID
- Both REMS,REMS2 and REMS4 commands for 1-byte manufacturer ID and 1-byte device ID


Similar Part No. - MX25L1633EZNI10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1635D MCNIX-MX25L1635D Datasheet
736Kb / 50P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635DM1I-12G MCNIX-MX25L1635DM1I-12G Datasheet
736Kb / 50P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635DM2I-10G MCNIX-MX25L1635DM2I-10G Datasheet
736Kb / 50P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635DM2I-12G MCNIX-MX25L1635DM2I-12G Datasheet
736Kb / 50P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635DMI-12G MCNIX-MX25L1635DMI-12G Datasheet
736Kb / 50P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
More results

Similar Description - MX25L1633EZNI10G

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPR25L1603E GENERALPLUS-GPR25L1603E Datasheet
1Mb / 38P
   16M-bit [x 1/x 2/x 4] CMOS MXSMIO (Serial Multi I/O) Flash Memory
logo
Macronix International
MX25L1675E MCNIX-MX25L1675E Datasheet
767Kb / 65P
   16M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
logo
Generalplus Technology ...
GPR25V1605F GENERALPLUS-GPR25V1605F Datasheet
1Mb / 45P
   2.3V-3.6V, 16M-BIT [x 1/x 2/x 4] CMOS MXSMIO (Serial Multi I/O) Flash Memory
logo
Macronix International
MX25U1632F MCNIX-MX25U1632F Datasheet
3Mb / 96P
   1.8V 16M-BIT [x 1/x 2/x 4] CMOS MXSMIO® (SERIAL MULTI I/O) FLASH MEMORY
Rev. 1.1, December 14, 2022
MX25L12845E MCNIX-MX25L12845E_14 Datasheet
1Mb / 74P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIO??(SERIAL MULTI I/O) FLASH MEMORY
MX25L3235E MCNIX-MX25L3235E Datasheet
1Mb / 87P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L8073E MCNIX-MX25L8073E Datasheet
2Mb / 64P
   8M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L6435E MCNIX-MX25L6435E Datasheet
1Mb / 89P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L6475E MCNIX-MX25L6475E Datasheet
1Mb / 87P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L12845E MCNIX-MX25L12845E Datasheet
3Mb / 69P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com