Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L1633EZNI10G Datasheet(PDF) 11 Page - Macronix International

Part # MX25L1633EZNI10G
Description  16M-BIT [x 1/x 2/x 4] CMOS MXSMIO??(SERIAL MULTI I/O) FLASH MEMORY
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L1633EZNI10G Datasheet(HTML) 11 Page - Macronix International

Back Button MX25L1633EZNI10G Datasheet HTML 7Page - Macronix International MX25L1633EZNI10G Datasheet HTML 8Page - Macronix International MX25L1633EZNI10G Datasheet HTML 9Page - Macronix International MX25L1633EZNI10G Datasheet HTML 10Page - Macronix International MX25L1633EZNI10G Datasheet HTML 11Page - Macronix International MX25L1633EZNI10G Datasheet HTML 12Page - Macronix International MX25L1633EZNI10G Datasheet HTML 13Page - Macronix International MX25L1633EZNI10G Datasheet HTML 14Page - Macronix International MX25L1633EZNI10G Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
11
MX25L1633E
P/N: PM1581
REV. 1.8, NOV. 08, 2013
II. Additional 512-bit secured OTP for unique identifier: to provide 512-bit one-time program area for setting
device unique serial number - Which may be set by factory or system customer. Please refer to table 3. 512-bit
secured OTP definition.
- Security register bit 0 indicates whether the chip is locked by factory or not.
- To program the 512-bit secured OTP by entering 512-bit secured OTP mode (with ENSO command), and go-
ing through normal program procedure, and then exiting 512-bit secured OTP mode by writing EXSO command.
- Customer may lock-down the customer lockable secured OTP by writing WRSCUR(write security register)
command to set customer lock-down bit1 as "1". Please refer to table of "security register definition" for security
register bit definition and table of "512-bit secured OTP definition" for address range definition.
- Note: Once lock-down whatever by factory or customer, it cannot be changed any more. While in 512-bit se-
cured OTP mode, array access is not allowed.
Table 3. 512-bit Secured OTP Definition
Table 2. Protected Area Sizes
Address range
Size
Standard Factory Lock
Customer Lock
xxxx00~xxxx0F
128-bit
ESN (electrical serial number)
Determined by customer
xxxx10~xxxx3F
384-bit
N/A
Status bit
Protect Level
BP3
BP2
BP1
BP0
16Mb
0
0
0
0
0 (none)
0
0
0
1
1 (1block, protected block 31th)
0
0
1
0
2 (2blocks, protected block 30th-31th)
0
0
1
1
3 (4blocks, protected block 28th-31th)
0
1
0
0
4 (8blocks, protected block 24th-31th)
0
1
0
1
5 (16blocks, protected block 16th-31th)
0
1
1
0
6 (32blocks, protected all)
0
1
1
1
7 (32blocks, protected all)
1
0
0
0
8 (32blocks, protected all)
1
0
0
1
9 (32blocks, protected all)
1
0
1
0
10 (16blocks, protected block 0th-15th)
1
0
1
1
11 (24blocks, protected block 0th-23th)
1
1
0
0
12 (28blocks, protected block 0th-27th)
1
1
0
1
13 (30blocks, protected block 0th-29th)
1
1
1
0
14 (31blocks, protected block 0th-30th)
1
1
1
1
15 (32blocks, protected all)


Similar Part No. - MX25L1633EZNI10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1635D MCNIX-MX25L1635D Datasheet
736Kb / 50P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635DM1I-12G MCNIX-MX25L1635DM1I-12G Datasheet
736Kb / 50P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635DM2I-10G MCNIX-MX25L1635DM2I-10G Datasheet
736Kb / 50P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635DM2I-12G MCNIX-MX25L1635DM2I-12G Datasheet
736Kb / 50P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635DMI-12G MCNIX-MX25L1635DMI-12G Datasheet
736Kb / 50P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
More results

Similar Description - MX25L1633EZNI10G

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPR25L1603E GENERALPLUS-GPR25L1603E Datasheet
1Mb / 38P
   16M-bit [x 1/x 2/x 4] CMOS MXSMIO (Serial Multi I/O) Flash Memory
logo
Macronix International
MX25L1675E MCNIX-MX25L1675E Datasheet
767Kb / 65P
   16M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
logo
Generalplus Technology ...
GPR25V1605F GENERALPLUS-GPR25V1605F Datasheet
1Mb / 45P
   2.3V-3.6V, 16M-BIT [x 1/x 2/x 4] CMOS MXSMIO (Serial Multi I/O) Flash Memory
logo
Macronix International
MX25U1632F MCNIX-MX25U1632F Datasheet
3Mb / 96P
   1.8V 16M-BIT [x 1/x 2/x 4] CMOS MXSMIO® (SERIAL MULTI I/O) FLASH MEMORY
Rev. 1.1, December 14, 2022
MX25L12845E MCNIX-MX25L12845E_14 Datasheet
1Mb / 74P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIO??(SERIAL MULTI I/O) FLASH MEMORY
MX25L3235E MCNIX-MX25L3235E Datasheet
1Mb / 87P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L8073E MCNIX-MX25L8073E Datasheet
2Mb / 64P
   8M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L6435E MCNIX-MX25L6435E Datasheet
1Mb / 89P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L6475E MCNIX-MX25L6475E Datasheet
1Mb / 87P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L12845E MCNIX-MX25L12845E Datasheet
3Mb / 69P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com