Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L1633EZNI10G Datasheet(PDF) 9 Page - Macronix International

Part # MX25L1633EZNI10G
Description  16M-BIT [x 1/x 2/x 4] CMOS MXSMIO??(SERIAL MULTI I/O) FLASH MEMORY
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L1633EZNI10G Datasheet(HTML) 9 Page - Macronix International

Back Button MX25L1633EZNI10G Datasheet HTML 5Page - Macronix International MX25L1633EZNI10G Datasheet HTML 6Page - Macronix International MX25L1633EZNI10G Datasheet HTML 7Page - Macronix International MX25L1633EZNI10G Datasheet HTML 8Page - Macronix International MX25L1633EZNI10G Datasheet HTML 9Page - Macronix International MX25L1633EZNI10G Datasheet HTML 10Page - Macronix International MX25L1633EZNI10G Datasheet HTML 11Page - Macronix International MX25L1633EZNI10G Datasheet HTML 12Page - Macronix International MX25L1633EZNI10G Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
9
MX25L1633E
P/N: PM1581
REV. 1.8, NOV. 08, 2013
BLOCK DIAGRAM
Address
Generator
Memory Array
Page Buffer
Y-Decoder
Data
Register
SRAM
Buffer
SI/SIO0
SCLK
SO/SIO1
Clock Generator
State
Machine
Mode
Logic
Sense
Amplifier
HV
Generator
Output
Buffer
CS#
WP#/SIO2
NC/SIO3


Similar Part No. - MX25L1633EZNI10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1635D MCNIX-MX25L1635D Datasheet
736Kb / 50P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635DM1I-12G MCNIX-MX25L1635DM1I-12G Datasheet
736Kb / 50P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635DM2I-10G MCNIX-MX25L1635DM2I-10G Datasheet
736Kb / 50P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635DM2I-12G MCNIX-MX25L1635DM2I-12G Datasheet
736Kb / 50P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635DMI-12G MCNIX-MX25L1635DMI-12G Datasheet
736Kb / 50P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
More results

Similar Description - MX25L1633EZNI10G

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPR25L1603E GENERALPLUS-GPR25L1603E Datasheet
1Mb / 38P
   16M-bit [x 1/x 2/x 4] CMOS MXSMIO (Serial Multi I/O) Flash Memory
logo
Macronix International
MX25L1675E MCNIX-MX25L1675E Datasheet
767Kb / 65P
   16M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
logo
Generalplus Technology ...
GPR25V1605F GENERALPLUS-GPR25V1605F Datasheet
1Mb / 45P
   2.3V-3.6V, 16M-BIT [x 1/x 2/x 4] CMOS MXSMIO (Serial Multi I/O) Flash Memory
logo
Macronix International
MX25U1632F MCNIX-MX25U1632F Datasheet
3Mb / 96P
   1.8V 16M-BIT [x 1/x 2/x 4] CMOS MXSMIO® (SERIAL MULTI I/O) FLASH MEMORY
Rev. 1.1, December 14, 2022
MX25L12845E MCNIX-MX25L12845E_14 Datasheet
1Mb / 74P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIO??(SERIAL MULTI I/O) FLASH MEMORY
MX25L3235E MCNIX-MX25L3235E Datasheet
1Mb / 87P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L8073E MCNIX-MX25L8073E Datasheet
2Mb / 64P
   8M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L6435E MCNIX-MX25L6435E Datasheet
1Mb / 89P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L6475E MCNIX-MX25L6475E Datasheet
1Mb / 87P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L12845E MCNIX-MX25L12845E Datasheet
3Mb / 69P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com