Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L1608E Datasheet(PDF) 10 Page - Macronix International

Part # MX25L1608E
Description  16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L1608E Datasheet(HTML) 10 Page - Macronix International

Back Button MX25L1608E Datasheet HTML 6Page - Macronix International MX25L1608E Datasheet HTML 7Page - Macronix International MX25L1608E Datasheet HTML 8Page - Macronix International MX25L1608E Datasheet HTML 9Page - Macronix International MX25L1608E Datasheet HTML 10Page - Macronix International MX25L1608E Datasheet HTML 11Page - Macronix International MX25L1608E Datasheet HTML 12Page - Macronix International MX25L1608E Datasheet HTML 13Page - Macronix International MX25L1608E Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
10
P/N: PM1637
REV. 1.1, NOV. 06, 2013
MX25L1608E
DEVICE OPERATION
1. Before a command is issued, status register should be checked to ensure device is ready for the intended op-
eration.
2. When incorrect command is inputted to this LSI, this LSI becomes standby mode and keeps the standby mode
until next CS# falling edge. In standby mode, SO pin of this LSI should be High-Z.
3. When correct command is inputted to this LSI, this LSI becomes active mode and keeps the active mode until
next CS# rising edge.
4. Input data is latched on the rising edge of Serial Clock(SCLK) and data shifts out on the falling edge of SCLK.
The difference of Serial mode 0 and mode 3 is shown in Figure 1.
5. For the following instructions:RDID, RDSR, RDSCUR, READ, FAST_READ, DREAD, RES, and REMS the shift-
ed-in instruction sequence is followed by a data-out sequence. After any bit of data being shifted out, the CS#
can be high. For the following instructions: WREN, WRDI, WRSR, SE, BE, CE, PP, RDP, DP, ENSA, EXSA,and
WRSCUR, the CS# must go high exactly at the byte boundary; otherwise, the instruction will be rejected and not
executed.
6. During the progress of Write Status Register, Program, Erase operation, to access the memory array is neglect-
ed and not affect the current operation of Write Status Register, Program, Erase.
Figure 1.
Serial Modes Supported
Note:
CPOL indicates clock polarity of Serial master, CPOL=1 for SCLK high while idle, CPOL=0 for SCLK low while not
transmitting. CPHA indicates clock phase. The combination of CPOL bit and CPHA bit decides which Serial mode is
supported.
SCLK
MSB
CPHA
shift in
shift out
SI
0
1
CPOL
0
(Serial mode 0)
(Serial mode 3) 1
SO
SCLK
MSB


Similar Part No. - MX25L1608E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1602 MCNIX-MX25L1602 Datasheet
406Kb / 24P
   16M-BIT [16M x 1] CMOS SERIAL FLASH EEPROM
MX25L1602MC-50 MCNIX-MX25L1602MC-50 Datasheet
406Kb / 24P
   16M-BIT [16M x 1] CMOS SERIAL FLASH EEPROM
MX25L1605 MCNIX-MX25L1605 Datasheet
754Kb / 45P
   Macronix NBitTM Memory Family
MX25L1605A MCNIX-MX25L1605A Datasheet
973Kb / 43P
   Single Power Supply Operation
MX25L1605D MCNIX-MX25L1605D Datasheet
999Kb / 56P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
More results

Similar Description - MX25L1608E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1605D MCNIX-MX25L1605D Datasheet
999Kb / 56P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L1636E MCNIX-MX25L1636E Datasheet
709Kb / 49P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635E MCNIX-MX25L1635E Datasheet
691Kb / 48P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635D MCNIX-MX25L1635D Datasheet
736Kb / 50P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1606EZUI-12G MCNIX-MX25L1606EZUI-12G Datasheet
1Mb / 60P
   3V, 16M-BIT [x 1/x 2] CMOS SERIAL FLASH MEMORY
MX25L1602 MCNIX-MX25L1602 Datasheet
406Kb / 24P
   16M-BIT [16M x 1] CMOS SERIAL FLASH EEPROM
MX25L6406E MCNIX-MX25L6406E Datasheet
1Mb / 60P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EM2 MCNIX-MX25L3206EM2 Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L005E GENERALPLUS-GPR25L005E Datasheet
855Kb / 38P
   512K-Bit [x 1/x 2] CMOS Serial Flash
logo
Macronix International
MX25L3206EZUI-12G MCNIX-MX25L3206EZUI-12G Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com