Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L1608E Datasheet(PDF) 9 Page - Macronix International

Part # MX25L1608E
Description  16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L1608E Datasheet(HTML) 9 Page - Macronix International

Back Button MX25L1608E Datasheet HTML 5Page - Macronix International MX25L1608E Datasheet HTML 6Page - Macronix International MX25L1608E Datasheet HTML 7Page - Macronix International MX25L1608E Datasheet HTML 8Page - Macronix International MX25L1608E Datasheet HTML 9Page - Macronix International MX25L1608E Datasheet HTML 10Page - Macronix International MX25L1608E Datasheet HTML 11Page - Macronix International MX25L1608E Datasheet HTML 12Page - Macronix International MX25L1608E Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
9
P/N: PM1637
REV. 1.1, NOV. 06, 2013
MX25L1608E
MEMORY ORGANIZATION
Table 1. Memory Organization
Block
Sector
Address Range
31
511
1FF000h
1FFFFFh
:
:
:
496
1F0000h
1F0FFFh
30
495
1EF000h
1EFFFFh
:
:
:
480
1E0000h
1E0FFFh
:
:
:
:
:
:
:
:
0
15
00F000h
00FFFFh
:
:
:
3
003000h
003FFFh
2
002000h
002FFFh
1
001000h
001FFFh
0
000000h
000FFFh


Similar Part No. - MX25L1608E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1602 MCNIX-MX25L1602 Datasheet
406Kb / 24P
   16M-BIT [16M x 1] CMOS SERIAL FLASH EEPROM
MX25L1602MC-50 MCNIX-MX25L1602MC-50 Datasheet
406Kb / 24P
   16M-BIT [16M x 1] CMOS SERIAL FLASH EEPROM
MX25L1605 MCNIX-MX25L1605 Datasheet
754Kb / 45P
   Macronix NBitTM Memory Family
MX25L1605A MCNIX-MX25L1605A Datasheet
973Kb / 43P
   Single Power Supply Operation
MX25L1605D MCNIX-MX25L1605D Datasheet
999Kb / 56P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
More results

Similar Description - MX25L1608E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1605D MCNIX-MX25L1605D Datasheet
999Kb / 56P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L1636E MCNIX-MX25L1636E Datasheet
709Kb / 49P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635E MCNIX-MX25L1635E Datasheet
691Kb / 48P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635D MCNIX-MX25L1635D Datasheet
736Kb / 50P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1606EZUI-12G MCNIX-MX25L1606EZUI-12G Datasheet
1Mb / 60P
   3V, 16M-BIT [x 1/x 2] CMOS SERIAL FLASH MEMORY
MX25L1602 MCNIX-MX25L1602 Datasheet
406Kb / 24P
   16M-BIT [16M x 1] CMOS SERIAL FLASH EEPROM
MX25L6406E MCNIX-MX25L6406E Datasheet
1Mb / 60P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EM2 MCNIX-MX25L3206EM2 Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L005E GENERALPLUS-GPR25L005E Datasheet
855Kb / 38P
   512K-Bit [x 1/x 2] CMOS Serial Flash
logo
Macronix International
MX25L3206EZUI-12G MCNIX-MX25L3206EZUI-12G Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com