Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L1606EMI12G Datasheet(PDF) 7 Page - Macronix International

Part # MX25L1606EMI12G
Description  MX25L1606E
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L1606EMI12G Datasheet(HTML) 7 Page - Macronix International

Back Button MX25L1606EMI12G Datasheet HTML 3Page - Macronix International MX25L1606EMI12G Datasheet HTML 4Page - Macronix International MX25L1606EMI12G Datasheet HTML 5Page - Macronix International MX25L1606EMI12G Datasheet HTML 6Page - Macronix International MX25L1606EMI12G Datasheet HTML 7Page - Macronix International MX25L1606EMI12G Datasheet HTML 8Page - Macronix International MX25L1606EMI12G Datasheet HTML 9Page - Macronix International MX25L1606EMI12G Datasheet HTML 10Page - Macronix International MX25L1606EMI12G Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
7
P/N: PM1548
REV. 1.5, NOV. 06, 2013
MX25L1606E
PIN CONFIGURATIONS
16-PIN SOP (300mil)
8-LAND WSON (6x5mm), USON (4x4mm)
8-PIN SOP (200mil, 150mil)
1
2
3
4
5
6
7
8
HOLD#
VCC
NC
NC
NC
NC
CS#
SO/SIO1
16
15
14
13
12
11
10
9
SCLK
SI/SIO0
NC
NC
NC
NC
GND
WP#
1
2
3
4
CS#
SO/SIO1
WP#
GND
VCC
HOLD#
SCLK
SI/SIO0
8
7
6
5
1
2
3
4
CS#
SO/SIO1
WP#
GND
8
7
6
5
VCC
HOLD#
SCLK
SI/SIO0
1
2
3
4
CS#
SO/SIO1
WP#
GND
8
7
6
5
VCC
HOLD#
SCLK
SI/SIO0
8-PIN PDIP (300mil)
24-BALL BGA
NC
VCC
WP#
HOLD#
NC
NC
GND
NC
SI/SIO0
NC
NC
SCLK
SO/SIO1
NC
NC
NC
NC
NC
NC
A
B
C
D
E
5
4
3
2
1
CS#
NC
NC
NC
NC


Similar Part No. - MX25L1606EMI12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1606EMI-12G MCNIX-MX25L1606EMI-12G Datasheet
1Mb / 60P
   3V, 16M-BIT [x 1/x 2] CMOS SERIAL FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com