Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L1021EMC20G Datasheet(PDF) 10 Page - Macronix International

Part # MX25L1021EMC20G
Description  MX25L5121E
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L1021EMC20G Datasheet(HTML) 10 Page - Macronix International

Back Button MX25L1021EMC20G Datasheet HTML 6Page - Macronix International MX25L1021EMC20G Datasheet HTML 7Page - Macronix International MX25L1021EMC20G Datasheet HTML 8Page - Macronix International MX25L1021EMC20G Datasheet HTML 9Page - Macronix International MX25L1021EMC20G Datasheet HTML 10Page - Macronix International MX25L1021EMC20G Datasheet HTML 11Page - Macronix International MX25L1021EMC20G Datasheet HTML 12Page - Macronix International MX25L1021EMC20G Datasheet HTML 13Page - Macronix International MX25L1021EMC20G Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
10
MX25L5121E
MX25L1021E
P/N: PM1573
REV. 1.3, NOV. 11, 2013
DATA PROTECTION
During power transition, there may be some false system level signals which result in inadvertent erasure or
programming. The device is designed to protect itself from these accidental write cycles.
The state machine will be reset as standby mode automatically during power up. In addition, the control register
architecture of the device constrains that the memory contents can only be changed after specific command
sequences have completed successfully.
In the following, there are several features to protect the system from the accidental write cycles during VCC power-
up and power-down or from system noise.
• Valid command length checking: The command length will be checked whether it is at byte base and completed
on byte boundary.
• Write Enable (WREN) command: WREN command is required to set the Write Enable Latch bit (WEL) before
other command to change data.
• Software Protection Mode (SPM): by using BP0-BP1 bits to set the part of Flash protected from data change.
• Hardware Protection Mode (HPM): by using WP# going low to protect the BP0-BP1 bits and SRWD bit from data
change.
• Deep Power Down Mode: By entering Deep Power Down Mode, the flash device also is under protected from
writing all commands except Release from Deep Power Down Mode command (RDP).
Table 2. Protected Area Sizes
Status bit
Protect level
BP1
BP0
MX25L5121E
MX25L1021E
0
0
0 (none)
0 (none)
0
1
1 (All)
1 (1 block)
1
0
2 (All)
2 (All)
1
1
3 (All)
3 (All)


Similar Part No. - MX25L1021EMC20G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1026E MCNIX-MX25L1026E Datasheet
644Kb / 49P
   MX25L1026E
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
   DATASHEET
MX25L1026EM1I10G MCNIX-MX25L1026EM1I10G Datasheet
644Kb / 49P
   MX25L1026E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com