Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L1606E Datasheet(PDF) 11 Page - Macronix International

Part # MX25L1606E
Description  MX25L1606E
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L1606E Datasheet(HTML) 11 Page - Macronix International

Back Button MX25L1606E Datasheet HTML 7Page - Macronix International MX25L1606E Datasheet HTML 8Page - Macronix International MX25L1606E Datasheet HTML 9Page - Macronix International MX25L1606E Datasheet HTML 10Page - Macronix International MX25L1606E Datasheet HTML 11Page - Macronix International MX25L1606E Datasheet HTML 12Page - Macronix International MX25L1606E Datasheet HTML 13Page - Macronix International MX25L1606E Datasheet HTML 14Page - Macronix International MX25L1606E Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
11
P/N: PM1548
REV. 1.5, NOV. 06, 2013
MX25L1606E
DEVICE OPERATION
1. Before a command is issued, status register should be checked to ensure device is ready for the intended op-
eration.
2. When incorrect command is inputted to this LSI, this LSI becomes standby mode and keeps the standby mode
until next CS# falling edge. In standby mode, SO pin of this LSI should be High-Z. The CS# falling time needs to
follow tCHCL spec.
3. When correct command is inputted to this LSI, this LSI becomes active mode and keeps the active mode until
next CS# rising edge. The CS# rising time needs to follow tCLCH spec.
4. Input data is latched on the rising edge of Serial Clock(SCLK) and data shifts out on the falling edge of SCLK.
The difference of Serial mode 0 and mode 3 is shown in Figure 1.
5. For the following instructions:RDID, RDSR, RDSCUR, READ, FAST_READ, RDSFDP, DREAD, RES, and
REMS the shifted-in instruction sequence is followed by a data-out sequence. After any bit of data being shifted
out, the CS# can be high. For the following instructions: WREN, WRDI, WRSR, SE, BE, CE, PP, RDP, DP,
ENSO, EXSO,and WRSCUR, the CS# must go high exactly at the byte boundary; otherwise, the instruction will
be rejected and not executed.
6. During the progress of Write Status Register, Program, Erase operation, to access the memory array is neglect-
ed and not affect the current operation of Write Status Register, Program, Erase.
Figure 1.
Serial Modes Supported
Note:
CPOL indicates clock polarity of Serial master, CPOL=1 for SCLK high while idle, CPOL=0 for SCLK low while not
transmitting. CPHA indicates clock phase. The combination of CPOL bit and CPHA bit decides which Serial mode is
supported.
SCLK
MSB
CPHA
shift in
shift out
SI
0
1
CPOL
0
(Serial mode 0)
(Serial mode 3) 1
SO
SCLK
MSB


Similar Part No. - MX25L1606E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1606E MCNIX-MX25L1606E Datasheet
1Mb / 60P
   3V, 16M-BIT [x 1/x 2] CMOS SERIAL FLASH MEMORY
MX25L1606EM1I-12G MCNIX-MX25L1606EM1I-12G Datasheet
1Mb / 60P
   3V, 16M-BIT [x 1/x 2] CMOS SERIAL FLASH MEMORY
MX25L1606EM2I-12G MCNIX-MX25L1606EM2I-12G Datasheet
1Mb / 60P
   3V, 16M-BIT [x 1/x 2] CMOS SERIAL FLASH MEMORY
MX25L1606EMI-12G MCNIX-MX25L1606EMI-12G Datasheet
1Mb / 60P
   3V, 16M-BIT [x 1/x 2] CMOS SERIAL FLASH MEMORY
MX25L1606EPI-12G MCNIX-MX25L1606EPI-12G Datasheet
1Mb / 60P
   3V, 16M-BIT [x 1/x 2] CMOS SERIAL FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com