Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3374EEBLT Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3374EEBLT
Description  ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3374EEBLT Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3374EEBLT Datasheet HTML 1Page - Maxim Integrated Products MAX3374EEBLT Datasheet HTML 2Page - Maxim Integrated Products MAX3374EEBLT Datasheet HTML 3Page - Maxim Integrated Products MAX3374EEBLT Datasheet HTML 4Page - Maxim Integrated Products MAX3374EEBLT Datasheet HTML 5Page - Maxim Integrated Products MAX3374EEBLT Datasheet HTML 6Page - Maxim Integrated Products MAX3374EEBLT Datasheet HTML 7Page - Maxim Integrated Products MAX3374EEBLT Datasheet HTML 8Page - Maxim Integrated Products MAX3374EEBLT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MAX3372E–MAX3379E/MAX3390E–MAX3393E
±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad
Low-Voltage Level Translators in UCSP
4
Maxim Integrated
TIMING CHARACTERISTICS
(VCC = +1.65V to +5.5V, VL = +1.2V to (VCC + 0.3V), GND = 0, RLOAD = 1MΩ, I/O test signal of Figure 1, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at VCC = +3.3V, VL = +1.8V, TA = +25°C, unless otherwise noted.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX3372E/MAX3377E (CLOAD = 50pF)
I/O VCC_ Rise Time (Note 4)
tRVCC
1100
ns
I/O VCC_ Fall Time (Note 5)
tFVCC
1000
ns
I/O VL_ Rise Time (Note 4)
tRVL
600
ns
I/O VL_ Fall Time (Note 5)
tFVL
1100
ns
I/OVL-VCC
Driving I/O VL_
1.6
Propagation Delay
I/OVCC-VL
Driving I/O VCC_
1.6
µs
Channel-to-Channel Skew
tSKEW
Each translator equally loaded
500
ns
Maximum Data Rate
CL = 25pF
230
kbps
MAX3373E–MAX3376E/MAX3378E/MAX3379E and MAX3390E–MAX3393E (CLOAD = 15pF, Driver Output Impedance
≤ 50Ω)
+1.2V
≤ VL ≤ VCC ≤ +5.5V
725
I/O VCC_ Rise Time (Note 4)
tRVCC
Open-drain driving
170
400
ns
637
I/O VCC_ Fall Time (Note 5)
tFVCC
Open-drain driving
20
50
ns
830
I/O VL_ Rise Time (Note 4)
tRVL
Open-drain driving
180
400
ns
330
I/O VL_ Fall Time (Note 5)
tLFV
Open-drain driving
30
60
ns
530
I/OVL-VCC
Driving I/O VL_
Open-drain driving
210
1000
430
Propagation Delay
I/OVCC-VL
Driving I/O VCC_
Open-drain driving
190
1000
ns
20
Channel-to-Channel Skew
tSKEW
Each translator
equally loaded
Open-drain driving
50
ns
8
Mbps
Maximum Data Rate
Open-drain driving
500
kbps


Similar Part No. - MAX3374EEBLT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3374EEBLT MAXIM-MAX3374EEBLT Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
More results

Similar Description - MAX3374EEBLT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_07 Datasheet
490Kb / 31P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3372E MAXIM-MAX3372E_14 Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_V01 Datasheet
2Mb / 26P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
2020
MAX3372E MAXIM-MAX3372E Datasheet
533Kb / 25P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
19-2328; Rev 3; 9/03
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
MAX3370 MAXIM-MAX3370 Datasheet
174Kb / 10P
   1uA, 2Mbps, Low-Voltage Level Translators in SC70
Rev 1; 2/01
MAX3341E MAXIM-MAX3341E Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3394E MAXIM-MAX3394E Datasheet
556Kb / 20P
   ±15kV ESD-Protected, High-Drive Current, Dual-/Quad-/ Octal-Level Translators with Speed-Up Circuitry
Rev 2; 2/07
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
   Best-in-Class ESD Protected Level Translators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com