Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2609EUT-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2609EUT-T
Description  Integrated IF VCOs with Differential Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2609EUT-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2609EUT-T Datasheet HTML 1Page - Maxim Integrated Products MAX2609EUT-T Datasheet HTML 2Page - Maxim Integrated Products MAX2609EUT-T Datasheet HTML 3Page - Maxim Integrated Products MAX2609EUT-T Datasheet HTML 4Page - Maxim Integrated Products MAX2609EUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX2609EUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX2609EUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX2609EUT-T Datasheet HTML 8Page - Maxim Integrated Products MAX2609EUT-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AVAILABLE
EVALUATION KIT AVAILABLE
Functional Diagrams
Pin Configurations appear at end of data sheet.
Functional Diagrams continued at end of data sheet.
UCSP is a trademark of Maxim Integrated Products, Inc.
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
General Description
The MAX2605–MAX2609 are compact, high-performance
intermediate-frequency (IF) voltage-controlled oscillators
(VCOs) designed specifically for demanding portable
wireless communication systems. They combine monolith-
ic construction with low-noise, low-power operation in a
tiny 6-pin SOT23 package.
These low-noise VCOs feature an on-chip varactor and
feedback capacitors that eliminate the need for external
tuning elements, making the MAX2605–MAX2609 ideal
for portable systems. Only an external inductor is
required to set the oscillation frequency. In addition, an
integrated differential output buffer is provided for dri-
ving a mixer or prescaler. The buffer output is capable
of supplying up to -8dBm (differential) with a simple
power match. It also provides isolation from load
impedance variations.
The MAX2605–MAX2609 operate from a single +2.7V to
+5.5V supply and offer low current consumption. These IF
oscillators can cover the 45MHz to 650MHz frequency
range.
Applications
Cellular and PCS Mobile Phones
2.4GHz ISM Band
902MHz to 928MHz ISM Band
Land Mobile Radio
GPS Receivers
General-Purpose IF Oscillators
Features
o Small Size
o Integrated Varactor for Tuning
o Low Phase Noise
o Wide Application Frequency Range
o Differential or Single-Ended Outputs
o Single +2.7V to +5.5V Supply
o Ultra-Small SOT23-6 Package
o On-Chip Temperature-Stable Bias
o Low-Current Operation
45MHz to 650MHz, Integrated IF
VCOs with Differential Output
GND
OUT-
TUNE
16
OUT+
5
VCC
IND
MAX2605
MAX2606
MAX2607
MAX2608
MAX2609
SOT23-6
TOP VIEW
2
34
19-1673; Rev 0a; 4/02
Pin Configuration/
Functional Diagram
Ordering Information
PART
MAX2605
MAX2606
MAX2607
150 to 300
70 to 150
45 to 70
FREQUENCY
RANGE
(MHz)
SUPPLY
CURRENT
(mA)
1.9
2.1
2.1
MAX2608
300 to 500
2.7
PHASE
NOISE
(dBc/Hz)
-117
-112
-107
-100
MAX2609
500 to 650
3.6
-93
Selector Guide
AABE
6 SOT23-6
-40°C to +85°C
MAX2608EUT-T
AABD
AABC
AABB
TOP
MARK
6 SOT23-6
6 SOT23-6
6 SOT23-6
PIN-
PACKAGE
TEMP. RANGE
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
MAX2607EUT-T
MAX2606EUT-T
MAX2605EUT-T
PART
AABF
6 SOT23-6
-40°C to +85°C
MAX2609EUT-T
MAX2605–MAX2609


Similar Part No. - MAX2609EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2609EUT-T MAXIM-MAX2609EUT-T Datasheet
312Kb / 15P
   45MHz to 650MHz, Integrated IF VCOs with Differential Output
Rev 0a; 4/02
MAX2609EUT-T MAXIM-MAX2609EUT-T Datasheet
541Kb / 15P
   45MHz to 650MHz, Integrated IF VCOs with Differential Output
Rev 0a; 4/02
More results

Similar Description - MAX2609EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2607EUT MAXIM-MAX2607EUT Datasheet
541Kb / 15P
   45MHz to 650MHz, Integrated IF VCOs with Differential Output
Rev 0a; 4/02
MAX2605 MAXIM-MAX2605_02 Datasheet
312Kb / 15P
   45MHz to 650MHz, Integrated IF VCOs with Differential Output
Rev 0a; 4/02
logo
Silicon Laboratories
SI2200 SILABS-SI2200 Datasheet
824Kb / 30P
   RF SYNTHESIZER WITH INTEGRATED VCOS INTEGRATED VCOS
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
logo
Silicon Laboratories
SI4136 SILABS-SI4136 Datasheet
660Kb / 30P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS
logo
Texas Instruments
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
logo
National Semiconductor ...
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
logo
STMicroelectronics
STW81101 STMICROELECTRONICS-STW81101 Datasheet
1Mb / 42P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81101 STMICROELECTRONICS-STW81101_07 Datasheet
1Mb / 48P
   Multi-band RF frequency synthesizer with integrated VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com