Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3372EEKAT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3372EEKAT
Description  ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3372EEKAT Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3372EEKAT Datasheet HTML 2Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 3Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 4Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 5Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 6Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 7Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 8Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 9Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Typical Operating Characteristics
(RLOAD = 1MΩ, TA = +25°C, unless otherwise noted. All 230kbps TOCs apply to MAX3372E/MAX3377E only. All 8Mbps and
500kbps TOCs apply to MAX3373E–MAX3376E/MAX3378E/MAX3379E and MAX3390E–MAX3393E only.)
VL SUPPLY CURRENT vs. SUPPLY VOLTAGE
(DRIVING I/O VL, VCC = +3.3V, VL = +1.8V)
VCC (V)
4.95
4.40
3.85
3.30
2.75
2.20
100
200
300
400
500
600
0
1.65
5.50
8Mbps, CLOAD = 15pF
230kbps, CLOAD = 50pF
500kbps, OPEN-DRAIN, CLOAD = 15pF
VCC SUPPLY CURRENT vs. SUPPLY VOLTAGE
(DRIVING I/O VL, VCC = +3.3V, VL = +1.8V)
VCC (V)
4.95
4.40
3.85
3.30
2.75
2.20
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1.65
5.50
8Mbps, CLOAD = 15pF
230kbps, CLOAD = 50pF
500kbps, OPEN-DRAIN, CLOAD = 15pF
VL SUPPLY CURRENT vs. TEMPERATURE
(DRIVING I/O VCC, VCC = +3.3V, VL = +1.8V)
TEMPERATURE (
°C)
60
35
-15
10
50
100
150
200
250
300
350
400
0
-40
85
8Mbps, CLOAD = 15pF
230kbps, CLOAD = 50pF
500kbps, OPEN-DRAIN, CLOAD = 15pF
VCC SUPPLY CURRENT vs. TEMPERATURE
(DRIVING I/O VCC, VCC = +3.3V, VL = +1.8V)
TEMPERATURE (
°C)
60
35
-15
10
200
400
600
800
1000
1200
1400
1600
0
-40
85
8Mbps, CLOAD = 15pF
230kbps, CLOAD = 50pF
500kbps, OPEN-DRAIN, CLOAD = 15pF
VL SUPPLY CURRENT vs. CAPACITIVE LOAD
(DRIVING I/O VL, VCC = +3.3V, VL = +1.8V)
CAPACITIVE LOAD (pF)
85
70
55
40
25
50
100
150
200
250
300
350
0
10
100
8Mbps
230kbps
500kbps, OPEN-DRAIN
VCC SUPPLY CURRENT vs. CAPACITIVE LOAD
(DRIVING I/O VL, VCC = +3.3V, VL = +1.8V)
CAPACITIVE LOAD (pF)
85
70
55
40
25
500
1000
1500
2000
2500
0
10
100
8Mbps
230kbps
500kbps, OPEN-DRAIN
RISE/FALL TIME vs. CAPACITIVE LOAD
(DRIVING I/O VL, VCC = +3.3V, VL = +1.8V)
CAPACITIVE LOAD (pF)
90
80
70
60
50
40
30
500
1000
1500
2000
2500
0
20
100
DATA RATE = 230kbps
tHL
tLH
RISE/FALL TIME vs. CAPACITIVE LOAD
(DRIVING I/O VL, VCC = +3.3V, VL = +1.8V)
CAPACITIVE LOAD (pF)
45
40
30
35
20
25
15
2
4
6
8
10
12
14
16
18
0
10
50
DATA RATE = 8Mbps
tHL
tLH
RISE/FALL TIME vs. CAPACITIVE LOAD
(DRIVING I/O VL, VCC = +3.3V, VL = +1.8V)
CAPACITIVE LOAD (pF)
45
40
35
30
25
20
15
50
100
150
200
250
0
10
50
tLH
tHL
DATA RATE = 500kbps,
OPEN-DRAIN
MAX3372E–MAX3379E/MAX3390E–MAX3393E
±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad
Low-Voltage Level Translators in UCSP
6
Maxim Integrated


Similar Part No. - MAX3372EEKAT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3372EEKAT MAXIM-MAX3372EEKAT Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
More results

Similar Description - MAX3372EEKAT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_07 Datasheet
490Kb / 31P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3372E MAXIM-MAX3372E_14 Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_V01 Datasheet
2Mb / 26P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
2020
MAX3372E MAXIM-MAX3372E Datasheet
533Kb / 25P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
19-2328; Rev 3; 9/03
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
MAX3370 MAXIM-MAX3370 Datasheet
174Kb / 10P
   1uA, 2Mbps, Low-Voltage Level Translators in SC70
Rev 1; 2/01
MAX3341E MAXIM-MAX3341E Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3394E MAXIM-MAX3394E Datasheet
556Kb / 20P
   ±15kV ESD-Protected, High-Drive Current, Dual-/Quad-/ Octal-Level Translators with Speed-Up Circuitry
Rev 2; 2/07
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
   Best-in-Class ESD Protected Level Translators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com