Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD584SH883B Datasheet(PDF) 3 Page - Analog Devices

Part # AD584SH883B
Description  Pin Programmable, Precision Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD584SH883B Datasheet(HTML) 3 Page - Analog Devices

  AD584SH883B Datasheet HTML 1Page - Analog Devices AD584SH883B Datasheet HTML 2Page - Analog Devices AD584SH883B Datasheet HTML 3Page - Analog Devices AD584SH883B Datasheet HTML 4Page - Analog Devices AD584SH883B Datasheet HTML 5Page - Analog Devices AD584SH883B Datasheet HTML 6Page - Analog Devices AD584SH883B Datasheet HTML 7Page - Analog Devices AD584SH883B Datasheet HTML 8Page - Analog Devices AD584SH883B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
AD584
Rev. C | Page 3 of 12
SPECIFICATIONS
VIN = 15 V and 25°C, unless otherwise noted.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate
outgoing quality levels. All minimum and maximum specifications are guaranteed; although, only those shown in boldface are tested on
all production units.
Table 1.
AD584J
AD584K
Model
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT VOLTAGE TOLERANCE
Maximum Error at Pin 1 for Nominal
Outputs of
10.000 V
±30
±10
mV
7.500 V
±20
±8
mV
5.000 V
±15
±6
mV
2.500 V
±7.5
±3.5
mV
OUTPUT VOLTAGE CHANGE
Maximum Deviation from 25°C Value, TMIN to TMAX1
10.000 V, 7.500 V, and 5.000 V Outputs
30
15
ppm/°C
2.500 V Output
30
15
ppm/°C
Differential Temperature Coefficients Between Outputs
5
3
ppm/°C
QUIESCENT CURRENT
0.75
1.0
0.75
1.0
mA
Temperature Variation
1.5
1.5
µA/°C
TURN-ON SETTLING TIME TO 0.1%
200
200
µs
NOISE (0.1 Hz TO 10 Hz)
50
50
µV p-p
LONG-TERM STABILITY
25
25
ppm/1000 Hrs
SHORT-CIRCUIT CURRENT
30
30
mA
LINE REGULATION (NO LOAD)
15 V ≤ VIN ≤ 30 V
0.002
0.002
%/V
(VOUT + 2.5 V) ≤ VIN ≤ 15 V
0.005
0.005
%/V
LOAD REGULATION
0 ≤ IOUT ≤ 5 mA, All Outputs
20
50
20
50
ppm/mA
OUTPUT CURRENT
VIN ≥ VOUT + 2.5 V
Source at 25°C
10
10
mA
Source TMIN to TMAX
5
5
mA
Sink TMIN to TMAX
5
5
mA
TEMPERATURE RANGE
Operating
0
70
0
70
°C
Storage
−65
+175
−65
+175
°C
PACKAGE OPTION
8-Pin Metal Header (TO-99, H-08)
AD584JH
AD584KH
8-Lead Plastic Dual In-Line Package (PDIP, N-8)
AD584JN
AD584KN
1
Calculated as average over the operating temperature range.


Similar Part No. - AD584SH883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD584SH883B AD-AD584SH883B Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
More results

Similar Description - AD584SH883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD584 AD-AD584 Datasheet
304Kb / 8P
   Pin Programmable Precision Voltage Reference
REV. A
AD584 AD-AD584_12 Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
AD584TH AD-AD584TH Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
logo
Maxim Integrated Produc...
MX584 MAXIM-MX584 Datasheet
296Kb / 8P
   Pin Programmable Precision Voltage Reference
Rev 1; 8/96
MX584 MAXIM-MX584_V01 Datasheet
642Kb / 11P
   Pin-Programmable, Precision Voltage Reference
2004
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com