Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB43CA Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 1SMB43CA
Description  BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1SMB43CA Datasheet(HTML) 1 Page - Central Semiconductor Corp

  1SMB43CA Datasheet HTML 1Page - Central Semiconductor Corp 1SMB43CA Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
74
Central
Semiconductor Corp.
TM
VBR
TYPE NO.
@IT
IR
IPPM
@VRWM
@IPPM
SMB CASE
DESCRIPTION
The CENTRAL SEMICONDUCTOR 1SMB5.0CA
Series types are Surface Mount Bi-Directional
Glass Passivated Junction Transient Voltage
Suppressors designed to protect voltage sensitive
components from high voltage transients. THIS
DEVICE IS MANUFACTURED WITH A GLASS
PASSIVATED
CHIP
FOR
OPTIMUM
RELIABILITY.
Note: For Uni-directional devices, please refer
to the 1SMB5.0A Series data sheet.
BREAKDOWN
VOLTAGE
REVERSE
MAXIMUM
MAXIMUM
MAXIMUM
STAND-OFF
REVERSE
CLAMPING PEAK PULSE
MARKING
VOLTAGE
LEAKAGE
VOLTAGE
CURRENT
CODE
VOLTS
VOLTS
MIN
MAX
mA
VOLTS
A
1SMB5.0CA
5.0
6.40
7.25
10
1600
9.2
65.2
CKEC
1SMB6.0CA
6.0
6.67
7.67
10
1600
10.3
58.3
CKGC
1SMB6.5CA
6.5
7.22
8.30
10
1000
11.2
53.6
CKKC
1SMB7.0CA
7.0
7.78
8.95
10
400
12.0
50.0
CKMC
1SMB7.5CA
7.5
8.33
9.58
1.0
200
12.9
46.5
CKPC
1SMB8.0CA
8.0
8.89
10.23
1.0
100
13.6
44.1
CKRC
1SMB8.5CA
8.5
9.44
10.82
1.0
20
14.4
41.7
CKTC
1SMB9.0CA
9.0
10.0
11.5
1.0
10
15.4
39.0
CKVC
1SMB10CA
10
11.1
12.8
1.0
5.0
17.0
35.3
CKXC
1SMB11CA
11
12.2
14.0
1.0
5.0
18.2
33.0
CKZC
1SMB12CA
12
13.3
15.3
1.0
5.0
19.9
30.2
CLEC
1SMB13CA
13
14.4
16.5
1.0
5.0
21.5
27.9
CLGC
VRWM
mA
VC
1SMB5.0CA
THRU
1SMB170CA
BI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
TRANSIENT VOLTAGE SUPPRESSOR
600 WATTS, 5.0 THRU 170 VOLTS
NEW
v
w
ELECTRICAL CHARACTERISTICS (TA=25°C )
Specif
ied by
VOLTAGE
STAND-OFF
MAXIMUM RATINGS (TA=25°C )
SYMBOL
UNITS
Peak Power Dissipation
PDM
600
W
Peak Forward Surge Current (JEDEC Method)
IFSM
100
A
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C


Similar Part No. - 1SMB43CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1SMB43CA CENTRAL-1SMB43CA Datasheet
799Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1SMB43CA CENTRAL-1SMB43CA Datasheet
787Kb / 3P
   SILICON TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
1SMB43CA SUNMATE-1SMB43CA Datasheet
979Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
ON Semiconductor
1SMB43CAT3 ONSEMI-1SMB43CAT3 Datasheet
54Kb / 6P
   Watt Peak Power Zener Transient Voltage Suppressors
January, 2005 ??Rev. 6
1SMB43CAT3 ONSEMI-1SMB43CAT3 Datasheet
67Kb / 7P
   Watt Peak Power Zener Transient Voltage Suppressors
October, 2006 ??Rev. 9
More results

Similar Description - 1SMB43CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1SMC50CA CENTRAL-1SMC50CA Datasheet
144Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMC5.0CA CENTRAL-1SMC5.0CA_11 Datasheet
651Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMB5.0CA CENTRAL-1SMB5.0CA_11 Datasheet
787Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
3SMC50CA CENTRAL-3SMC50CA Datasheet
141Kb / 2P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
1SMC50A CENTRAL-1SMC50A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
P6SMB68CA CENTRAL-P6SMB68CA Datasheet
91Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
3SMC50A CENTRAL-3SMC50A Datasheet
142Kb / 2P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
15SMC68CA CENTRAL-15SMC68CA Datasheet
146Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
P6SMB68A CENTRAL-P6SMB68A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com