Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BRCD016GWZ-3 Datasheet(PDF) 6 Page - Rohm

Part # BRCD016GWZ-3
Description  WLCSP EEPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BRCD016GWZ-3 Datasheet(HTML) 6 Page - Rohm

Back Button BRCD016GWZ-3 Datasheet HTML 2Page - Rohm BRCD016GWZ-3 Datasheet HTML 3Page - Rohm BRCD016GWZ-3 Datasheet HTML 4Page - Rohm BRCD016GWZ-3 Datasheet HTML 5Page - Rohm BRCD016GWZ-3 Datasheet HTML 6Page - Rohm BRCD016GWZ-3 Datasheet HTML 7Page - Rohm BRCD016GWZ-3 Datasheet HTML 8Page - Rohm BRCD016GWZ-3 Datasheet HTML 9Page - Rohm BRCD016GWZ-3 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Datasheet
6/24
BRCD016GWZ-3
TSZ02201-0R2G0G100620-1-2
24.Oct.2013 Rev.001
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
Figure 11. Supply Current (Read) vs Supply Voltage
(fSCL=400kHz)
Figure 8. Input Leakage Current vs Supply Voltage
(SCL, WP)
Figure 9. Output Leakage Current vs Supply Voltage
(SDA)
Figure 10. Supply Current (Write) vs Supply Voltage
(fSCL=400kHz)
Typical Performance Curves‐continued
0
0.2
0.4
0.6
0.8
1
1.2
0123
456
Supply Voltage: Vcc(V)
SPEC
Ta=-40°C
Ta= 25°C
Ta= 85°C
0
0.2
0.4
0.6
0.8
1
1.2
012
3
456
SUPPLY VOLTAGE: Vcc(v)
SPEC
Ta=-40°C
Ta= 25°C
Ta= 85°C
0
0.5
1
1.5
2
2.5
3
012
3
456
Supply Voltage: Vcc(V)
SPEC
Ta=-40°C
Ta= 25°C
Ta= 85°C
0
0.1
0.2
0.3
0.4
0.5
0.6
012
3
456
Supply Voltage: Vcc(V)
SPEC
Ta=-40°C
Ta= 25°C
Ta= 85°C


Similar Part No. - BRCD016GWZ-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BRCD064GWZ-3 ROHM-BRCD064GWZ-3 Datasheet
603Kb / 30P
   WLCSP EEPROM
More results

Similar Description - BRCD016GWZ-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BRCA016GWZ-W ROHM-BRCA016GWZ-W_1 Datasheet
808Kb / 26P
   WLCSP EEPROM
BRCB008GWZ-3 ROHM-BRCB008GWZ-3_13 Datasheet
457Kb / 29P
   WLCSP EEPROM
BRCH064GWZ-3 ROHM-BRCH064GWZ-3 Datasheet
2Mb / 30P
   WLCSP EEPROM
BU9833GUL-W ROHM-BU9833GUL-W_12 Datasheet
756Kb / 28P
   WLCSP EEPROM
BRCB016GWL-3 ROHM-BRCB016GWL-3 Datasheet
478Kb / 30P
   WLCSP EEPROM
BRCD064GWZ-3 ROHM-BRCD064GWZ-3 Datasheet
603Kb / 30P
   WLCSP EEPROM
BU9847GUL-W ROHM-BU9847GUL-W_12 Datasheet
804Kb / 28P
   WLCSP EEPROM
BRCB064GWZ-3 ROHM-BRCB064GWZ-3 Datasheet
503Kb / 29P
   WLCSP EEPROM
BU9832GUL-W ROHM-BU9832GUL-W_12 Datasheet
748Kb / 30P
   WLCSP EEPROM
BU9889GUL-W ROHM-BU9889GUL-W_12 Datasheet
787Kb / 27P
   WLCSP EEPROM
BRCC064GWZ-3 ROHM-BRCC064GWZ-3_13 Datasheet
519Kb / 29P
   WLCSP EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com