Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1339U-33TR Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1339U-33TR
Description  I2C Serial Real-Time Clock
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1339U-33TR Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1339U-33TR Datasheet HTML 5Page - Maxim Integrated Products DS1339U-33TR Datasheet HTML 6Page - Maxim Integrated Products DS1339U-33TR Datasheet HTML 7Page - Maxim Integrated Products DS1339U-33TR Datasheet HTML 8Page - Maxim Integrated Products DS1339U-33TR Datasheet HTML 9Page - Maxim Integrated Products DS1339U-33TR Datasheet HTML 10Page - Maxim Integrated Products DS1339U-33TR Datasheet HTML 11Page - Maxim Integrated Products DS1339U-33TR Datasheet HTML 12Page - Maxim Integrated Products DS1339U-33TR Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DS1339 I
2C Serial Real-Time Clock
9 of 20
DETAILED DESCRIPTION
The DS1339 serial real-time clock (RTC) is a low-power clock/date device with two programmable time-of-day
alarms and a programmable square-wave output. Address and data are transferred serially through an I
2C bus.
The clock/date provides seconds, minutes, hours, day, date, month, and year information. The date at the end of
the month is automatically adjusted for months with fewer than 31 days, including corrections for leap year. The
clock operates in either the 24-hour or 12-hour format with AM/PM indicator. The DS1339 has a built-in power-
sense circuit that detects power failures and automatically switches to the backup supply, maintaining time, date,
and alarm operation.
OPERATION
The DS1339 operates as a slave device on the serial bus. Access is obtained by implementing a START condition
and providing a device identification code followed by data. Subsequent registers can be accessed sequentially
until a STOP condition is executed. The device is fully accessible and data can be written and read when VCC is
greater than VPF. However, when VCC falls below V
PF, the internal clock registers are blocked from any access. If
VPF is less than VBACKUP, the device power is switched from VCC to VBACKUP when VCC drops below VPF. If VPF is
greater than VBACKUP, the device power is switched from VCC to VBACKUP when VCC drops below VBACKUP. The
registers are maintained from the VBACKUP source until VCC is returned to nominal levels. The block diagram in
Figure 3 shows the main elements of the serial real-time clock.
POWER CONTROL
The power-control function is provided by a precise, temperature-compensated voltage reference and a
comparator circuit that monitors the VCC level. The device is fully accessible and data can be written and read
when VCC is greater than VPF. However, when VCC falls below VPF, the internal clock registers are blocked from any
access. If VPF is less than VBACKUP, the device power is switched from VCC to VBACKUP when VCC drops below VPF. If
VPF is greater than VBACKUP, the device power is switched from VCC to VBACKUP when VCC drops below VBACKUP. The
registers are maintained from the VBACKUP source until VCC is returned to nominal levels (Table 1). After VCC returns
above VPF, read and write access is allowed after tREC (Figure 1). On the first application of power to the device the
time and date registers are reset to 01/01/00 01 00:00:00 (MM/DD/YY DOW HH:MM:SS).
Table 1. Power Control
SUPPLY CONDITION
READ/WRITE
ACCESS
POWERED
BY
VCC < VPF, VCC < VBACKUP
No
VBACKUP
VCC < VPF, VCC > VBACKUP
No
VCC
VCC > VPF, VCC < VBACKUP
Yes
VCC
VCC > VPF, VCC > VBACKUP
Yes
VCC
OSCILLATOR CIRCUIT
The DS1339 uses an external 32.768kHz crystal. The oscillator circuit does not require any external resistors or
capacitors to operate. Table 2 specifies several crystal parameters for the external crystal. Figure 3 shows a
functional schematic of the oscillator circuit. The startup time is usually less than 1 second when using a crystal
with the specified characteristics.


Similar Part No. - DS1339U-33TR

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1339U-33 DALLAS-DS1339U-33 Datasheet
291Kb / 18P
   Serial Real-Time Clock
DS1339U-33 DALLAS-DS1339U-33 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1339U-33 MAXIM-DS1339U-33 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
logo
Dallas Semiconductor
DS1339U-33++ DALLAS-DS1339U-33+ Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1339U-33++ MAXIM-DS1339U-33+ Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
More results

Similar Description - DS1339U-33TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
DS1337 MAXIM-DS1337_06 Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
logo
Maxim Integrated Produc...
DS1339A MAXIM-DS1339A_13 Datasheet
580Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 1; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com