Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO-214 Datasheet(PDF) 1 Page - Littelfuse

Part # DO-214
Description  Sample Instructions for Choosing a Packing Option
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

DO-214 Datasheet(HTML) 1 Page - Littelfuse

  DO-214 Datasheet HTML 1Page - Littelfuse DO-214 Datasheet HTML 2Page - Littelfuse DO-214 Datasheet HTML 3Page - Littelfuse DO-214 Datasheet HTML 4Page - Littelfuse DO-214 Datasheet HTML 5Page - Littelfuse DO-214 Datasheet HTML 6Page - Littelfuse DO-214 Datasheet HTML 7Page - Littelfuse DO-214 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2004 Littelfuse, Inc.
M3 - 1
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Packing Options
M3
Packing options include:
Bulk Pack
Reel Pack (RP)
Ammo Pack (AP)
Tube Pack (TP)
Embossed Carrier (RP)
See “Package Type and Packing Options” on page M3-2.
Sample Instructions for Choosing a
Packing Option
(1) If selecting an “L401E6” (sensitive gate, 400 V, 1 A triac in a
TO-92 package), choose one of the options available for that
device:
• Bulk packed in 2,000 quantity
• Tape and Reel with 2,000 parts per reel
• Tape and Ammo with 2,000 parts per box
(2) Add the designated code as a suffix to the device number,
such as “L401E6 RP” if selecting Tape and Reel or “L401E6
AP” if selecting Tape and Ammo. (Bulk packing requires no
suffix.)
M3


Similar Part No. - DO-214

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DO-214 LITTELFUSE-DO-214 Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
DO-214 LITTELFUSE-DO-214 Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
List of Unclassifed Man...
DO-214 ETC2-DO-214 Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
Littelfuse
DO-214 LITTELFUSE-DO-214 Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
Shenzhen Luguang Electr...
DO-214AA LUGUANG-DO-214AA Datasheet
160Kb / 2P
   Surface Mount Rectifiers
More results

Similar Description - DO-214

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S8055NTP LITTELFUSE-S8055NTP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
K2000SRP LITTELFUSE-K2000SRP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
List of Unclassifed Man...
Q4006N4TP ETC2-Q4006N4TP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
Littelfuse
L6006V8TP LITTELFUSE-L6006V8TP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
L6008L6TP LITTELFUSE-L6008L6TP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
List of Unclassifed Man...
Q4004D4RP ETC2-Q4004D4RP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
FQD5N50CTM ETC2-FQD5N50CTM Datasheet
236Kb / 2P
   TO252-3L, JEDEC OPTION AA, PACKING CONFIGURATION Figure 1.0
logo
STMicroelectronics
AN1756 STMICROELECTRONICS-AN1756 Datasheet
208Kb / 10P
   Choosing a DALI implementation strategy with ST7DALIF2
logo
List of Unclassifed Man...
FQD3N40TM ETC2-FQD3N40TM Datasheet
236Kb / 2P
   TO252-3L, JEDEC OPTION AA, PACKING CONFIGURATION Figure 1.0
logo
STMicroelectronics
TN0107 STMICROELECTRONICS-TN0107 Datasheet
710Kb / 15P
   Mounting instructions for STMicroelectronics
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com