Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR93H76RF-2LB Datasheet(PDF) 1 Page - Rohm

Part # BR93H76RF-2LB
Description  Serial EEPROM Series Industrial EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93H76RF-2LB Datasheet(HTML) 1 Page - Rohm

  BR93H76RF-2LB Datasheet HTML 1Page - Rohm BR93H76RF-2LB Datasheet HTML 2Page - Rohm BR93H76RF-2LB Datasheet HTML 3Page - Rohm BR93H76RF-2LB Datasheet HTML 4Page - Rohm BR93H76RF-2LB Datasheet HTML 5Page - Rohm BR93H76RF-2LB Datasheet HTML 6Page - Rohm BR93H76RF-2LB Datasheet HTML 7Page - Rohm BR93H76RF-2LB Datasheet HTML 8Page - Rohm BR93H76RF-2LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Datasheet
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
1/25
www.rohm.com
TSZ02201-0R1R0G100280-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
27.Feb.2014 Rev.002
Serial EEPROM Series Industrial EEPROM
125℃ Operation Microwire BUS EEPROM (3-wire)
BR93H76RF-2LB
General Description
This is the product guarantees long time support in
Industrial market.
BR93H76RF-2LB is a serial EEPROM of serial 3-line
interface method.
Features
Long Time Support a Product for Industrial
Applications.
Conforming to Microwire BUS
Withstands Electrostatic Voltage up to 6kV
(HBM method typ)
Wide Temperature Range -40℃ to +125℃
Same package line-up and same pin configuration
2.5V to 5.5V Single Supply Voltage Operation
Address Auto Increment Function at READ
Operation
Prevention of write mistake
Write prohibition at power on
Write prohibition by command code
Write mistake prevention circuit at low voltage
Self-timed programming cycle
Program Condition Display by READY / BUSY
Low Supply Current
Write Operation (5V) : 0.8mA (Typ)
Read Operation (5V) : 0.5mA (Typ)
Standby Operation (5V) : 0.1
μA (Typ)
Compact package
High-Reliability using ROHM Original
Double-Cell structure
More than 100 years data retention
More than 1 million write cycles
Data set to FFFFh on all addresses at shipment
Package
W(Typ.) x D(Typ.) x H(Max.)
Application
Industrial Equipment
BR93H76RF-2LB
Capacity
Bit Format
Product Name
Supply Voltage
Package
8Kbit
512×16
BR93H76RF-2LB
2.5V to 5.5V
SOP8
SOP8
5.00mm x 6.20mm x 1.71mm


Similar Part No. - BR93H76RF-2LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H76RF-2CE2 ROHM-BR93H76RF-2CE2 Datasheet
741Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H76RF-2CE2 ROHM-BR93H76RF-2CE2 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H76RF-2CTR ROHM-BR93H76RF-2CTR Datasheet
741Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
More results

Similar Description - BR93H76RF-2LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H46RF-2LB ROHM-BR93H46RF-2LB Datasheet
888Kb / 28P
   Serial EEPROM Series Industrial EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H66RF-2LB ROHM-BR93H66RF-2LB Datasheet
899Kb / 28P
   Serial EEPROM Series Industrial EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H86RF-2LB ROHM-BR93H86RF-2LB Datasheet
912Kb / 28P
   Serial EEPROM Series Industrial EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RF-2C ROHM-BR93H46RF-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFVT-2C ROHM-BR93H46RFVT-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H66RFVT-2C ROHM-BR93H66RFVT-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H86RFVM-2C ROHM-BR93H86RFVM-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H86RFVT-2C ROHM-BR93H86RFVT-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFJ-2C ROHM-BR93H46RFJ-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFVM-2C ROHM-BR93H46RFVM-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com