Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR93H66RF-2LB Datasheet(PDF) 3 Page - Rohm

Part # BR93H66RF-2LB
Description  Serial EEPROM Series Industrial EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93H66RF-2LB Datasheet(HTML) 3 Page - Rohm

  BR93H66RF-2LB Datasheet HTML 1Page - Rohm BR93H66RF-2LB Datasheet HTML 2Page - Rohm BR93H66RF-2LB Datasheet HTML 3Page - Rohm BR93H66RF-2LB Datasheet HTML 4Page - Rohm BR93H66RF-2LB Datasheet HTML 5Page - Rohm BR93H66RF-2LB Datasheet HTML 6Page - Rohm BR93H66RF-2LB Datasheet HTML 7Page - Rohm BR93H66RF-2LB Datasheet HTML 8Page - Rohm BR93H66RF-2LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
BR93H66RF-2LB
3/25
Datasheet
Datasheet
www.rohm.com
TSZ22111・15・001
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R1R0G100270-1-2
27.Feb.2014 Rev.002
DC Characteristics (Unless otherwise specified, Ta=-40℃ to +125℃, VCC=2.5V to 5.5V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Input Low Voltage
VIL
-0.3
-
0.3xVCC
V
Input High Voltage
VIH
0.7xVCC
-
VCC+0.3
V
Output Low Voltage 1
VOL1
0
-
0.4
V
IOL=2.1mA, 4.0V≦VCC≦5.5V
Output Low Voltage 2
VOL2
0
-
0.2
V
IOL=100μA
Output High Voltage 1
VOH1
2.4
-
VCC
V
IOH=-0.4mA, 4.0V≦VCC≦5.5V
Output High Voltage 2
VOH2
VCC-0.2
-
VCC
V
IOH=-100μA
Input Leak Current
ILI
-10
-
10
μA
VIN=0V to VCC
Output Leak Current
ILO
-10
-
10
μA
VOUT=0V to VCC, CS=0V
Supply Current
ICC1
-
-
3.0
mA
fSK=2MHz, tE/W=4ms (WRITE)
ICC2
-
-
1.5
mA
fSK=2MHz (READ)
ICC3
-
-
3.0
mA
fSK=2MHz, tE/W=4ms (WRAL)
Standby Current
ISB
-
-
10
μA
CS=0V, DO=OPEN
AC Characteristics (Unless otherwise specified, Ta=-40℃ to +125℃, VCC=2.5V to 5.5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
SK Frequency
fSK
-
-
2
MHz
SK “H” Time
tSKH
200
-
-
ns
SK “L” Time
tSKL
200
-
-
ns
CS “L” Time
tCS
200
-
-
ns
CS Setup Time
tCSS
50
-
-
ns
DI Setup Time
tDIS
50
-
-
ns
CS Hold Time
tCSH
0
-
-
ns
DI Hold Time
tDIH
50
-
-
ns
Data “1” Output Delay Time
tPD1
-
-
200
ns
Data “0” Output Delay Time
tPD0
-
-
200
ns
Time from CS to Output establishment
tSV
-
-
150
ns
Time from CS to High-Z
tDF
-
-
150
ns
Write Cycle Time
tE/W
-
-
4
ms


Similar Part No. - BR93H66RF-2LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H66RF-2C ROHM-BR93H66RF-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H66RF-2CE2 ROHM-BR93H66RF-2CE2 Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H66RF-2CE2 ROHM-BR93H66RF-2CE2 Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
BR93H66RF-2CTR ROHM-BR93H66RF-2CTR Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
More results

Similar Description - BR93H66RF-2LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H46RF-2LB ROHM-BR93H46RF-2LB Datasheet
888Kb / 28P
   Serial EEPROM Series Industrial EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H76RF-2LB ROHM-BR93H76RF-2LB Datasheet
898Kb / 28P
   Serial EEPROM Series Industrial EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H86RF-2LB ROHM-BR93H86RF-2LB Datasheet
912Kb / 28P
   Serial EEPROM Series Industrial EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RF-2C ROHM-BR93H46RF-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFVT-2C ROHM-BR93H46RFVT-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H66RFVT-2C ROHM-BR93H66RFVT-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H86RFVM-2C ROHM-BR93H86RFVM-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H86RFVT-2C ROHM-BR93H86RFVT-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFJ-2C ROHM-BR93H46RFJ-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFVM-2C ROHM-BR93H46RFVM-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com