Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT222URKPS Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DT222URKPS
Description  An economical means of transferring power
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DT222URKPS Datasheet(HTML) 7 Page - Dallas Semiconductor

  DT222URKPS Datasheet HTML 1Page - Dallas Semiconductor DT222URKPS Datasheet HTML 2Page - Dallas Semiconductor DT222URKPS Datasheet HTML 3Page - Dallas Semiconductor DT222URKPS Datasheet HTML 4Page - Dallas Semiconductor DT222URKPS Datasheet HTML 5Page - Dallas Semiconductor DT222URKPS Datasheet HTML 6Page - Dallas Semiconductor DT222URKPS Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Eaton’s Electrical Sector is
a global leader in power
distribution, power quality,
control and automation, and
monitoring products. When
combined with Eaton’s full-scale
engineering services, these
products provide customer-
driven PowerChainE solutions
to serve the power system
needs of the data center,
industrial, institutional, public
sector, utility, commercial,
residential, IT, mission critical,
alternative energy and OEM
markets worldwide.
PowerChain solutions help
enterprises achieve sustainable
and competitive advantages
through proactive management
of the power system as a
strategic, integrated asset
throughout its life cycle,
resulting in enhanced safety,
greater reliability and energy
efficiency. For more information,
visit www.eaton.com/electrical.
Eaton Corporation
Electrical Sector
1111 Superior Ave.
Cleveland, OH 44114
United States
877-ETN-CARE (877-386-2273)
Eaton.com
© 2010 Eaton Corporation
All Rights Reserved
Printed in USA
Publication No. BR00801002E / Z10432
November 2010
PowerChain Management is a registered
trademark of Eaton Corporation.
All other trademarks are property of their
respective owners.


Similar Part No. - DT222URKPS

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DT223 SCHNEIDER-DT223 Datasheet
97Kb / 2P
   Safety switch, double throw, fusible, 100A, 240 VAC/250 VDC, 2 poles, 30 hp, NEMA 1
DT223RB SCHNEIDER-DT223RB Datasheet
101Kb / 2P
   Safety switch, double throw, fusible, 100A, 240 VAC/250 VDC, 2 poles, 30 hp, NEMA 3R, bolt on provision
logo
ITT Industries
DT22J11B202DQA ITT-DT22J11B202DQA Datasheet
306Kb / 4P
   Miniature Double Pole Rocker Switches
DT22J11B202DQA7 ITT-DT22J11B202DQA7 Datasheet
306Kb / 4P
   Miniature Double Pole Rocker Switches
DT22J11B202DQF ITT-DT22J11B202DQF Datasheet
306Kb / 4P
   Miniature Double Pole Rocker Switches
More results

Similar Description - DT222URKPS

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP460-70PFL FSP-FSP460-70PFL_15 Datasheet
147Kb / 1P
   An industrial level of switching power
FSP460-701UG FSP-FSP460-701UG_15 Datasheet
157Kb / 1P
   An industrial level of switching power
FSP460-701UH FSP-FSP460-701UH_15 Datasheet
158Kb / 1P
   An industrial level of switching power
logo
M/A-COM Technology Solu...
AN3010 MA-COM-AN3010 Datasheet
1Mb / 3P
   An Examination of Recovery Time of an Integrated Limiter/LNA
logo
Shanghai Lunsure Electr...
AR25Z CHENYI-AR25Z Datasheet
50Kb / 2P
   High power capability Economical
AR35L CHENYI-AR35L Datasheet
50Kb / 2P
   High power capability Economical
logo
Ohmite Mfg. Co.
RES-40 OHMITE-RES-40 Datasheet
378Kb / 2P
   Economical
logo
Schneider Electric
IGP05S SCHNEIDER-IGP05S Datasheet
121Kb / 2P
   Economical pressure transmitter with accuracy of 짹0.075% span
Apr 25, 2022
IAP05S SCHNEIDER-IAP05S Datasheet
121Kb / 2P
   Economical pressure transmitter with accuracy of 짹0.075% span
Apr 26, 2022
IDP05S SCHNEIDER-IDP05S Datasheet
131Kb / 2P
   Economical pressure transmitter with accuracy of 짹0.075% span
Apr 26, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com