Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24A16F-WLB Datasheet(PDF) 8 Page - Rohm

Part # BR24A16F-WLB
Description  105??Operation I2C BUS EEPROM (2-Wire)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24A16F-WLB Datasheet(HTML) 8 Page - Rohm

Back Button BR24A16F-WLB Datasheet HTML 4Page - Rohm BR24A16F-WLB Datasheet HTML 5Page - Rohm BR24A16F-WLB Datasheet HTML 6Page - Rohm BR24A16F-WLB Datasheet HTML 7Page - Rohm BR24A16F-WLB Datasheet HTML 8Page - Rohm BR24A16F-WLB Datasheet HTML 9Page - Rohm BR24A16F-WLB Datasheet HTML 10Page - Rohm BR24A16F-WLB Datasheet HTML 11Page - Rohm BR24A16F-WLB Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Datasheet
Datasheet
8/26
TSZ02201-0R1R0G100240-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
27.Feb.2014 Rev.002
www.rohm.com
TSZ22111・15・001
BR24AxxF-WLB (1K 2K 4K 8K 16K 32K 64K)
Figure 14. SCL frequency
fSCL
Figure 15. Data clock "H" time tHIGH
Figure 16. Data clock "L" time tLOW
Figure 17. Start condition hold time
tHD:STA
Typical Performance Curves‐Continued
1
10
100
1000
10000
0
1
2
3
4
5
6
Vcc[V]
Ta=105℃
Ta=25℃
Ta=-40℃
SPEC2
SPEC1
0
1
2
3
4
5
01
2
3
4
5
6
Vcc[V]
SPEC2
Ta=-40℃
Ta=25℃
Ta=105℃ SPEC1
0
1
2
3
4
5
0
1
2
3
4
5
6
Vcc[V]
SPEC2
SPEC1
Ta=105℃
Ta=25℃
Ta=-40℃
0
1
2
3
4
5
01
2
3
4
5
6
SPEC2
SPEC1
Ta=105℃
Ta=25℃
Ta=-40℃
Vcc[V]


Similar Part No. - BR24A16F-WLB

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24A16F-WM ROHM-BR24A16F-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24A16F-WME2 ROHM-BR24A16F-WME2 Datasheet
705Kb / 31P
   Serial EEPROM Series Automotive EEPROM
BR24A16F-WMTR ROHM-BR24A16F-WMTR Datasheet
705Kb / 31P
   Serial EEPROM Series Automotive EEPROM
More results

Similar Description - BR24A16F-WLB

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G02-3 ROHM-BR24G02-3_1 Datasheet
1Mb / 38P
   I2C BUS EEPROM (2-Wire)
BR24G04-3A ROHM-BR24G04-3A Datasheet
843Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3_1 Datasheet
595Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24T512-3AM ROHM-BR24T512-3AM Datasheet
1Mb / 33P
   I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3_1 Datasheet
594Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A_14 Datasheet
874Kb / 34P
   I2C BUS EEPROM (2-Wire)
BR24G01-3A ROHM-BR24G01-3A_1 Datasheet
841Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G08-3A ROHM-BR24G08-3A Datasheet
1Mb / 36P
   I2C BUS EEPROM (2-Wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com