Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

175-6-410P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 175-6-410P
Description  THERMAL COMPOUNDS, ADHESIVES AND INTERFACE MATERIALS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-6-410P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  175-6-410P Datasheet HTML 1Page - List of Unclassifed Manufacturers 175-6-410P Datasheet HTML 2Page - List of Unclassifed Manufacturers 175-6-410P Datasheet HTML 3Page - List of Unclassifed Manufacturers 175-6-410P Datasheet HTML 4Page - List of Unclassifed Manufacturers 175-6-410P Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Accessory
Products
126 SERIES THERMAL JOINT COMPOUND
Characteristics
Description
Appearance
Smooth, white homogeneous paste
Solids Content, wt %
65% min
Thermal Conductivity at 36°C
.69 W / m 0K, 4.8 (Btu)(in.)/(hr) (ft2) (°F)
Interface Thermal Resistance
0.043°C/W TO-3 at 0.0008 thick film
Bleed, 24 hrs at 200°C, wt%
0.09% max
Evaporation, 24 hrs at 200°C, wt%
0.6 max
Volume Resistivity
2.3 x 1012 ohms-cm
Dielectric Strength
200 volts/mil
Specific Gravity @ 60°F
2.93 (gm/cc)
Penetration
280 to 320
Operating Range
-40°C to 200°C
126-2
2 oz (0.6 kg) jar
126-4
4 oz (0.11 kg) tube
126-4S
4 oz (0.11 kg) syringe
126-5LB
5 lb (2.27 kg) can
The 126 Series is a nontoxic, synthetic, ester-based (nonsilicone) Thermal Joint Compound with metal oxide
fillers designed to enhance thermal performance characteristics of plastic and metal package devices exceeding
that of silicone-based compounds. Solved are problems associated with contamination of wave solder baths and
migration of silicone-based products. Shelf life: 5 years.
126 SERIES - ORDER GUIDE
Container Size
Series -
P/N
THERMAL COMPOUNDS, ADHESIVES AND INTERFACE MATERIALS
DELTABOND™152
Mixing Proportions and Working Properties
Characteristics
A4
B4
Parts of hardener per 100 parts
of resin by weight
7.5
3.5
*Working Time - at 77°F
45 min
30 min
†Initial cure time
77°F
8 hrs
6 hrs
150°F
45 min
30 min
250°F
20 min
15 minn
‡Post-cure time at a temp in °F
4 hrs @200°F
4 hrs @ 200°F
‡Alternate room temp. aging
4 days
4 days
time at 77°F
Working consistency (77°F)
viscous liquid
paste
Working viscosity (77°F) cps
25,000
DELTABOND™152
Characteristics
Hardener Type
Typical Properties Fully Cured
A4
B4
Thermal conductivity -
W/(m) (°K)
0.836
0.908
(Btu) (in.)/(hr) (ft2) (°F)
5.8
6.3
Thermal resistivity - (°C) (in.)watt
47
42
Bond shear strength
77°F
2,900
2,300
1 in. overlap - psi
125°F
2,200
2,000
etched aluminum to
etched aluminum
212°F
400
800
Heat distortion point - °F
130
225
Minimum dielectric strength,
v/mil, 0.125 in. sample
400
400
Max operation
Continuous
65
150
temp - °C
Intermittent
100
190
DELTABOND™152
Ordering Guide - Resin and Hardener
Resin
Hardener
Part No.
Container
Part Number
152-1A
Bi-Pack (1 oz)
Included in PIN 152-1 A (“A-4”) Type
DeltaBond™ 152
152-1B
Bi-Pack (1 oz)
Included in P/N 152-1 B (“B-4”) Type
152-KA
Kit (7 oz Resin, 0.5 oz Hardener)
lncluded in P/N 152-KA
152-Q
1 quart (4 lbs)
A-4 (0.316 lb), B-4 (0.14 lb), (order 1 only)
DeltaBond™ 152 adhesive is ideal for general cementing; thermally bonding semiconductors and components to
chassis or heat sinks, while electrically isolating one from the other; fabricating heat sinks or thermal links; and
for all permanent bonding of assemblies which require high thermally conductive interfaces. It produces a rigid,
high strength bond to most materials when cured. DeltaBond™ 152 is available in bi-packs, kits, and quarts.
Order one bottle of hardener A-4 or B-4 per one quart of DeltaBond™ 152 separately. Shelf life: 152KA 1 year,
all others 2 years.
All hardener
part numbers
A-4, B-4
NOTES:
* Since the hardener/resin reaction is exothermic, it is important that batch size be matched to hardener speed. Working times given are for approximate batch sizes: A—200 gms,
B—200 gms. Larger batch sizes will greatly reduce working time.
** For optimum electrical properties, dry parts for 15 minutes at 150°F (65°C) or 30 minutes at 75°F (24°C) to slowly evaporate the thinner and then final cure for 4 hours at 275°F
(135°C).
† After initial cure, material may be handled, removed from fixture, etc., but has not yet achieved full properties and should be room temperature aged or post-cured as shown to
achieve full physical and electrical properties.
‡ After initial cure, material may be brought to full physical and electrical properties during post-cure or may be room temperature aged for charted length of time to achieve same
full properties.
The information contained herein is based on data believed to be reliable but we do not assume responsibility for accuracy. All such information is used at the customer's own risk,
conditions of use being beyond our control.
Model
Number
DeltaBond™ 152
126 SERIES
65
WTS001_p50-68
6/14/07
10:46 AM
Page 65
3
3
3


Similar Part No. - 175-6-410P

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
175-60.0M-10-05GO OSCILENT-175-60.0M-10-05GO Datasheet
135Kb / 2P
   High Frequency Quartz
175-60.0M-10-05GR OSCILENT-175-60.0M-10-05GR Datasheet
135Kb / 2P
   High Frequency Quartz
175-60.0M-10-05GS OSCILENT-175-60.0M-10-05GS Datasheet
135Kb / 2P
   High Frequency Quartz
175-60.0M-10-05GT OSCILENT-175-60.0M-10-05GT Datasheet
135Kb / 2P
   High Frequency Quartz
175-60.0M-10-05GW OSCILENT-175-60.0M-10-05GW Datasheet
135Kb / 2P
   High Frequency Quartz
More results

Similar Description - 175-6-410P

ManufacturerPart #DatasheetDescription
logo
T-Global Technology
TG-V TGLOBAL-TG-V Datasheet
357Kb / 1P
   Thermal Phase Change Materials
20230721
logo
Tyco Electronics
S1125-KIT-5 MACOM-S1125-KIT-5 Datasheet
96Kb / 8P
   Adhesives
logo
3M Electronics
DP-820 3M-DP-820 Datasheet
32Kb / 8P
   Acrylic Adhesives
DP100 3M-DP100 Datasheet
539Kb / 8P
   Epoxy Adhesives
501FL 3M-501FL Datasheet
132Kb / 3P
   Ultra-clean Laminating Adhesives 501FL and 502FL
logo
Amphenol Corporation
925-127P-51P AMPHENOL-925-127P-51P Datasheet
110Kb / 1P
   MATERIALS AND FINISHES
925-128C-51A AMPHENOL-925-128C-51A Datasheet
115Kb / 1P
   MATERIALS AND FINISHES
925-118C-51S AMPHENOL-925-118C-51S Datasheet
145Kb / 1P
   MATERIALS AND FINISHES
925-120C-51R AMPHENOL-925-120C-51R Datasheet
114Kb / 1P
   MATERIALS AND FINISHES
925-123C-51A AMPHENOL-925-123C-51A Datasheet
127Kb / 1P
   MATERIALS AND FINISHES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com