Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT222URH Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DT222URH
Description  An economical means of transferring power
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DT222URH Datasheet(HTML) 3 Page - Dallas Semiconductor

  DT222URH Datasheet HTML 1Page - Dallas Semiconductor DT222URH Datasheet HTML 2Page - Dallas Semiconductor DT222URH Datasheet HTML 3Page - Dallas Semiconductor DT222URH Datasheet HTML 4Page - Dallas Semiconductor DT222URH Datasheet HTML 5Page - Dallas Semiconductor DT222URH Datasheet HTML 6Page - Dallas Semiconductor DT222URH Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Double-throw heavy-duty
non-fusible safety switches
Double-throw heavy-duty
fusible safety switches
Double-throw 240 and
600 Vac heavy-duty, fusible
Specifications
30–600A
Horsepower rated
Suitable for service entrance
use with neutral or ground
lug kit installed
Suitable for use as a
manually operated switch
per 2005 NEC Article 702
UL listed File No E5239
Features
Palm-fitting, visible red handle
Tri-lingual nameplate
Side opening doors on
all enclosures
Clear line shield to prevent
accidental contact with
energized parts; probe holes
enable line side testing
without removing the shield
Wiring configuration from
factory allows a single load
to be supplied by a normal
or alternate source; can be
modified to allow two loads
to be alternately supplied
by a single power source
Visible, embossed red
ON-OFF indication
Tangential knockouts
(30–100A) on top and bottom
endwall (bottom only on
NEMA 3R); concentric knock-
outs on higher ratings, and
sides and rear of 30–100A
Lockable door hasp
Lockable handle
Three-point mounting
(30–100A)
Four-point mounting
(200–600A)
Terminals suitable for 60º
or 75ºC Al or Cu wire on
30–100A; 75ºC Al or Cu wire
on higher ratings
Rounded shroud
Full range of accessories
Door cannot be opened
with the switch ON.
Switch cannot be turned ON
with door open (without oper-
ating interlock defeater)
Suitable for use on a circuit
capable of delivering not
more than 100,000 rms sym-
metrical amperes when pro-
tected by Class R or J fuses
(30–200A); R, T or J fuses
(400–600A). Short-circuit rat-
ing is 10,000 rms symmetrical
amperes when protected by
any other overcurrent protec-
tive device
Double-break visible rotary
blades; quick-make, quick-
break operation
Double-throw 240 and
600 Vac heavy-duty,
non-fusible
Specifications
30–800A
Horsepower rated
Suitable for service entrance
use with neutral or ground
lug kit installed
Suitable for use as a
manually operated switch per
2005 NEC Article 702
UL listed File No. E5239
Features
Palm-fitting, visible red handle
Tri-lingual nameplate
Side opening doors on
all enclosures
Visible, embossed red
ON-OFF indication
Tangential knockouts
(30–100A) on top and bot-
tom endwall (bottom only on
NEMA 3R); concentric knock-
outs on higher ratings, and
sides and rear of 30–100A
Lockable door hasp
Lockable handle
Three-point mounting
(30–100A)
Four-point mounting
(200–800A)
Terminals suitable for 60º
or 75ºC Al or Cu wire on
30–100A; 75ºC Al or Cu wire
on higher ratings
Rounded shroud
Full range of accessories
Door cannot be opened
with the switch ON; switch
cannot be turned ON with
door open (without operating
interlock defeater)
Suitable for use on a circuit
capable of delivering not more
than 100,000 rms symmetrical
amperes when protected by
Class R or J fuses (30–200A);
R, T or J fuses (400–800A).
Short-circuit rating is 10,000
rms symmetrical amperes
when protected by any other
overcurrent protective device
Double-break visible rotary
blades; quick-make, quick-
break operation
DT363FGK
Double-throw Heavy-Duty Fusible
Safety Switch, 100A, 600V
DT363URK
Double-throw Heavy-Duty Non-
Fusible Safety Switch, 100A, 600V
Double-Throw 240 Vac Heavy-Duty, Fusible
Ampere
Rating
Main
and
Standby
Fuse Class
Provision
Maximum Horsepower Ratings
with Time-Delay Fuses
NEMA 1
Enclosure Indoor
NEMA 3R
Enclosure Rainproof
Single-Phase
240 Vac
Three-Phase
240 Vac
250 Vdc
Catalog
Number
Catalog
Number
Two-Pole—240 Vac—250 Vdc
200
H
15
40
DT224FGK
DT224FRK
Three-Pole—240 Vac—250 Vdc
30
60
100
200
400
6001
H
H
H
H
H
T
3
10
15
15
7-1/2
15
30
60
125
50
5
10
20
40
50
50
DT321FGK
DT322FGK
DT323FGK
DT324FGK
DT325FGK
DT326FGK
DT321FRK
DT322FRK
DT323FRK
DT324FRK
DT325FRK
DT326FRK
A
Onlyavailableforusewithfast-actingfuses.Standardhpratingisshown.
Double-Throw 600 Vac Heavy-Duty, Fusible
Ampere
Rating
Main
and
Standby
Fuse Class
Provision
Maximum Horsepower Ratings
with Time-Delay Fuses
NEMA 1
Enclosure
Indoor
NEMA 3R
Enclosure
Rainproof
NEMA 4X Enclosure,
Corrosion-Resistant
Stainless Steel
Single-Phase
Three-Phase
480
Vac
600
Vac
480
Vac
600
Vac
250
Vdc
Catalog
Number
Catalog
Number
Catalog
Number
Three-Pole—600 Vac—250 Vdc
30
60
100
200
400
H
H
H
H
T
7-1/2
20
30
50
10
25
40
50
15
30
60
125
250
20
50
75
150
350
40
50
DT361FGK
DT362FGK
DT363FGK
DT364FGK
DT365FGK
DT363FRK
DT364FRK
DT365FRK
DT361FWK
DT362FWK
DT363FWK
DT364FWK
DT365FWK
ON
ON
OFF
Fusible
Two-Pole
Two Sources
ON
ON
OFF
Fusible
Two-Pole
Two Loads
ON
ON
OFF
Fusible
Three-Pole
Two Sources
ON
ON
OFF
Fusible
Three-Pole
Two Loads
Fusible
Three-Pole
Two Sources
ON
ON
OFF
Fusible
Three-Pole
Two Loads
Double-Throw 240 Vac Heavy-Duty, Non-Fusible
Ampere
Rating Main
and Standby
Maximum Horsepower
Ratings
NEMA 1
Enclosure
Indoor
NEMA 3R
Enclosure
Rainproof
Single-
Phase
Three-Phase
240 Vac
240 Vac
250 Vdc
Catalog
Number
Catalog
Number
Non-Fusible Two-Pole—240 Vac—250 Vdc
30
60
100
200
400
600
3
10
20
15
5
10
20
40
50
DT221UGK
DT222UGK
DT223UGK
DT224UGK
DT225UGK
DT226UGK
DT224URK
DT225URK
Non Fusible Three-Pole—240 Vac—250 Vdc
30
60
100
200
400
600
800
800
3
10
20
15
10
20
40
60
125
125
125
125
5
10
20
40
50
50
50
50
DT321UGK
DT322UGK
DT323UGK
DT324UGK
DT325UGK
DT326UGK
DT327UGK 12
DT327UGK-N
DT323URK
DT324URK
DT325URK
A
Warning:Switchisnotapprovedforserviceentrance.
B
Field-installableneutralkitisnotavailable.Ifaneutralisrequired,orderthecatalognumbershowninthetablewith“N”suffix.
ON
OFF
ON
Non-Fusible
2-Pole
Two Sources or Two Loads
ON
OFF
ON
Non-Fusible
3-Pole
Two Sources or Two Loads
ON
OFF
ON
S/N
Non-Fusible
3-Pole with Neutral
Two Sources or Two Loads
4
EATON CORPORATION Double-throw safety switch
5
EATON CORPORATION Double-throw safety switch


Similar Part No. - DT222URH

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DT223 SCHNEIDER-DT223 Datasheet
97Kb / 2P
   Safety switch, double throw, fusible, 100A, 240 VAC/250 VDC, 2 poles, 30 hp, NEMA 1
DT223RB SCHNEIDER-DT223RB Datasheet
101Kb / 2P
   Safety switch, double throw, fusible, 100A, 240 VAC/250 VDC, 2 poles, 30 hp, NEMA 3R, bolt on provision
logo
ITT Industries
DT22J11B202DQA ITT-DT22J11B202DQA Datasheet
306Kb / 4P
   Miniature Double Pole Rocker Switches
DT22J11B202DQA7 ITT-DT22J11B202DQA7 Datasheet
306Kb / 4P
   Miniature Double Pole Rocker Switches
DT22J11B202DQF ITT-DT22J11B202DQF Datasheet
306Kb / 4P
   Miniature Double Pole Rocker Switches
More results

Similar Description - DT222URH

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP460-70PFL FSP-FSP460-70PFL_15 Datasheet
147Kb / 1P
   An industrial level of switching power
FSP460-701UG FSP-FSP460-701UG_15 Datasheet
157Kb / 1P
   An industrial level of switching power
FSP460-701UH FSP-FSP460-701UH_15 Datasheet
158Kb / 1P
   An industrial level of switching power
logo
M/A-COM Technology Solu...
AN3010 MA-COM-AN3010 Datasheet
1Mb / 3P
   An Examination of Recovery Time of an Integrated Limiter/LNA
logo
Shanghai Lunsure Electr...
AR25Z CHENYI-AR25Z Datasheet
50Kb / 2P
   High power capability Economical
AR35L CHENYI-AR35L Datasheet
50Kb / 2P
   High power capability Economical
logo
Ohmite Mfg. Co.
RES-40 OHMITE-RES-40 Datasheet
378Kb / 2P
   Economical
logo
Schneider Electric
IGP05S SCHNEIDER-IGP05S Datasheet
121Kb / 2P
   Economical pressure transmitter with accuracy of 짹0.075% span
Apr 25, 2022
IAP05S SCHNEIDER-IAP05S Datasheet
121Kb / 2P
   Economical pressure transmitter with accuracy of 짹0.075% span
Apr 26, 2022
IDP05S SCHNEIDER-IDP05S Datasheet
131Kb / 2P
   Economical pressure transmitter with accuracy of 짹0.075% span
Apr 26, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com