Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

175-6-320P Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 175-6-320P
Description  THERMAL COMPOUNDS, ADHESIVES AND INTERFACE MATERIALS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-6-320P Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  175-6-320P Datasheet HTML 1Page - List of Unclassifed Manufacturers 175-6-320P Datasheet HTML 2Page - List of Unclassifed Manufacturers 175-6-320P Datasheet HTML 3Page - List of Unclassifed Manufacturers 175-6-320P Datasheet HTML 4Page - List of Unclassifed Manufacturers 175-6-320P Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Accessory
Products
67
DeltaBond™ 156
DeltaBond™ 155
THERMAL COMPOUNDS, ADHESIVES AND INTERFACE MATERIALS
DELTABOND™156
Ordering Guide - Resin and Hardener
Resin
Hardener
Part No.
Container
Part Number
DeltaBond™ 156
156-K
DELTABOND™155
Mixing Proportions and Working Properties
Parts of hardener per 100 parts of resin
by volume 100
*Working Time - at 77°F
90 min
†Initial cure time
77°F
8 hrs
150°F
45 min
250°F
20 min
‡Post-cure time at a temp in °F
4 hrs @ 200°F
‡Alternate room temp. aging time at 77°F
4 days
Working consistency (77°F)
paste
Working viscosity (77°F) cps
paste
DELTABOND™155
Ordering Guide - Resin and Hardener
Resin
Hardener
Part No.
Container
Part Number
DeltaBond™ 155
155
Kit (3 oz resin, 3 oz hardener)
Included in P/N 155
DELTABOND™155
Characteristics
Typical Properties Fully Cured
Thermal conductivity -
W/(m) (°K)
0.836
(Btu) (in.)/(hr) (ft2) (°F)
5.8
Thermal resistivity - (°C) (in.)watt
47
Bond shear strength
77°F
2,600
1 in. overlap - psi
125°F
etched aluminum to
etched aluminum
212°F
Heat distortion point - °F
130
Minimum dielectric strength,
v/mil, 0.125 in. sample
400
Max operation
Continuous
65
temp - °C
Intermittent
100
DeItaBond™ 155 is an epoxy adhesive formulated for use within the semiconductor industry. An easy to mix spread
thixotropic paste, it offers high heat transfer, low shrinkage, and a coefficient of thermal expansion comparable to that of
copper and aluminum. This adhesive is principally used to form thermally conductive joints in fabricated heat sinks and
between heat sinks and power devices. When used to bond semiconductors to heat sinks, it also serves as an electrical
insulator. Its strong bond to a wide variety of substrates resists severe temperature cycling. DeItaBond™ 155 is only
available in kit size. Simply squeeze out equal lengths and mix to uniform color. Shelf life: 1 year.
DeltaBond™ 156 Thermally Conductive Adhesive is a modified acrylic adhesive designed for permanent mounting on
components where heat must be effectively transmitted. Recommended for electromechanical assemblies to bond com-
ponents and dissipate heat, it replaces mechanical fasteners and compressible pads, silicone grease, and epoxies; elimi-
nates air entrapment, and other variables related to epoxy mixing. This soft paste requires no mixing and flows easily to
allow thin bond lines. Primer activated, cure begins upon assembly. DeltaBond™ Activator fixtures at room temperature
in less than 5 minutes. Full strength is developed in 4 to 12 hours and fillets become dry to the touch in 24 hours. It is
not recommended to use this durable adhesive without the use of DeltaBond™ Activator. DeltaBond™ 156 is available in
kit size; order 156-K (25 ml Syringe and Activator Kit). Shelf life: 1 year.
DELTABOND™156
Characteristics
Typical Properties Fully Cured
Test
Results
ASTM
Temperature Range
-65 to 300° F
(-54 to 149° C)
300° F to (177° C)
Intermittent
Tensile Strength, at break
2360 psi
D638
Modulus
233,000 psi
D638
Elongation, at break
7.75%
D638
Outgassing
2.5% TLM
E595
0.05% CVCM
Coefficient of Thermal Expansion
7.1 x 10 -4 (cm/cm°C)
Tensile Shear
2500psi
D1002
Thermal Conductivity, K
3.47 Btu x in./hr ft2 °F
(absolute at 86° F (30° C)
(0.50 W/m °C)
DELTABOND™156
Typical Electrical Properties
Test
Results
ASTM
Dielectric Strength
220 volts/mil
D149
Dielectric Constant, 77°F (25°C)
D150
100 Hz
14.92
1000 Hz
14.26
1MM Hz
12.34
Dissipaton Factor, 77°F (25°C)
D150
100 Hz
0.05
1000 Hz
0.03
1MM Hz
0.06
Volume Resistivity
5.2x1011 (ohms-cm)
D257
Surface Resistivity
8.6 x 1013 (ohms)
D257
Description
Note: The absolute thermal conductivity test was developed specifically
for measuring thermal properties of thin film adhesive bonds.
Note: DeltaBond™ Thermally Conductive Adhesive-High Strength
contains a metallic filler which, in certain applications, may have an
effect on electrical properties. Therefore, test each particular appli-
cation to ensure that electrical properties are as required.
Resin Kit Hardener Syringe - 0.85 fl oz - 25 ml - 2 oz
net/0.44 oz fl contents bottle -12ml
Included in kit hardener with brush applicator -
4.2 oz total wt/kt
* Since the hardener/resin reaction is exothermic, it is important that batch size be matched to hardener speed. Working times given are for approximate batch sizes: A—200 gms,
B—200 gms. Larger batch sizes will greatly reduce working time.
† After initial cure, material may be handled, removed from fixture, etc., but has not yet achieved full properties and should be room temperature aged or post-cured as shown to
achieve full physical and electrical properties.
‡ After initial cure, material may be brought to full physical and electrical properties during post-cure or may be room temperature aged for charted length of time to achieve same
full properties.
The information contained herein is based on data believed to be reliable but we do not assume responsibility for accuracy. All such information is used at the customer's own risk,
conditions of use being beyond our control.
Hardener Type
DeltaBond™155
Model
Number
Model
Number
WTS001_p50-68
6/14/07
10:46 AM
Page 67
3


Similar Part No. - 175-6-320P

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
175-60.0M-10-05GO OSCILENT-175-60.0M-10-05GO Datasheet
135Kb / 2P
   High Frequency Quartz
175-60.0M-10-05GR OSCILENT-175-60.0M-10-05GR Datasheet
135Kb / 2P
   High Frequency Quartz
175-60.0M-10-05GS OSCILENT-175-60.0M-10-05GS Datasheet
135Kb / 2P
   High Frequency Quartz
175-60.0M-10-05GT OSCILENT-175-60.0M-10-05GT Datasheet
135Kb / 2P
   High Frequency Quartz
175-60.0M-10-05GW OSCILENT-175-60.0M-10-05GW Datasheet
135Kb / 2P
   High Frequency Quartz
More results

Similar Description - 175-6-320P

ManufacturerPart #DatasheetDescription
logo
T-Global Technology
TG-V TGLOBAL-TG-V Datasheet
357Kb / 1P
   Thermal Phase Change Materials
20230721
logo
Tyco Electronics
S1125-KIT-5 MACOM-S1125-KIT-5 Datasheet
96Kb / 8P
   Adhesives
logo
3M Electronics
DP-820 3M-DP-820 Datasheet
32Kb / 8P
   Acrylic Adhesives
DP100 3M-DP100 Datasheet
539Kb / 8P
   Epoxy Adhesives
501FL 3M-501FL Datasheet
132Kb / 3P
   Ultra-clean Laminating Adhesives 501FL and 502FL
logo
Amphenol Corporation
925-127P-51P AMPHENOL-925-127P-51P Datasheet
110Kb / 1P
   MATERIALS AND FINISHES
925-128C-51A AMPHENOL-925-128C-51A Datasheet
115Kb / 1P
   MATERIALS AND FINISHES
925-118C-51S AMPHENOL-925-118C-51S Datasheet
145Kb / 1P
   MATERIALS AND FINISHES
925-120C-51R AMPHENOL-925-120C-51R Datasheet
114Kb / 1P
   MATERIALS AND FINISHES
925-123C-51A AMPHENOL-925-123C-51A Datasheet
127Kb / 1P
   MATERIALS AND FINISHES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com