Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24A64F-WLBH2 Datasheet(PDF) 10 Page - Rohm

Part # BR24A64F-WLBH2
Description  105??Operation I2C BUS EEPROM (2-Wire)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24A64F-WLBH2 Datasheet(HTML) 10 Page - Rohm

Back Button BR24A64F-WLBH2 Datasheet HTML 6Page - Rohm BR24A64F-WLBH2 Datasheet HTML 7Page - Rohm BR24A64F-WLBH2 Datasheet HTML 8Page - Rohm BR24A64F-WLBH2 Datasheet HTML 9Page - Rohm BR24A64F-WLBH2 Datasheet HTML 10Page - Rohm BR24A64F-WLBH2 Datasheet HTML 11Page - Rohm BR24A64F-WLBH2 Datasheet HTML 12Page - Rohm BR24A64F-WLBH2 Datasheet HTML 13Page - Rohm BR24A64F-WLBH2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Datasheet
Datasheet
10/26
TSZ02201-0R1R0G100240-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
27.Feb.2014 Rev.002
www.rohm.com
TSZ22111・15・001
BR24AxxF-WLB (1K 2K 4K 8K 16K 32K 64K)
Figure 22. Input data setup time tSU:DAT(LOW)
Figure 23. Output data delay time tPD0
Figure 24. Output data delay time
tPD1
Figure 25. Bus release time before transfer start tBUF
Typical Performance Curves‐Continued
-200
-100
0
100
200
300
0
1
2
3
4
5
6
Vcc[V]
Ta=-40℃
Ta=105℃
Ta=25℃
SPEC1
SPEC2
0
1
2
3
4
5
012
3
4
56
Vcc[V]
SPEC2
SPEC1
Ta=-40℃
Ta=25℃
Ta=105℃
0
1
2
3
4
01
2
3
4
5
6
Vcc[V
]
Ta=105
Ta=25
Ta=-40
SPEC
2
SPEC
1
SPEC
2
SPEC
1
0
1
2
3
4
0
1
2
3
4
5
6
Vcc[V]
SPEC1
SPEC2
SPEC2
Ta=-40℃
Ta=25℃
Ta=105℃
SPEC1


Similar Part No. - BR24A64F-WLBH2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24A64F-WM ROHM-BR24A64F-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24A64F-WME2 ROHM-BR24A64F-WME2 Datasheet
705Kb / 31P
   Serial EEPROM Series Automotive EEPROM
BR24A64F-WMTR ROHM-BR24A64F-WMTR Datasheet
705Kb / 31P
   Serial EEPROM Series Automotive EEPROM
More results

Similar Description - BR24A64F-WLBH2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G02-3 ROHM-BR24G02-3_1 Datasheet
1Mb / 38P
   I2C BUS EEPROM (2-Wire)
BR24G04-3A ROHM-BR24G04-3A Datasheet
843Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3_1 Datasheet
595Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24T512-3AM ROHM-BR24T512-3AM Datasheet
1Mb / 33P
   I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3_1 Datasheet
594Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A_14 Datasheet
874Kb / 34P
   I2C BUS EEPROM (2-Wire)
BR24G01-3A ROHM-BR24G01-3A_1 Datasheet
841Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3_16 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
BR24G08-3A ROHM-BR24G08-3A Datasheet
1Mb / 36P
   I2C BUS EEPROM (2-Wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com