Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25H020F-2LB Datasheet(PDF) 4 Page - Rohm

Part # BR25H020F-2LB
Description  Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H020F-2LB Datasheet(HTML) 4 Page - Rohm

  BR25H020F-2LB Datasheet HTML 1Page - Rohm BR25H020F-2LB Datasheet HTML 2Page - Rohm BR25H020F-2LB Datasheet HTML 3Page - Rohm BR25H020F-2LB Datasheet HTML 4Page - Rohm BR25H020F-2LB Datasheet HTML 5Page - Rohm BR25H020F-2LB Datasheet HTML 6Page - Rohm BR25H020F-2LB Datasheet HTML 7Page - Rohm BR25H020F-2LB Datasheet HTML 8Page - Rohm BR25H020F-2LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
BR25H020F-2LB
4/28
Datasheet
Datasheet
www.rohm.com
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
27.Feb.2014 Rev.002
TSZ02201-0R1R0G100310-1-2
AC characteristics (Ta=-40°C to +125°C, unless otherwise specified, load capacity CL1=100pF)
Parameter
Symbol
2.5V≦VCC≦5.5V
4.5V≦VCC≦5.5V
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
SCK Frequency
fSCK
5
10
MHz
SCK High Time
tSCKWH
85
40
ns
SCK Low Time
tSCKWL
85
40
ns
CSB High Time
tCS
85
40
ns
CSB Setup Time
tCSS
90
30
ns
CSB Hold Time
tCSH
85
30
ns
SCK Setup Time
tSCKS
90
30
ns
SCK Hold Time
tSCKH
90
30
ns
SI Setup Time
tDIS
20
10
ns
SI Hold Time
tDIH
30
10
ns
Data Output Delay Time1
tPD1
60
40
ns
Data Output Delay Time2
(CL2=30pF)
tPD2
50
30
ns
Output Hold Time
tOH
0
0
ns
Output Disable Time
tOZ
100
40
ns
HOLDB Setting
Setup Time
tHFS
0
0
ns
HOLDB Setting
Hold Time
tHFH
40
30
ns
HOLDB Release
Setup Time
tHRS
0
0
ns
HOLDB Release
Hold Time
tHRH
70
30
ns
Time from HOLDB
to Output High-Z
tHOZ
100
40
ns
Time from HOLDB
to Output Change
tHPD
60
40
ns
SCK Rise Time
*1
tRC
1
1
μs
SCK Fall Time
*1
tFC
1
1
μs
OUTPUT Rise Time
*1
tRO
40
40
ns
OUTPUT Fall Time
*1
tFO
40
40
ns
Write Time
tE/W
4
4
ms
*1 NOT 100% TESTED
AC measurement conditions
Parameter
Symbol
Limits
Unit
Min.
Typ.
Max.
Load Capacity 1
CL1
100
pF
Load Capacity 2
CL2
30
pF
Input Rise Time
50
ns
Input Fall Time
50
ns
Input Voltage
0.2VCC/0.8VCC
V
Input / Output
Judgment Voltage
0.3VCC/0.7VCC
V
0.7Vcc
0.2Vcc
0.8Vcc
Input Voltage
0.3Vcc
Input/Output judgement voltage
Figure 1. Input/Output judgment voltage


Similar Part No. - BR25H020F-2LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H020F-2LB ROHM-BR25H020F-2LB_14 Datasheet
982Kb / 32P
   Operation SPI BUS EEPROM
More results

Similar Description - BR25H020F-2LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H320F-2LB ROHM-BR25H320F-2LB Datasheet
963Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H010F-2LB ROHM-BR25H010F-2LB Datasheet
987Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H160F-2LB ROHM-BR25H160F-2LB Datasheet
986Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H640F-2LB ROHM-BR25H640F-2LB Datasheet
959Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H040F-2LB ROHM-BR25H040F-2LB Datasheet
988Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H128F-2LB ROHM-BR25H128F-2LB Datasheet
995Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H080F-2LB ROHM-BR25H080F-2LB Datasheet
986Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H040FVM-2C ROHM-BR25H040FVM-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H010-2C ROHM-BR25H010-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
BR25H020-2C ROHM-BR25H020-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com