Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3SMC20A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 3SMC20A
Description  SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

3SMC20A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  3SMC20A Datasheet HTML 1Page - Central Semiconductor Corp 3SMC20A Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Semiconductor Corp.
TM
3SMC5.0A
THRU
3SMC170A
SURFACE MOUNT UNI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
TRANSIENT VOLTAGE SUPPRESSOR
3000 WATTS, 5.0 THRU 170 VOLTS
DESCRIPTION
The
CENTRAL
SEMICONDUCTOR
3SMC5.0A Series types are Surface Mount
Uni-Directional Glass Passivated Junction
Transient Voltage Suppressors designed to
protect voltage sensitive components from
high voltage transients. THIS DEVICE IS
MANUFACTURED WITH A GLASS PASSI-
VATED CHIP FOR OPTIMUM RELIABILITY.
Note: For Bi-directional devices, please refer
to the 3SMC5.0CA Series data sheet.
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Power Dissipation
PDM
3000
W
Peak Forward Surge Current (JEDEC Method)
IFSM
200
A
Operating and Storage
Junction Temperature
TJ,Tstg
65 to +150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
SMC CASE
REVERSE
BREAKDOWN
VOLTAGE
MAXIMUM
MAXIMUM
MAXIMUM
STAND-OFF
REVERSE
CLAMPING
PEAK PULSE
MARKING
TYPE NO.
VOLTAGE
VBR
@
IT
LEAKAGE
VOLTAGE
CURRENT
CODE
@ V
RWM
@ I
PPM
VRWM
VOLTS
IR
VC
IPPM
VOLTS
MIN
MAX
mA
?A
VOLTS
A
3SMC5.0A
5.0
6.40
7.25
10
1000
9.2
326.0
CHDE
3SMC6.0A
6.0
6.67
7.67
10
1000
10.3
291.3
CHDG
3SMC6.5A
6.5
7.22
8.30
10
500
11.2
267.9
CHDK
3SMC7.0A
7.0
7.78
8.95
10
200
12.0
250.0
CHDM
3SMC7.5A
7.5
8.33
9.58
1.0
100
12.9
232.6
CHDP
3SMC8.0A
8.0
8.89
10.23
1.0
50
13.6
220.6
CHDR
3SMC8.5A
8.5
9.44
10.82
1.0
25
14.4
208.4
CHDT
3SMC9.0A
9.0
10.0
11.5
1.0
10
15.4
194.8
CHDV
3SMC10A
10
11.1
12.8
1.0
5.0
17.0
176.4
CHDX
3SMC11A
11
12.2
14.0
1.0
5.0
18.2
184.8
CHDZ
3SMC12A
12
13.3
15.3
1.0
5.0
19.9
150.6
CHEE
3SMC13A
13
14.4
16.5
1.0
5.0
21.5
139.4
CHEG


Similar Part No. - 3SMC20A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
3SMC20A CENTRAL-3SMC20A Datasheet
663Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS
More results

Similar Description - 3SMC20A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
3SMC50CA CENTRAL-3SMC50CA Datasheet
141Kb / 2P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
1SMC50A CENTRAL-1SMC50A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
CMF50A CENTRAL-CMF50A Datasheet
86Kb / 2P
   UNI-DIRECTIONAL SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS, 5.0 THRU 170 VOLTS
1SMB50CA CENTRAL-1SMB50CA Datasheet
97Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMC50CA CENTRAL-1SMC50CA Datasheet
144Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMC5.0CA CENTRAL-1SMC5.0CA_11 Datasheet
651Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMB5.0CA CENTRAL-1SMB5.0CA_11 Datasheet
787Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
3SMC5.0A CENTRAL-3SMC5.0A_09 Datasheet
663Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS
C4SMAFL8.5A CENTRAL-C4SMAFL8.5A Datasheet
1,002Kb / 3P
   SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 400 WATTS, 8.5 THRU 170 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com