Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S12571-100p Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S12571-100p
Description  multi-pixel photon counter)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S12571-100p Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S12571-100p Datasheet HTML 1Page - Hamamatsu Corporation S12571-100p Datasheet HTML 2Page - Hamamatsu Corporation S12571-100p Datasheet HTML 3Page - Hamamatsu Corporation S12571-100p Datasheet HTML 4Page - Hamamatsu Corporation S12571-100p Datasheet HTML 5Page - Hamamatsu Corporation S12571-100p Datasheet HTML 6Page - Hamamatsu Corporation S12571-100p Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MPPC® (multi-pixel photon counter)
S12571-025, -050, -100C/P
Low afterpulse, for general measurement
Photosensitive area: 1 × 1 mm
1
www.hamamatsu.com
The S12571 series are general-purpose MPPC with drastically reduced afterpulses compared to our previously marketed
products. By widening the operating voltage range and improving the time resolution and photon detection efficiency, the
S12571 series offer the characteristics needed for a variety of applications. These MPPCs have a photosensitive area of 1 × 1
mm and are available in a ceramic package or surface mount type.
Superior photon counting capability
(superior photon detection efficiency against incident photons)
Fluorescence measurement
MPPC module
C11205-150
Flow cytometry
DNA sequencer
Environmental analysis
PET
High energy physics experiment
Operates at room temperature
Significantly reduced afterpulses
(compared to previous products)
Low voltage (100 V or less) operation
High gain: 105 to 106
Immune to the effects of magnetic fields
Superior time resolution
Compact
Operates with simple readout circuits
MPPC module also available (sold separately)
Related product (sold separately)
When an MPPC detects photons, the output may contain spurious signals appearing with a time delay from the light input to the MPPC.
These signals are called afterpulses. Compared to our previously marketed products, the S12571 series have drastically reduced afterpulses
due to use of improved materials and wafer process technologies. Reducing afterpulses brings various benefits such as a better S/N, a
wider operating voltage range, and improved time resolution and photon detection efficiency in high voltage regions.
Applications
Features
(M=1.25 × 106)
10 ns
(M=1.25 × 106)
10 ns
Pulse waveform comparison
Low afterpulse
Previous product
S12571 series


Similar Part No. - S12571-100p

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S12571-010C HAMAMATSU-S12571-010C Datasheet
831Kb / 6P
   multi-pixel photon counter
S12571-010 HAMAMATSU-S12571-010_15 Datasheet
870Kb / 6P
   Low afterpulses, wide dynamic range, for high-speed measurement Photosensitive area: 1 x 1 mm
More results

Similar Description - S12571-100p

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S12571-010C HAMAMATSU-S12571-010C Datasheet
831Kb / 6P
   multi-pixel photon counter
S12572-010C HAMAMATSU-S12572-010C Datasheet
396Kb / 6P
   multi-pixel photon counter
C11202 HAMAMATSU-C11202_15 Datasheet
380Kb / 5P
   Single pixel photon counting module for low-light-level detection
logo
FOTEK CONTROLS CO., LTD...
MC-441 FOTEK-MC-441 Datasheet
887Kb / 2P
   Multi-function UP/Down counter
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
logo
FOTEK CONTROLS CO., LTD...
SC-3X FOTEK-SC-3X Datasheet
2Mb / 4P
   DIN 72X72 MULTI-FUNCTION COUNTER
logo
GE Solid State
CNY48 GESS-CNY48 Datasheet
91Kb / 2P
   PHOTON COUPLED ISOLATOR
logo
Hamamatsu Corporation
B749 HAMAMATSU-B749 Datasheet
105Kb / 2P
   Photon drag detector
logo
GE Solid State
CNY51 GESS-CNY51 Datasheet
166Kb / 4P
   PHOTON COUPLED LSOLATOR
logo
List of Unclassifed Man...
H74A1 ETC-H74A1 Datasheet
59Kb / 2P
   PHOTON COUPLED ISOLATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com